PART |
Description |
Maker |
DS1992 |
(DS1992 / DS1993) 1kbit/4kbit Memory iButtonTM DS1994 4-kbit Plus Time Memory iButtonTM
|
Dallas Semiconductor
|
BR24G64F-3AGTE2 BR24G64FVM-3A BR24G64FJ-3A BR24G64 |
I2C BUS 64Kbit(8192x8bit) EEPROM
|
ROHM
|
AK6512CM AK6510C AK6510CL AK6510CM AK6512C AK6512C |
SPI bus 32K/64Kbit Serial CMOS EEPROM
|
AKM[Asahi Kasei Microsystems]
|
BR25H640F-2LBH2 |
125°C Operation SPI BUS 64Kbit (8192x8bit) EEPROM
|
ROHM
|
M95320-WDW6 M95320-WDW6T M95320-WDW6G M95320-WDW6T |
64Kbit and 32Kbit Serial SPI Bus EEPROM With High Speed Clock
|
STMicroelectronics
|
24C64 M24C64 M24C64BN1T M24C64-BN3 M24C64-BN3P M24 |
20-Bit Bus-Interface D-Type Latch With 3-State Outputs 56-SSOP -40 to 85 RECTIFIER SCHOTTKY SINGLE 10A 35V 250A-ifsm 0.6V-vf 1mA-ir TO220AC 50/TUBE RECTIFIER SBR DUAL 40A 60V 280A-ifsm 700mV-vf 0.5mA-ir TO-220AB 50/TUBE 64/32千位串行I?C总线的EEPROM 1-Bit To 2-Bit Address Driver With 3-State Outputs 80-TSSOP -40 to 85 64Kbit32Kbit串行I?C总线的EEPROM The CAT24FC02 is a 2-kb Serial CMOS EEPROM internally organized as 256 words of 8 bits each 该CAT24FC02是一2 KB的EEPROM的国256位每字举办的串行CMOS 16-Bit Transparent D-Type Latch With 3-State Outputs 48-SSOP -40 to 85 64Kbit2Kbit串行I?C总线的EEPROM 12-Bit To 24-Bit Registered Bus Exchanger With 3-State Outputs 56-SSOP -40 to 85 64Kbit2Kbit串行I?C总线的EEPROM The CAT24FC02 is a 2-kb Serial CMOS EEPROM internally organized as 256 words of 8 bits each 该CAT24FC02是一 KB的EEPROM的国256位每字举办的串行CMOS 1-Bit To 4-Bit Address Driver With 3-State Outputs 56-TSSOP -40 to 85 64Kbit2Kbit串行I?C总线的EEPROM 1-Bit To 4-Bit Address Driver With 3-State Outputs 56-SSOP -40 to 85 64Kbit2Kbit串行I?C总线的EEPROM Collier 64Kbit2Kbit串行I?C总线的EEPROM The CAT24FC02 is a 2-kb Serial CMOS EEPROM internally organized as 256 words of 8 bits each 该CAT24FC02是一 KB的EEPROM的国56位每字举办的串行CMOS 12-Bit To 24-Bit Multiplexed Bus Exchanger With 3-State Outputs 56-SSOP -40 to 85 64Kbit2Kbit串行IC总线的EEPROM 3.3-V 20-Bit Flip-Flop With 3-State Outputs 56-TSSOP -40 to 85 64Kbit2Kbit串行IC总线的EEPROM 12-Bit To 24-Bit Registered Bus Exchanger With 3-State Outputs 56-SSOP -40 to 85 64Kbit2Kbit串行IC总线的EEPROM 18-Bit To 36-Bit Registered Bus Exchanger With 3-State Outputs 80-TSSOP -40 to 85 64Kbit2Kbit串行IC总线的EEPROM 12-Bit To 24-Bit Registered Bus Exchanger With 3-State Outputs 56-TSSOP -40 to 85 64Kbit2Kbit串行IC总线的EEPROM ECONOLINE: RSZ/P - 1kVDC FUSE 18-Bit Universal Bus Driver with 3-State Outputs 56-SSOP -40 to 85 12-Bit To 24-Bit Multiplexed Bus Exchanger With 3-State Outputs 56-TSSOP -40 to 85 12-Bit To 24-Bit Registered Bus Exchanger With 3-State Outputs 56-BGA MICROSTAR JUNIOR -40 to 85 64/32KbitSerialICBusEEPROM 64/32 Kbit Serial I2C Bus EEPROM 64Kbit and 32Kbit Serial I2C Bus EEPROM 64Kbit and 32Kbit Serial IC Bus EEPROM 64/32 Kbit Serial IC Bus EEPROM 64Kbit and 32Kbit Serial I?C Bus EEPROM 64/32 Kbit Serial I?C Bus EEPROM
|
STMicroelectronics N.V. 意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
M95160BN M95160-BN1T M95160-DL1T M95160-DL3T M9516 |
64Kbit and 32Kbit Serial SPI Bus EEPROM With High Speed Clock 64/32/16/8 Kbit Serial SPI Bus EEPROM With High Speed Clock
|
STMICROELECTRONICS[STMicroelectronics]
|
M95320-SBN6T M95640-DW3TP M95320-MB3 M95320-MB6 M9 |
64/32/16/8 Kbit Serial SPI Bus EEPROM With High Speed Clock 64Kbit and 32Kbit Serial SPI Bus EEPROM With High Speed Clock I2C-bus controlled single and multistandard alignment-free IF-PLL demodulators 32Kbit4Kbit SPI总线串行EEPROM的高速时 Triple 8-bit analog-to-digital video converter for HDTV 32Kbit4Kbit SPI总线串行EEPROM的高速时 I2C-bus controlled multistandard alignment-free IF-PLL demodulator with FM radio 32Kbit4Kbit SPI总线串行EEPROM的高速时 2 X 80 W SE (4 Ohm) or 1 X 160 W BTL (8 Ohm) class-D amplifier 32Kbit4Kbit SPI总线串行EEPROM的高速时 Low voltage transmission circuits with dialler interface 32Kbit4Kbit SPI总线串行EEPROM的高速时 In Car Entertainment (ICE) car radio 32Kbit4Kbit SPI总线串行EEPROM的高速时 2 x 100 W class-D power amplifier 32Kbit4Kbit SPI总线串行EEPROM的高速时 Dual asynchronous receiver/transmitter (DUART) - Application: Data Communication ; Function: Receivers/Transmitters ; Number of pins: 44 ; Operating temperature: -40~85 Cel; Receiver/Transmitter type: Dual UARTs 32Kbit4Kbit SPI总线串行EEPROM的高速时 Dual asynchronous receiver/transmitter (DUART) 32Kbit4Kbit SPI总线串行EEPROM的高速时 32Kbit and 64Kbit Serial SPI Bus EEPROMs With High Speed Clock 32Kbit4Kbit SPI总线串行EEPROM的高速时 Perforated Panel for Medium Enclosure; For Use With:NEMA Type 1 Steel Medium Enclosures; NEMA Type:1; Enclosure Color:Gray; Enclosure Material:Steel RoHS Compliant: Yes 32Kbit4Kbit SPI总线串行EEPROM的高速时 Memory module temp sensor with integrated SPD, 3.3 V Dual Dolby* B-type noise reduction circuit for playback applications N-channel enhancement mode field-effect transistor - Configuration: Single N-channel ; ID DC: 2.5 A; Qgd (typ): 1.6 nC; RDS(on): 85@4.5V115@2.5V mOhm; VDSmax: 20 V Universal hi-fi audio processor for TV Alignment-free vision and FM sound IF-PLL demodulator for negative modulated TV standards I2C-bus controlled multistandard alignment-free IF-PLL for mobile reception New In Car Entertainment (NICE) car radio Front-end and PLL synthesizers for car radios HDMI transmitter up to 150 MHz pixel rate with 3 x 8-bit video inputs and 4 x I2S-bus with S/PDIF
|
ST Microelectronics STMicroelectronics N.V. 意法半导
|
DS9094 |
iButtonTM Clip
|
Dallas Semiconducotr MAXIM - Dallas Semiconductor
|
DS1963S 1963S |
SHA iButtonTM From old datasheet system
|
Dallas
|