PART |
Description |
Maker |
IDT71256SA70 IDT71256SA70PZ IDT71256SA70T IDT71256 |
Asynchronous Communications Element With Autoflow Control 48-TQFP 0 to 70 32K X 8 STANDARD SRAM, 70 ns, PDSO28 CMOS STATIC RAM 256K (32K x 8-BIT)
|
Integrated Device Technology, Inc. IDT[Integrated Device Technology]
|
IDT71256 IDT71256L IDT71256L100D IDT71256L100DB ID |
Precision Adjustable (Programmable) Shunt Reference 8-CDIP -55 to 125 的CMOS静态RAM 256K2K的8位) Dual Pulse-Width-Modulation Control Circuit 16-SSOP 的CMOS静态RAM 256K2K的8位) CMOS STATIC RAM 256K (32K x 8-BIT) 32K X 8 STANDARD SRAM, 25 ns, CDIP28 Single UART with 16-Byte FIFOs and Auto Flow Control 44-PLCC 0 to 70 的CMOS静态RAM 256K2K的8位) CABLE SMA/SMA 36 RG-142 的CMOS静态RAM 256K2K的8位) CMOS STATIC RAM 256K (32K x 8-BIT) 32K X 8 STANDARD SRAM, 120 ns, CDIP28 Dual-Channel Pulse-Width-Modulation (PWM) Control Circuit 16-SSOP -20 to 85 的CMOS静态RAM 256K2K的8位) CMOS STATIC RAM 256K (32K x 8-BIT) 的CMOS静态RAM 256K2K的8位) CMOS STATIC RAM 256K (32K x 8-BIT) 32K X 8 STANDARD SRAM, 30 ns, PDSO28 CMOS STATIC RAM 256K (32K x 8-BIT) 32K X 8 STANDARD SRAM, 30 ns, PDIP28 Replaced by TL16C550C : Single UART with 16-Byte FIFO 40-PDIP 0 to 70 Single UART with 16-Byte FIFOs and Auto Flow Control 48-LQFP 0 to 70 1.8-V to 5-V Dual UART with 16-Byte FIFOs 48-TQFP 0 to 70 Replaced by TL16C550C : Single UART with 16-Byte FIFO 44-PLCC 0 to 70 Replaced by TL16C550C : Single UART with 16-Byte FIFOs 44-PLCC 0 to 70 Replaced by TL16C550C : Single UART with 16-Byte FIFOs 44-PLCC -40 to 85 Quad Pulse-Width-Modulation Control Circuit 48-LQFP -20 to 75 CMOS Static RAM 256k ( 32k X 8-bit )
|
INTEGRATED DEVICE TECHNOLOGY INC Integrated Device Technology, Inc. IDT[Integrated Device Technology] Integrated Device Technolog...
|
W24258S-70LE W24258S-70LI W24258-70LE W24258-70LI |
32K X 8 CMOS STATIC RAM 32K X 8 STANDARD SRAM, 100 ns, PDSO28 From old datasheet system 32K ′ 8 CMOS STATIC RAM
|
Winbond Electronics, Corp. WINBOND[Winbond]
|
CY7C199C-15PC CY7C199C CY7C199C-20ZI CY7C199CL-15Z |
256 Kb (32K x 8) Static RAM 32K x 8 Static RAM 32K X 8 STANDARD SRAM, 15 ns, PDSO28 32K x 8 Static RAM 32K X 8 STANDARD SRAM, 25 ns, PDIP28 32K x 8 Static RAM 32K X 8 STANDARD SRAM, 20 ns, PDSO28
|
CYPRESS[Cypress Semiconductor] Cypress Semiconductor, Corp. CYPRESS SEMICONDUCTOR CORP
|
W24257AJ-8N W24L257AJ-8A |
32K X 8 High Speed CMOS Static RAM 32K X 8 STANDARD SRAM, 8 ns, PDSO28 32K×8 High-Speed CMOS Static RAM(32K×8位高速CMOS静态RAM)
|
Winbond Electronics, Corp. Winbond Electronics Corp
|
W24257A W24257 |
32K*8HIGH SPEED CMOS STATIC RAM 32K*8CMOS STATIC RAM From old datasheet system
|
Winbond
|
CY7C09199V CY7C09199V-12AC CY7C09199V-6AC CY7C0919 |
3.3V 32K/64K/128K x 8/9 Synchronous Dual-Port Static RAM 64K X 9 DUAL-PORT SRAM, 25 ns, PQFP100 3.3V 32K/64K/128K x 8/9 Synchronous Dual-Port Static RAM 32K X 9 DUAL-PORT SRAM, 25 ns, PQFP100 3.3V 32K/64K/128K x 8/9 Synchronous Dual-Port Static RAM 32K X 8 DUAL-PORT SRAM, 18 ns, PQFP100 SM Series Subminiature Basic Switch, Single Pole Double Throw (SPDT), 250 Vac, 11 A, Pin Plunger Actuator, Solder Termination Memory
|
Cypress Semiconductor, Corp. Cypress Semiconductor Corp. CYPRESS[Cypress Semiconductor]
|
CY7C199D-10ZXI CY7C199D-10VXI CY7C199D |
256K (32K x 8) Static RAM
|
Cypress Semiconductor
|
CY7C199CN09 |
256K (32K x 8) Static RAM
|
Cypress Semiconductor
|
CY62256VLL-70ZE CY62256VLL-70ZRE CY62256VLL-70ZRXE |
256K (32K x 8) Static RAM
|
Cypress Semiconductor
|
IDT70V9269L12PRF IDT70V9269L12PRFI IDT70V9279S9PRF |
32K x 16 Sync, 3.3V Dual-Port RAM, PipeLined/Flow-Through 16K x 16 Sync, 3.3V Dual-Port RAM, PipeLined/Flow-Through From old datasheet system Small Signal Diode HIGH-SPEED 3.3V 32K x 16 SYNCHRONOUS DUAL-PORT STATIC RAM 32K X 16 DUAL-PORT SRAM, 12 ns, PQFP128 HIGH-SPEED 3.3V 32K x 16 SYNCHRONOUS DUAL-PORT STATIC RAM 16K X 16 DUAL-PORT SRAM, 25 ns, PQFP128 HIGH-SPEED 3.3V 32K x 16 SYNCHRONOUS DUAL-PORT STATIC RAM 16K X 16 DUAL-PORT SRAM, 20 ns, PQFP128 HIGH-SPEED 3.3V 32K x 16 SYNCHRONOUS DUAL-PORT STATIC RAM 32K X 16 DUAL-PORT SRAM, 20 ns, PQFP128 HIGH-SPEED 3.3V 32K x 16 SYNCHRONOUS DUAL-PORT STATIC RAM 16K X 16 DUAL-PORT SRAM, 18 ns, PQFP128 HIGH-SPEED 3.3V 32K x 16 SYNCHRONOUS DUAL-PORT STATIC RAM 高.3 32K的16 SYNCHRONOU S双,端口静态内
|
IDT[Integrated Device Technology] Integrated Device Technology, Inc.
|
PDM41256 PDM41256LA10T PDM41256LA10TI PDM41256LA10 |
256K Static RAM 32K x 8-Bit
|
ETC
|