PART |
Description |
Maker |
EL8203 EL5427CRZ-T7 EL8403IUZ-T7 EL5127 EL5127_06 |
500MHz Rail-to-Rail Amplifiers(500MHz轨至轨放大器) 2.5MHz 4, 8, 10 & 12 Channel Rail-to-Rail Buffers
|
INTERSIL[Intersil Corporation]
|
MC33501SNT1 MC33503SNT1 MC33501 MC33503 |
1.0 V, Rail-to-Rail, Single Operational Amplifiers OP-AMP, 7000 uV OFFSET-MAX, 4 MHz BAND WIDTH, PDSO5 1V, Rail-to-Rail, Single Operational Amplifier
|
ONSEMI[ON Semiconductor]
|
LMV321 |
General Purpose, Rail-to-Rail Output Amplifi er Rail-to-Rail Amplifi ers
|
Cadeka Microcircuits LLC.
|
AD7305 AD7305BN AD7305BR AD7305BRU AD7305YR AD7304 |
3V/ 5V, Rail-to-Rail Quad, 8-Bit DAC Parallel-IN 3V/ 5V, Rail-to-Rail Quad, 8-Bit DAC Serial-IN 3 V/ 5 V Rail-to-Rail Quad 8-Bit DAC 3 V/ 5 V/ Rail-to-Rail Quad/ 8-Bit DAC ECONOLINE: REC2.2-S_DR/H1 - 2.2W DIP Package- 1kVDC Isolation- Regulated Output- UL94V-0 Package Material- Continuous Short Circiut Protection ECONOLINE: REC2.2-S_DRW(Z)/H* - 2.2W DIP Package- 1kVDC Isolation- Regulated Output- 4.5-9V, 9-18V, 18-36V, 36-72V Wide Input Range 2 : 1- UL94V-0 3 V/ 5 V, Rail-to-Rail Quad, 8-Bit DAC SERIAL INPUT LOADING, 1 us SETTLING TIME, 8-BIT DAC, PDSO16
|
AD[Analog Devices] Analog Devices, Inc.
|
OP17902 OP279 OP179GRTZ-REEL OP179GRTZ-REEL7 OP179 |
16V; 50mA; rail-to-rail high output current operational amplifier. For multimedia, telecom, DAA transformer driver, LCD driver, low voltage servo control, modems, FET drivers Rail-to-Rail High Output Current Operational Amplifiers Rail-to-Rail High Output Current Operational Amplifier; Package: SOT-23; No of Pins: 5; Temperature Range: Industrial OP-AMP, 5000 uV OFFSET-MAX, 5 MHz BAND WIDTH, PDSO5 Rail-to-Rail High Output Current Operational Amplifier; Package: SOIC; No of Pins: 8; Temperature Range: Industrial
|
Analog Devices, Inc. ANALOG DEVICES INC
|
AD8661ACPZ-R2 AD8661ACPZ-REEL AD8661ACPZ-REEL7 AD8 |
16 V Precision Quad CMOS Rail - to - Rail Operational Amplifier; Package: TSSOP; No of Pins: 14; Temperature Range: Industrial QUAD OP-AMP, 1200 uV OFFSET-MAX, 4 MHz BAND WIDTH, PDSO14 Low Noise, Precision 16 V CMOS, Rail-to-Rail Operational Amplifiers
|
Analog Devices, Inc.
|
KBPC15005 KBPC1510 KBPC1501 KBPC1502 KBPC1504 KBPC |
Quad Advanced LinCMOS(TM) Rail-To-Rail Operational Amplifier 14-TSSOP 0 to 70 SINGLE PHASE SILICON BRIDGE RECTIFIER Advanced LinCMOS(TM) Rail-To-Rail Dual Operational Amplifier 8-PDIP -40 to 125
|
Shanghai Sunrise Electronics Co., LTD. SSE[Shanghai Sunrise Electronics]
|
KBPC1005 KBPC110 KBPC108 KBPC102 KBPC103 KBPC101 |
3.0 AMPERE SINGLE-PHASE SILICON BRIDGE RECTIFIER 3.0安培单相硅桥式整流器 Quad Rail-To-Rail uPower Operational Amplifier 14-PDIP Quad Rail-To-Rail uPower Operational Amplifier 14-SOIC
|
Electronic Theatre Controls, Inc. http:// List of Unclassifed Manufacturers List of Unclassifed Man...
|
KBPC106 KBPC104 KBPC102 BR310 KBPC108 |
TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER Automotive Catalog Advanced LinCMOS Rail-to-Rail Very Low-Power Operational Amplifier 14-SOIC -40 to 125 Quad Rail-To-Rail uPower Operational Amplifier 14-SOIC
|
DC Components Co., Ltd. http://
|
AD8091 AD8092 AD8092ARM AD8091ART-REEL AD8091ART-R |
Low Cost , High-Speed Rail-to-Rail Amplifiers Enhanced 10-Bit, ADC with Flash Memory From old datasheet system Low-Cost, High-Speed Rail-to-Rail Amplifiers DUAL OP-AMP, 27000 uV OFFSET-MAX, PDSO8
|
ANALOG DEVICES INC AD[Analog Devices] Analog Devices, Inc.
|
AD8230 AD8230YRZ-REEL AD8230YRZ-REEL7 AD8230-EVAL |
16V Zero-Drift Auto-Zero Instrumentation Amplifier Amplifier, Other - Datasheet Reference 16 V Rail-to-Rail, Zero-Drift, Precision Instrumentation Amplifier
|
Analog Devices Inc AD[Analog Devices]
|