PART |
Description |
Maker |
MAX1120012 |
24-Bit, Single-Channel, Ultra-Low-Power, Delta-Sigma ADCs with GPIO
|
Maxim Integrated Products
|
MAX11201AEUB MAX11201 MAX11201BEUB |
24-Bit, Single-Channel, Ultra-Low-Power, Delta Sigma ADC with 2-Wire Serial Interface
|
Maxim Integrated Products
|
MAX5803AUB MAX5803ATB MAX5804 MAX5804ATB MAX5804AU |
Ultra-Small, Single-Channel, 8-/10-/12-Bit Buffered Output Voltage DACs with Internal Reference and I2C Interface
|
Maxim Integrated Products Maxim Integrated Produc...
|
KAD2708L-17 KAD2708L-21 KAD2708L-35 KAD2708L-27Q68 |
8-Bit, 350/275/210/170/105MSPS A/D Converter 8-Bit, 350MSPS Single-Channel ADC, LVDS Outputs 8-Bit, 210MSPS Single-Channel ADC, LVDS Outputs 8-Bit, 170MSPS Single-Channel ADC, LVDS Outputs
|
Intersil Corporation
|
ULS2822J ULS2822L ULS2025L ULS2025J ULS2003J ULS20 |
Single buffer (open drain) Single 2-input open drain NAND gate ST72E311/ST72T311 - 8-BIT MCU WITH 8 TO 16K OTP/EPROM, 384 TO 512 BYTES RAM, ADC, WDG, SCI, SPI AND 2 TIMERS HIGH EFFICIENCY FAST RECOVERY RECTIFIER DIODES 逻辑IC Single 2-input AND gate 单两输入与门 Single exclusive OR gate EMI FILTER WITH ESD PROTECTION - (ASD) LNB supply and control voltage regulator (parallel interface) N - channel 100 V - 0.33 " - 2 A - SOT-223 STripFET™ Power MOSFET Single 2-input OR gate Single 2-input NAND gate TURBOSWITCH - ULTRA-FAST HIGH VOLTAGE DIODE Single bus buffer (3-state) Single inverter (open drain) Single Schmitt inverter ST72101/ST72212/ST72213 - 8-BIT MCU WITH 4 TO 8K ROM/OTP/EPROM, 256 BYTES RAM, ADC, WDG, SPI AND 1 OR 2 TIMERS
|
|
MAX9075 MAX9075EUK-T MAX9075EXK-T MAX9077 MAX9077E |
Low-Cost, Ultra-Small, 3A Single-Supply Comparators Low-Cost / Ultra-Small / 3A Single-Supply Comparators Low-Cost, Ultra-Small, 3レA Single-Supply Comparators 低成本、超小型3µA、单电源比较 Low-Cost, Ultra-Small, 3レA Single-Supply Comparators COMPARATOR, 8000 uV OFFSET-MAX, 580 ns RESPONSE TIME, PDSO5
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
ULS-2812H-883 ULS-2802H-883 ULS-2012H-883 ULS-2022 |
N-CHANNEL 100V - O.33 Ohm - 2A SOT-223 STRIPFET POWER MOSFET N-channel 500V - 2.5O - 4A - TO-220 PowerMESH II MOSFET Single exclusive OR gate Single bus buffer (3-state) SINGLE 8 CHANNEL ANALOG MULTIPLEXERS-DEMULTIPLEXERS Single 2-input OR gate ST72101/ST72212/ST72213 - 8-BIT MCU WITH 4 TO 8K ROM/OTP/EPROM, 256 BYTES RAM, ADC, WDG, SPI AND 1 OR 2 TIMERS GPS PROCESSOR 八进制外设驱 Quad 2-input nand gate 2输入与非 Single inverter 单反相器 N-channel 100V - 0.32 O - 5A - TO-251/TO-252 STripFET™ Power MOSFET
|
Allegro MicroSystems, Inc. Panasonic, Corp.
|
M38037M6-122FP M38037M6-133FP M38037M6-154FP M3803 |
RAM size: 2048bytes single chip 8-bit CMOS microcomputer RAM size: 1536bytes single chip 8-bit CMOS microcomputer RAM size: 768bytes single chip 8-bit CMOS microcomputer SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER 3803/04 Group: General Purpose, with Flash RAM size: 256bytes single chip 8-bit CMOS microcomputer RAM size: 640bytes single chip 8-bit CMOS microcomputer RAM size: 896bytes single chip 8-bit CMOS microcomputer RAM size: 512bytes single chip 8-bit CMOS microcomputer RAM size: 384bytes single chip 8-bit CMOS microcomputer RAM size: 1024bytes single chip 8-bit CMOS microcomputer RAM size: 3804bytes single chip 8-bit CMOS microcomputer RAM size: 192bytes single chip 8-bit CMOS microcomputer
|
MITSUBISHI[Mitsubishi Electric Semiconductor] Mitsubishi Electric Corporation
|
UPD703111GM-13-UEU UPD703111GM-10-UEU UPD703081 UP |
32-bit RISC microcontroller (V850E/ME2) 32-bit microcontroller incorporating controller for driving automobile meter 100-pin general-purpose 32-bit single-chip microcontroller (V850ES/SG2) 100-pin version with on-chip IEBus 32-bit SC microcontroller (V850ES/SG2) 100-pin general-purpose 32-bit single-chip microcomputer(V850ES/KG1) 100-pin IEBus inclusion 32-bit single-chip microcontroller (V850ES/SG2) 100pin CAN controller inclusion 32bit single-chip microcontroller(V850ES/SG2) 100-pin general-purpose 32-bit single-chip microcomputer(V850ES/KG1 ) Ultra-low-voltage 32-bit RISC microcontroller 144-pin general-purpose 32-bit single-chip microcontroller (V850ES/SJ2) 144-pin general-purpose 32-bit single-chip microcomputer(V850ES/KJ1) 144-pin IEBus inclusion 32-bit single-chip microcontroller(V850ES/SJ2) 144-pin IEBus inclusion 32-bit single-chip microcontroller (V850ES/SJ2) 64-pin general-purpose 32-bit single-chip microcomputer(V850ES/KE1 ) 80-pin general-purpose 32-bit single-chip microcomputer(V850ES/KF1 ) 64-pin general-purpose 32-bit single-chip microcomputer(V850ES/KE1) 80-pin general-purpose 32-bit single-chip microcomputer(V850ES/KF1) 32-bit RISC single-chip microcontroller(V850/SB1:Low-noise Enhanced version ) 32-bit RISC single-chip microcontroller(V850/SB2:Low-noise Enhanced version) UPD703229Y Series 32-bit single-chip microcontroller with V850ES core 144pin CAN controller inclusion 32bit single-chip microcontroller(V850ES/SJ2) 144-pin general-purpose 32-bit single-chip microcomputer(V850ES/KJ1 ) 100-pin version with on-chip IEBus 32-bit SC microcontroller(V850ES/SG2) 100-pin version with on-chip CAN 32-bit single-chip microcontroller (V850ES/SG2) 32-bit RISC single-chip microcontroller Inclusion delta-sigma modulation A/D
|
NEC
|
MAX4435 |
Single-Supply, 150MHz, 16-Bit Accurate, Ultra-Low Distortion Op Amps
|
Maxim Integrated Products
|
LC66356B LC662312A LC662316A LC66P2516 LC66516B LC |
Four-Bit Single-Chip Microcontrollers with 4, 6, and 8 KB of On-Chip ROM 四位单片机与4,6微控制器 KB的片上ROM Four-Bit Single-Chip Microcontrollers with 4/ 6/ 8/ 12/ and 16 KB of On-Chip ROM 4-Bit Microcontroller Microcontroller 微控制器 Four-Bit Single-Chip Microcontrollers with 4/6/and 8 Four-Bit Single-Chip Microcontrollers with 8 12 and 16 KB of On-Chip ROM Four-Bit Single-Chip Microcontrollers with 4 6 8 12 and 16 KB of On-Chip ROM Four-Bit Single-Chip Microcontrollers with 4, 6, 8, 12, and 16 KB of On-Chip ROM Four-Bit Single-Chip Microcontrollers with 4 6 and 8 KB of On-Chip ROM Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip EPROM Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip OTP PROM 12 and 16-kbyte on-chip ROM capacities CMOS 4-bit single-chip microcontrollers
|
Sanyo Electric Co., Ltd. Eutech Microelectronics, Inc. SANYO[Sanyo Semicon Device] http://
|