PART |
Description |
Maker |
TC74LCX374FT TC74LCX374FW TC74LCX374F E005005 74LC |
Octal Buffers And Line Drivers With 3-State Outputs 20-TSSOP -40 to 85 低压八路D型倒装V容限输入和输出次浮点运算 LOW VOLTAGE OCTAL D-TYPE FLIP-FLOP WITH 5V TOLERANT INPUTS AND OUTPUTS From old datasheet system
|
Toshiba, Corp. TOSHIBA[Toshiba Semiconductor]
|
74LVTH2245WMX 74LVT2245 74LVT2245MSA 74LVT2245MSAX |
8-Bit Identity/Magnitude Comparators 20-PDIP -40 to 85 Low Voltage Octal Bidirectional Transceiver with 3-STATE Inputs/Outputs and 25Series Resistors in the B Port Outputs Dual 4-to-1 Channel Analog Multiplexer/Demultiplexer with Injection Current Effect Control 16-TSSOP -40 to 85 Low Voltage Octal Bidirectional Transceiver with 3-STATE Inputs/Outputs and 25ヘ Series Resistors in the B Port Outputs Low Voltage Octal Bidirectional Transceiver with 3-STATE Inputs/Outputs and 25Ω Series Resistors in the B Port Outputs
|
Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
74LVQ273_01 74LVQ273 74LVQ273QSC 74LVQ273SC 74LVQ2 |
Low Voltage Octal D Flip-Flop Low Voltage Octal D-Type Flip-Flop From old datasheet system
|
FAIRCHILD[Fairchild Semiconductor]
|
SL74HC534 SL74HC534D SL74HC534N HC534 |
Octal 3-State Inverting D Flip-Flop(High-Performance Silicon-Gate CMOS) Voltage Regulator IC; Package/Case:3-TO-3; Current Rating:1.5A; Output Voltage Max:-12V; Voltage Regulator Type:Fixed Voltage; Mounting Type:Through
|
System Logic Semiconduc... SLS[System Logic Semiconductor] System Logic Semiconductor Co., Ltd.
|
MAX16001TE MAX16002TC MAX16000 MAX16000TC MAX16001 |
Low-Voltage, Quad-/Hex-/Octal-Voltage 楼矛P Supervisors Low-Voltage, Quad-/Hex-/Octal-Voltage μP Supervisors
|
Maxim Integrated Products
|
AD7228LN |
Octal, 8-Bit Voltage Out DAC OCTAL, PARALLEL, 8 BITS INPUT LOADING, 8-BIT DAC, PDIP24
|
Analog Devices, Inc.
|
TC74LCX540F TC74LCX540FT TC74LCX540FW E005007 |
From old datasheet system LOW VOLTAGE OCTAL BUS BUFFER (INVERTED) WITH 5V TOLERANT INPUTS AND OUTPUTS LOW VOLTAGE OCTAL BUS BUFFER (INVERTER) WITH 5V TOLERANT INPUTS AND OUTPUTS
|
TOSHIBA[Toshiba Semiconductor]
|
IDT74LVCC4245 IDT74LVCC4245APG IDT74LVCC4245APY ID |
CMOS OCTAL DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE OUTPUT VOLTAGE, 3-STATE OUTPUTS, 3.3V AND 5V I/O LVC/LCX/Z SERIES, 8-BIT TRANSCEIVER, TRUE OUTPUT, PDSO24 3.3V CMOS OCTAL DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE OUTPUT VOLTAGE, 3-STATE OUTPUTS, AND 5V TOLERANT I/O 3.3V CMOS Octal Dual-Supply Bus Transceiver with Configurable Output Voltage, 3-State Outputs, and 5.0V Tolerant I/O
|
Integrated Device Technology, Inc. IDT[Integrated Device Technology]
|
74LVQ245 4907 74LVQ245T 74LVQ245M |
LOW VOLTAGE CMOS OCTAL BUS TRANSCEIVER 3-STATE From old datasheet system LOW VOLTAGE CMOS OCTAL BUS TRANSCEIVER (3-STATE)
|
STMICROELECTRONICS[STMicroelectronics]
|
ADC0804 ADC0803LCD ADC0803LCN ADC0804-1CD ADC0804- |
Octal Buffer/Line Driver, OE Active Low IC 16-BIT OCTAL REG 48 TSSOP AC 11C 11#16 SKT RECP IC OCTAL BUFF/LINE DRV 20 QSOP CMOS 8-bit A/D converters
|
NXP Semiconductors PHILIPS[Philips Semiconductors]
|
EHA1-2400A/883B EHA1-2400A-2 |
Voltage-Feedback Operational Amplifier Octal Voltage Level Shifter for TFT/LCD Panels; High Voltage TFT-LCD Logic Driver; Temperature Range: -40°C to 85°C; Package: 20-TSSOP 电压反馈运算放大
|
Everlight Electronics Co., Ltd.
|