PART |
Description |
Maker |
21.305.0853.0 21.341.5653.0 21.305.1053.0 21.305.0 |
Terminal Block; No. of Positions:8; Pitch Spacing:0.315"; Wire Size (AWG):22-16; Mounting Type:Panel; No. of Contacts:8 RoHS Compliant: Yes 10 A, STRIP TERMINAL BLOCK, 2 ROWS, 1 DECK Terminal Block; Number of Positions:6; Pitch Spacing:0.531"; Wire Size (AWG):22-10; Mounting Type:Panel; Number of Contacts:6 40 A, STRIP TERMINAL BLOCK, 2 ROWS, 1 DECK Terminal Block; Number of Positions:10; Pitch Spacing:0.315"; Wire Size (AWG):22-16; Mounting Type:Panel; Leaded Process Compatible:No; Number of Contacts:10; Peak Reflow Compatible (260 C):No 10 A, STRIP TERMINAL BLOCK, 2 ROWS, 1 DECK Terminal Block; Number of Positions:4; Pitch Spacing:0.315"; Wire Size (AWG):22-16; Mounting Type:Panel; Number of Contacts:4 10 A, STRIP TERMINAL BLOCK, 2 ROWS, 1 DECK Terminal Block; Number of Positions:8; Pitch Spacing:0.531"; Wire Size (AWG):22-10; Mounting Type:Panel; Number of Contacts:8 40 A, STRIP TERMINAL BLOCK, 2 ROWS, 1 DECK Terminal Block; Number of Positions:8; Pitch Spacing:0.571"; Wire Size (AWG):22-6; Mounting Type:Panel; Leaded Process Compatible:No; Number of Contacts:8; Peak Reflow Compatible (260 C):No 75 A, STRIP TERMINAL BLOCK, 2 ROWS, 1 DECK Terminal Block; Mounting Type:Panel RoHS Compliant: Yes 65 A, STRIP TERMINAL BLOCK, 2 ROWS, 1 DECK Terminal Block; Number of Positions:10; Pitch Spacing:0.571"; Wire Size (AWG):22-6; Mounting Type:Panel; Number of Contacts:10 75 A, STRIP TERMINAL BLOCK, 2 ROWS, 1 DECK Terminal Block; No. of Positions:5; Pitch Spacing:14.5mm; Wire Size (AWG):6-22; Mounting Type:Panel; Color:Ivory 75 A, STRIP TERMINAL BLOCK, 2 ROWS, 1 DECK Terminal Block; Number of Positions:6; Pitch Spacing:0.472"; Wire Size (AWG):22-12; Mounting Type:Panel; Number of Contacts:6 40 A, STRIP TERMINAL BLOCK, 2 ROWS, 1 DECK 20 A, STRIP TERMINAL BLOCK, 2 ROWS, 1 DECK
|
Wieland Electric, Inc. WIELAND ELECTRIC INC
|
39870-0304 |
Terminal Block; Pitch Spacing:0.197"; Body Material:Nylon 6/6; No. of Contacts:4; No. of Rows:1; Series:Beau Eurostyle 15 A, MODULAR TERMINAL BLOCK, 1 ROW, 1 DECK
|
Molex, Inc.
|
39970-0112 39970-0106 39970-0307 |
300mA LDO Linear Regulators with Internal Microprocessor Reset Circuit Terminal Block; No. of Positions:6; Pitch Spacing:0.4"; Wire Size (AWG):18-6; Mounting Type:PC Board; Body Material:Thermoplastic; Color:Black; Current Rating:60A; No. of Contacts:6 RoHS Compliant: Yes 60 A, STRIP TERMINAL BLOCK, 1 ROW, 1 DECK SR BTS 10.16MM 7 ASY VERT 40 A, STRIP TERMINAL BLOCK, 1 ROW, 1 DECK
|
Molex, Inc.
|
25.820.3353.0 25.820.3253.0 25.820.3653.0 |
Terminal Block; No. of Positions:3; Pitch Spacing:0.197"; Wire Size (AWG):22-12; Mounting Type:PC Board RoHS Compliant: Yes 12 A, STRIP TERMINAL BLOCK, 1 ROW, 1 DECK Terminal Block; No. of Positions:2; Pitch Spacing:0.197"; Wire Size (AWG):22-12; Mounting Type:PC Board RoHS Compliant: Yes 12 A, STRIP TERMINAL BLOCK, 1 ROW, 1 DECK Terminal Block; No. of Positions:6; Pitch Spacing:0.197"; Wire Size (AWG):22-12; Mounting Type:PC Board RoHS Compliant: Yes 12 A, STRIP TERMINAL BLOCK, 1 ROW, 1 DECK
|
Wieland Electric, Inc.
|
38780-0103 38780-0106 38780-0105 38780-0120 38780- |
Terminal Block; Number of Positions:3; Pitch Spacing:0.438"; Wire Size (AWG):24-12; Mounting Type:Screw; Body Material:Glass-Filled Thermoplastic; Current Rating:20A; Number of Rows:2 BARRIER STRIP TERMINAL BLOCK, 2 ROWS, 1 DECK Terminal Block; Number of Positions:6; Pitch Spacing:0.438"; Wire Size (AWG):24-12; Mounting Type:Screw; Body Material:Glass-Filled Thermoplastic; Current Rating:20A; Number of Rows:2 BARRIER STRIP TERMINAL BLOCK, 2 ROWS, 1 DECK Terminal Block; Number of Positions:5; Pitch Spacing:0.438"; Wire Size (AWG):24-12; Mounting Type:Screw; Body Material:Glass-Filled Thermoplastic; Current Rating:20A; Number of Rows:2 BARRIER STRIP TERMINAL BLOCK, 2 ROWS, 1 DECK Terminal Block; Number of Positions:20; Pitch Spacing:0.438"; Wire Size (AWG):24-12; Mounting Type:Screw; Body Material:Glass-Filled Thermoplastic; Current Rating:20A; Number of Rows:2 BARRIER STRIP TERMINAL BLOCK, 2 ROWS, 1 DECK CB BTS BRS 2 ASY BARRIER STRIP TERMINAL BLOCK, 2 ROWS, 1 DECK Terminal Block; Number of Positions:16; Pitch Spacing:0.438"; Wire Size (AWG):24-12; Mounting Type:Screw; Body Material:Glass-Filled Thermoplastic; Current Rating:20A; Number of Rows:2 BARRIER STRIP TERMINAL BLOCK, 2 ROWS, 1 DECK CB BTS SEMS 16 ASY BARRIER STRIP TERMINAL BLOCK, 2 ROWS, 1 DECK CB BTS SEMS 20 ASY
|
Molex, Inc. MOLEX INC
|
2-1546211-0 1-1546211-0 2-1546211-5 |
STRIP TERMINAL BLOCK, 1 ROW, 1 DECK TERMINAL BLOCK HEADER ASSEMBLY, 180 DEGREE , CLOSED ENDS, 5.00mm PITCH
|
Tyco Electronics
|
1799030000 1798870000 1798890000 1799020000 179907 |
Terminal Block; Pitch Spacing:0.15"; Mounting Type:PCB 270 Degree Thru Hole; Gender:Male; Leaded Process Compatible:Yes; Number of Contacts:4; Number of Rows:1 4 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, SCREW, SOCKET Terminal Block; Number of Positions:4; Pitch Spacing:0.15"; Mounting Type:PCB Right Angle Thru Hole; Gender:Male; Leaded Process Compatible:Yes; Number of Contacts:4; Number of Rows:1 4 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, SCREW, SOCKET Terminal Block; Number of Positions:6; Pitch Spacing:0.15"; Mounting Type:PCB Right Angle Thru Hole; Gender:Male; Leaded Process Compatible:Yes; Number of Contacts:6; Number of Rows:1 6 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, SCREW, SOCKET Terminal Block; Pitch Spacing:0.15"; Mounting Type:PCB 270 Degree Thru Hole; Gender:Male; Leaded Process Compatible:Yes; Number of Contacts:3; Number of Rows:1 3 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, SCREW, SOCKET Terminal Block; Pitch Spacing:0.15"; Mounting Type:PCB 270 Degree Thru Hole; Gender:Male; Leaded Process Compatible:Yes; Number of Contacts:10; Number of Rows:1 10 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, SCREW, SOCKET Terminal Block; Pitch Spacing:0.15"; Mounting Type:PCB 270 Degree Thru Hole; Gender:Male; Leaded Process Compatible:Yes; Number of Contacts:6; Number of Rows:1 6 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, SCREW, SOCKET
|
Weidmuller, Corp.
|
1728720000 |
Terminal Block; Pitch Spacing:3.5mm; Wire Size (AWG):28-16; Leaded Process Compatible:Yes; Number of Contacts:24; Number of Rows:2; Series:S2L; Operating Voltage:150V 24 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER
|
Weidmuller, Corp.
|
Z2.302.0421.0 |
Terminal Block Ground Block; No. of Positions:1; Wire Size (AWG):2/0-6; Mounting Type:DIN Rail; Color:Yellow/Green MODULAR TERMINAL BLOCK
|
Wieland Electric, Inc. WIELAND ELECTRIC INC
|
57.504.0055.0 |
Terminal Block; Wire Size (AWG):22-10; Mounting Type:DIN Rail; Color:Gray; Current Rating:35A; Terminal Block Clamp Type:Feed-Thru Terminals; Voltage Rating:600V RoHS Compliant: Yes 35 A, MODULAR TERMINAL BLOCK
|
Wieland Electric, Inc.
|
57.503.0055.0 |
Terminal Block; Wire Size (AWG):22-12; Mounting Type:DIN Rail; Color:Gray; Current Rating:30A; Terminal Block Clamp Type:Feed-Thru Terminals; Voltage Rating:600V RoHS Compliant: Yes 30 A, MODULAR TERMINAL BLOCK
|
Wieland Electric, Inc.
|
|