PART |
Description |
Maker |
41T06BI-BW 41T06B-BW 41T16B-BW 41T16BI-BW 41T08BI- |
TRIACs, 40A Sunbberless
|
Nell Semiconductor Co., Ltd
|
BTA24 BTA24-600 BTA24-600B BTA24-600BW BTA24-600CW |
Regulated Output Power; 1.6kVDC Isolation; Over Current and Over Voltage Protection; Six-Sided Shield; No Derating to 65C; Standard 2 x 1 Package STANDARD TRIACS 25A TRIACS 25A条双向可控硅
|
ST Microelectronics 意法半导 STMicroelectronics N.V.
|
BTB25-600CW BTA25 BTB26-600BW BTB26-800CW BTB24 BT |
25A TRIACS
|
STMICROELECTRONICS[STMicroelectronics]
|
BZX79 BZX79-A10 BZX79-A11 BZX79-A12 BZX79-A13 BZX7 |
0.8A TRIACS 稳压二极管兆 16A Snubberless" TRIAC 40A TRIACS 1 A triacs Sensitive 4Q 4A TRIAC 25 A standard and Snubberless" triacs 4A TRIACS Voltage regulator diodes
|
Mospec Semiconductor, Corp. Philips Semiconductors
|
BT136M-500 BT136M-500F BT136M-500G BT136M-600 BT13 |
Triacs 双向可控 Octal Registered Transceivers with 3-State Outputs 24-SSOP/QSOP -40 to 85 600 V, 4 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-252 Triacs(双向可控 800 V, 4 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-252 Octal Registered Transceivers with 3-State Outputs 24-SSOP/QSOP -40 to 85 500 V, 4 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-252 Triacs 500 V, 4 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-252 DIODE ZENER DUAL COMMON-ANODE 300mW 8.2Vz 5mA-Izt 0.05 0.1uA-Ir 6 SOT-23 3K/REEL RECTIFIER SCHOTTKY SINGLE 0.5A 20V 5.5A-Ifsm 0.385Vf 0.25A-IR SOD-123 3K/REEL Octal Registered Transceivers with 3-State Outputs 24-SOIC -40 to 85 Triacs sensitive gate Triacs logic level
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
MIT-5A117 |
ISOLATOR, FLUSH 25A 3 POLEISOLATOR, FLUSH 25A 3 POLE; Poles, No. of:3; Current rating:25A; Approval Bodies:UL, CSA; IP rating:IP55; Power, switching AC3 max:2.2kW; Switch function type:Triple Pole 开槽光电断路器 SLOTTED PHOTOINTERRUPTER
|
Unity Opto Technology Co., Ltd.
|
BT137B BT137B-600D BT137B-800E BT137B-800G BT137B- |
Triacs logic level Triacs sensitive gate
|
NXP Semiconductors PHILIPS[Philips Semiconductors]
|
BTA312X-800B |
12 A Three-quadrant triacs triacs high commutation
|
NXP Semiconductors
|
MOC3011 MOC3012 MOC3009 MOC3010 |
(MOC3009 - MOC3012) NON-ZERO-CROSSING TRIACS NON-ZERO-CROSSING TRIACS 1 CHANNEL TRIAC OUTPUT OPTOCOUPLER
|
QUALITY TECHNOLOGIES CORP QT[QT Optoelectronics]
|
BZX55-C4V7 BZX55-C4V3 BZX55-C0V8 BZX55-C20 BZX55-C |
16A TRIACS 25 A standard and Snubberless" triacs 4A SCRS Low Current Operation at 250??A???Low Reverse Leakage,Low Noise Zener Diode(250??A?・¥?????μ?μ?????°????????????μ?μ?????????a?£°???é???o3?o???????) 50μA低电流操作,低反向漏,低噪声稳压二极管(250μA工作电流,小反向漏电流,低噪声,齐纳二极管) Zener Diodes(齐纳二极 齐纳二极管(齐纳二极管) 8A TRIACS 稳压二极 AUTOMATIC VOLTAGE SWITCH (SMPS <200W) Zener Diodes(榻?撼浜??绠?
|
GE[General Semiconductor] GE Security, Inc. Micro Commercial Components, Corp.
|
SB250-05H |
50V, 25A Rectifier Schottky Barrier Diode (Twin Type Cathode Common) 50V 25A Rectifier
|
SANYO[Sanyo Semicon Device]
|