PART |
Description |
Maker |
MAF84X1 MAB84X1 MAF84AX1 |
Shrink Tubing; Tubing Size Diameter:1"; Shrink Temperature:100 C; Wall Thickness Recovered Nominal:0.035"; Inner Diameter Max Recovered:0.500"; Expanded Inner Diameter:1.000"; Material:Polyolefin; Approval Bodies:UL, CSA 单芯位微控制 SINGLE CHIP 8 BIT MICROCONTROLLER
|
Electronic Theatre Controls, Inc. List of Unclassifed Manufacturers
|
HDSP-703A HDSP-701G HDSP-701E HDSP-701A |
Low-Cost Molded VRS Sensor, 6,2 mm [0.243 in] diameter, 10 Vp-p, -18 ºC to 60 ºC [0 ºF to 140 ºF], 32 DP (module 0.80) or coarser, 19 mm [0.75 in] approx. length Low-Cost Molded VRS Sensor, 6,4 mm [0.250 in] diameter, 10 Vp-p, -40 ºC to 107 ºC [-40 ºF to 225 ºF], 32 DP (module 0.80) or coarser, 25 mm [1.00 in] approx. length Low-Cost Molded VRS Sensor, 11,2 mm [0.438 in] diameter, 17.5 Vp-p, -18 ºC to 930 ºC [0 ºF to 200 ºF], 26 DP (module 0.98) or coarser, 32 mm [1.25 in] approx. length High Resolution VRS Sensor, 9,5 mm [0.375 in] M12 diameter, 55 Vp-p, -40 ºC to 107 ºC [-40 ºF to 225 ºF], 36 DP (module 0.70) or coarser, 40 kHz, 32 mm [1.25 in] approx. length High Resolution VRS Sensor, 9,5 mm [0.375 in] M12 diameter, 55 Vp-p, -40 ºC to 107 ºC [-40 ºF to 225 ºF], 36 DP (module 0.70) or coarser, 40 kHz, 32 mm [1.25 in] approx. length 17.3毫米.68英寸)通用5x7点阵的字母数字显示器
|
HIROSE ELECTRIC Co., Ltd.
|
3856H-282-502A 3856H-282-501A 3856H-282-203A 3856H |
Panel Mount Potentiometers 100K 3/4" Single Turn RESISTOR, POTENTIOMETER, CERMET, 1 TURN(S), 2 W, 100000 ohm RESISTOR, POTENTIOMETER, CERMET, 1 TURN(S), 2 W, 500000 ohm ROHS COMPLIANT Panel Mount Potentiometers 10K 3/4" Single Turn RESISTOR, POTENTIOMETER, CERMET, 1 TURN(S), 2 W, 10000 ohm 3851/3852/3856 - 3/4 Diameter Panel Control
|
Bourns Inc. Bourns, Inc. Bourns Electronic Solutions
|
DL-5345-C330-VXS DL-5340-C330-VX DL-5340-C330-VXS |
1 in Dia., 1 Amp Multi Deck Rotary Switch 1.125 Dia., 1/4 Amp Multi Deck Rotary Switch Keypad, .750 in Centers .5-.75 in Dia., 1/4 Amp Multi Deck Rotary Switch 1270纳米1610纳米半导体激光器模块2.5 Gbps的波分复用量子阱半导体激光器尾纤 1270 nm ~ 1610 nm DFB LD MODULES 2.5 Gbps CWDM MQW-DFB LD PIGTAIL 1270纳米1610纳米半导体激光器模块2.5 Gbps的波分复用量子阱半导体激光器尾纤 0.5 in Diameter, 200mA Single Deck Rotary Switch 1270纳米1610纳米半导体激光器模块2.5 Gbps的波分复用量子阱半导体激光器尾纤
|
Optoway Technology Inc. Optoway Technology, Inc.
|
EKLPGR10 EKLPG040CY EKLPG050CY EKLDL160CY EKLPG100 |
Ultra Low ON-Resistance, 1.1V to 4.5V Single Supply, SPST Analog Switches; Temperature Range: -40°C to 85°C; Package: 5-SC-70 T&R 3.3V, Half Duplex, 30Mbps, RS-485/RS-422 Transceiver; Temperature Range: -40°C to 85°C; Package: 8-SOIC T&R Low-Voltage, Single Supply, 4 to 1 Multiplexer, High Performance Analog Switch; Temperature Range: -40°C to 85°C; Package: 10-MSOP T&R 逻辑IC Logic IC 逻辑IC Ultra Low ON-Resistance, 1.1V to 4.5V Single Supply, SPST Analog Switches; Temperature Range: -40°C to 85°C; Package: 5-SC-70 T&R 逻辑IC Low-Voltage, Single Supply, 4 to 1 Multiplexer, High Performance Analog Switch; Temperature Range: -40°C to 85°C; Package: 16-QFN T&R
|
Cornell Dubilier Electronics, Inc. Electronic Theatre Controls, Inc.
|
EL5173 EL5373 |
Advanced Single Synchronous Buck Pulse-Width Modulation (PWM) Controller; Temperature Range: -40°C to 85°C; Package: 20-QFN T&R From old datasheet system Triple, 550MHz, Differential Twisted-Pair Driver, Fixed Gain Amplifier Single, 550MHz, Differential Twisted-Pair Driver
|
Intersil
|
2N6478 2N6477 |
Shrink Tubing; Tubing Size Diameter:0.5"; Wall Thickness Recovered Nominal:0.055"; Inner Diameter Max Recovered:0.195"; Expanded Inner Diameter:0.500"; Material:Polyolefin 中功率硅NPN晶体 MEDIUM POWER SILICON NPN TRANSISTORS
|
Electronic Theatre Controls, Inc. ETC[ETC]
|
EDI8LM32513C15AI |
Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifier; Temperature Range: -40°C to 85°C; Package: 8-SOIC T&R
|
|
MAX4091 MAX4091ASA MAX4091AUA MAX4091AUK-T MAX4091 |
Single/Dual/Quad, Micropower, Single-Supply, Rail-to-Rail Op Amps OP-AMP, 3500 uV OFFSET-MAX, 0.5 MHz BAND WIDTH, PDSO8 Single/Dual/Quad / Micropower / Single-Supply / Rail-to-Rail Op Amps Single/Dual/Quad Micropower Single-Supply Rail-to-Rail Op Amps "Dual, Micropower, Single-Supply, Rail-to-Rail I/O Op Amp" "Single, Micropower, Single-Supply, Rail-to-Rail I/O Op Amp in SOT23" "Quad, Micropower, Single-Supply, Rail-to-Rail I/O Op Amp"
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
MAX409BESAT |
Single, Dual, Quad, 1.2µA Max, Single-Supply Op Amps OP-AMP, 3000 uV OFFSET-MAX, 0.15 MHz BAND WIDTH, PDSO8
|
Maxim Integrated Products, Inc.
|
|