PART |
Description |
Maker |
X88064SI-60 X88064 X88064P X88064P-60 X88064PI X88 |
E2 Micro-Peripheral
|
XICOR[Xicor Inc.]
|
X68C64 X68C64P X68C64PI X68C64PM X68C64S X68C64SI |
E2 Micro-Peripheral
|
Xicor, Inc. Xicor Inc.
|
LC8953 |
General-Purpose 68000 MPU Peripheral Interface LSI Programmable Universal Peripheral /Port Expansion Unit(可编程通用外围/端口扩展单元)
|
Sanyo Semicon Device Sanyo Electric Co.,Ltd.
|
DS3632J-8 DS1632J-883B DS1631H883B DS1632J-8B DS16 |
FLEXIBLE PERIPHERAL DRIVER for interfacing with CMOS circuits Dual Peripheral Driver
|
Rochester Electronics
|
1PK-501A 1PK-501C 1PK-501B 1PK-501D 1PK-501E |
PLIERS MICRO CUTTING 90MM PLIERS MICRO BENT NOSE 100MM PLIERS MICRO FLAT NOSE 100MM PLIERS MICRO ROUND NOSE 100MM PLIERS MICRO LONG NOSE 100MM 钳微大鼻00万亿
|
Kingbright, Corp.
|
CY8C2512205 CY8C26443-24PXI CY8C26233-24SXI |
Mixed-Signal Array with On-board Controller MULTIFUNCTION PERIPHERAL, PDIP28 0.300 INCH, LEAD FREE, PLASTIC, MO-095, DIP-28 IC MCU 8K FLASH 256B 20-SOIC MULTIFUNCTION PERIPHERAL, PDSO20
|
Cypress Semiconductor, Corp.
|
W81386D |
PC & Peripheral IC > Peripheral Device IC > USB Device & Hub From old datasheet system
|
Winbond
|
2-794618-4 |
3mm Centerline, 250V, 5 A max. ( Micro MATE-N-LOK ) Connectors; 24POS MICRO MNL ASSY, R/A HDR ( AMP )
|
Tyco Electronics
|
S3C2510A |
16/32-bit RISC micro-controller is a cost-effective, high-performance micro-controller solution for Ethernet-based systems, for example
|
SAMSUNG SEMICONDUCTOR CO. LTD.
|
K4H510438B-UC/LA2 K4H510838B-UC/LA2 K4H510438B-UC/ |
8-Bit, 31 kSPS ADC Serial Out, Microprocessor Peripheral/Standalone, Single Channels 8-PDIP 512MB的乙芯片DDR SDRAM内存规格 8-Bit, 31 kSPS ADC Serial Out, Microprocessor Peripheral/Standalone, Single Channels 8-SOIC 8-Bit, 22 kSPS ADC Serial Out, uProcessor Periph./Standalone, Mux option w/SE or differential, 2 Ch. 8-SOIC 8-Bit, 392 kSPS ADC Parallel Out, Microprocessor Peripheral, On-Chip Track-and-Hold, Single Channels 20-SSOP 0 to 70 512Mb B-die DDR SDRAM Specification
|
Samsung Semiconductor Co., Ltd. SAMSUNG SEMICONDUCTOR CO. LTD. http://
|
CY7C67300-100AXA CY7C67300-100AXAT CY7C67300-100AX |
EZ-Host Programmable Embedded USB Host and Peripheral Controller EZ-HostProgrammable Embedded USB Host and Peripheral Controller with Automotive AEC Grade Support UNIVERSAL SERIAL BUS CONTROLLER, PQFP100
|
http:// Cypress Semiconductor, Corp.
|
CY7C63743C-PXC CY7C63722C-XC CY7C63722C11 CY7C6372 |
enCoRe USB Combination Low-Speed USB and PS/2 Peripheral Controller enCoReUSB Combination Low-Speed USB and PS/2 Peripheral Controller 8-BIT, OTPROM, 12 MHz, RISC MICROCONTROLLER, PDSO24 enCoReUSB Combination Low-Speed USB and PS/2 Peripheral Controller 8-BIT, OTPROM, 12 MHz, RISC MICROCONTROLLER, PDSO18 enCoRe??USB Combination Low-Speed USB and PS/2 Peripheral Controller
|
Cypress Semiconductor, Corp. CYPRESS SEMICONDUCTOR CORP
|