PART |
Description |
Maker |
MAX4741 MAX4741EKA MAX4741EUA MAX4742EKA MAX4742EU |
0.8O, Low-Voltage, Single-Supply Dual SPST Analog Switches DUAL 1-CHANNEL, SGL POLE SGL THROW SWITCH, PDSO8 0.8<img src=http://dbserv.maxim-ic.com/images/ohm.gif width=12 height=9 Low-Voltage.Single-Supply Dual SPST Analog Switches 0.8з, Low-Voltage, Single-Supply Dual SPST Analog Switches 0.8 / Low-Voltage / Single-Supply Dual SPST Analog Switches 0.8 Low-Voltage Single-Supply Dual SPST Analog Switches " 0.8|? Low-Voltage, Single-Supply Dual SPST Analog Switches" 0.8, Low-Voltage, Single-Supply Dual SPST Analog Switches 0.8? Low-Voltage, Single-Supply Dual SPST Analog Switches
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products]
|
ICL7665ACJA ICL7665ACPA ICL7665ACSA ICL7665ACTV IC |
Microprocessor Voltage Monitor with 2-CHANNEL POWER SUPPLY SUPPORT CKT, PDIP8 μP Voltage Monitor with Dual Over/ Undervoltage Detection Microprocessor Voltage Monitor with Dual Over/Undervoltage Detection Microprocessor Voltage Monitor with
Dual Over/Undervoltage Detection µP Voltage Monitor with Dual Over/Undervoltage Detection
|
Maxim Integrated Products, Inc. Maixm MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
FXL2SD106 FXL2SD106BQX |
Low Voltage Dual Supply 6-Bit SD Memory Card Interface voltage Translator; Package: DQFN; No of Pins: 16; Container: Tape & Reel SPECIALTY INTERFACE CIRCUIT, QCC16 Low Voltage Dual Supply 6-Bit SD Interface Voltage Translator with Configurable Voltage Supplies
|
Fairchild Semiconductor, Corp.
|
LM2903 LM39306 NCV2903DMR2G NCV2903DR2G LM2903D LM |
Low Offset Voltage Dual Comparators Low Offset Voltage Dual Comparators DUAL COMPARATOR, 15000 uV OFFSET-MAX, 1500 ns RESPONSE TIME, PDSO8 Low Offset Voltage Dual Comparators(浣?け璋?????2姣????
|
http:// ONSEMI[ON Semiconductor] Unisonic Technologies
|
P6MU-XXXXZH40 P6MU-0505ZH40 P6MU-053R3ZH40 P6MU-12 |
Input voltage:24V, output voltage /-7.2V ( /-69mA), 4KV isolated 1W unregulated dual output Input voltage:24V, output voltage /-12V ( /-42mA), 4KV isolated 1W unregulated dual output Input voltage:24V, output voltage /-5V ( /-100mA), 4KV isolated 1W unregulated dual output Input voltage:12V, output voltage /-12V ( /-42mA), 4KV isolated 1W unregulated dual output Input voltage:5V, output voltage /-3.3V ( /-150mA), 4KV isolated 1W unregulated dual output Input voltage:5V, output voltage /-5V ( /-100mA), 4KV isolated 1W unregulated dual output 4 KV ISOLATED 1W UNREGULATED DUAL OUTPUT DIP14 4千伏隔震1W的未稳压双输出DIP14
|
http:// PEAK[PEAK electronics GmbH]
|
1.5KE160CC 1.5KE160A 1.5KE16CA 1.5KE62CA 1.5KE75C |
1500 WATT AXIAL TRANSIENT VOLTAGE SUPPRESSORS 1500 Watt peak power transient voltage suppressor. Reverse stand-off voltage VRWM = 243.00 V. Test current IT = 1 mA. Dual-Bit Dual-Supply Bus Transceiver with Configurable Voltage Translation and 3-State Outputs 8-US8 -40 to 85 1500 WATT AXIAL TRANSIENT VOLTAGE SUPPRESSORS 1500瓦特轴向瞬态电压抑制器 MMC, SD, Memory Stick, Smart Media, and XD-Picture Card Voltage Translation Transceiver 48-TSSOP -40 to 85 16-Bit Dual-Supply Bus Transceiver with Configurable Voltage Translation and 3-State Outputs 48-TSSOP -40 to 85 HYB 39S16400CT-8
|
Bytes Comchip Technology Co., Ltd. Littelfuse, Inc. http:// LITTELFUSE[Littelfuse] Won-Top Electronics
|
1.5KE350C 1.5KE16CA 1.5KE75C 1.5KE6.8C 1.5KE6.8A 1 |
TRANSZORB Transient Voltage Suppressors Single-Bit Dual-Supply Bus Transceiver with Configurable Voltage Translation and 3-State Outputs 6-SOT -40 to 85 BOTTOM HANDSET CORD (U10P)BOTTOM HANDSET CORD (U10P); Connector type A:RJ11; Connector type B:Headset; Colour:Black MMC, SD, Memory Stick, Smart Media, and XD-Picture Card Voltage Translation Transceiver 48-TSSOP -40 to 85 GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-6.8 to 440 Volts 玻璃钝化结瞬态电压抑制电压为440伏特.8 PTA 1.5/6-3.5 玻璃钝化结瞬态电压抑制电压为440伏特6.8 Dual-Bit Dual-Supply Bus Transceiver with Configurable Voltage Translation and 3-State Outputs 8-US8 -40 to 85
|
Vaishali Semiconductor General Semiconductor SURGE[Surge Components] Surge Components, Inc.
|
FXLA108 FXLA108BQX |
Low-Voltage Dual-Supply 8-Bit Voltage Translator with Configurable Voltage Supplies and Signal Levels, 3-State Outputs, and Auto Direction Sensing
|
Fairchild Semiconductor
|
BXA30-48S3V3/8-F BXA30-48S3V3-1 BXA30-12S05-F BXA3 |
Low on resistance quad, SPDT, wide-bandwidth video switch Adaptive single 3.4 Gbps TMDS/HDMI signal equalizer 14 bit dual supply bus transceiver level translator, a side series resistor, 2 bit I²C lines Low voltage 0.5O max quad SPDT switch with break before make feature Low voltage 0.5 O max quad SPDT switch with break-before-make feature Low voltage 0.5O max dual SPDT switch with break before make feature Low voltage 4 O SPDT switch Low voltage 0.5 O max dual SPDT switch with break-before-make Low voltage high bandwidth Quad SPDT switch DC至DC转换 Low Voltage 0.5 Ohm Max, quad SPDT switch with break-before-make feature DC至DC转换 DC to DC Converter DC至DC转换 Low voltage high bandwidth dual SPDT switch DC至DC转换
|
Jiangsu Changjiang Electronics Technology Co., Ltd.
|
MAX6731AUT MAX6731AUTD MAX6732AUT MAX6732AUTD MAX6 |
Single-/Dual-/Triple-Voltage µP Supervisory Circuits with Independent Watchdog Output 1-CHANNEL POWER SUPPLY MANAGEMENT CKT, PDSO6 Single-/Dual-/Triple-Voltage 楼矛P Supervisory Circuits with Independent Watchdog Output Single-/Dual-/Triple-Voltage 渭P Supervisory Circuits with Independent Watchdog Output Single-/Dual-/Triple-Voltage μP Supervisory Circuits with Independent Watchdog Output Single-/Dual-/Triple-Voltage レP Supervisory Circuits with Independent Watchdog Output
|
Maxim Integrated Products, Inc.
|
AD5313 AD5323 AD5303 AD5303BRU AD5313BRU AD5323BRU |
2.5 V to 5.5 V, 230 uA, Dual Rail-to-Rail Voltage Output 8-/10-/12-Bit DACs SERIAL INPUT LOADING, 6 us SETTLING TIME, 8-BIT DAC, PDSO16 2.5 V to 5.5 V, 230 A Dual Rail-to-Rail, Voltage Output 12-Bit DAC in a 16-Lead TSSOP Package 2.5 V to 5.5 V, 230 A Dual Rail-to-Rail, Voltage Output 8-Bit DAC in a 16-Lead TSSOP Package 2.5 V to 5.5 V, 230 A Dual Rail-to-Rail, Voltage Output 10-Bit DAC in a 16-Lead TSSOP Package 2.5 V to 5.5 V 230 uA Dual Rail-to-Rail Voltage Output 8-/10-/12-Bit DACs 2.5V to 5.5V, Dual Rail-to-Rail, Voltage Output 810/12-Bit DACs
|
AD[Analog Devices]
|
MAX6035AAUR30 MAX6035AAUR30-T |
2.5 V to 5.5 V, 250 µA, 2-Wire Interface, Dual Voltage Output, 8-Bit DACs; Package: MSOP; No of Pins: 8; Temperature Range: Industrial High-Supply-Voltage, Precision Voltage Reference in SOT23
|
MAXIM INTEGRATED PRODUCTS INC
|