PART |
Description |
Maker |
LTC3411EDDTR LTC3411EDDPBF |
1.25A, 4MHz, Synchronous Step-Down DC/DC Converter; Package: DFN; No of Pins: 10; Temperature Range: -40°C to 125°C
|
LINEAR TECHNOLOGY CORP
|
LTC3404 LTC3404EMS8 |
1.4MHZ HIGH EFFICIENCY MONOLITHIC SYNCHRONOUS STEP-DOWN REGULATOR LTC3404, 1.4MHz 600mA High Efficiency Monolithic Synchronous Step-down Regulator
|
LINER[Linear Technology]
|
RT8011 RT8011PQW RT8011PF RT8011GF RT8011GQW RT801 |
2A, 4MHz, Synchronous Step-Down Regulator
|
Richtek Technology Corporation
|
LTC3418 LTC3418EUHF LT1616 LT1676 LT1765 LTC1879 L |
8A, 4MHz, Monolithic Synchronous Step-Down Regulator
|
LINER[Linear Technology]
|
LTC3412AEUF LTC3412AEUF-PBF LTC3412AEUF-TR LTC3412 |
3A, 4MHz, Monolithic Synchronous Step-Down Regulator
|
Linear Technology
|
LTC3417EFE LTC3417EDHC LTC3417 |
Dual Synchronous 1.4A/800mA 4MHz Step-Down DC/DC Regulator
|
LINER[Linear Technology]
|
MAX8561 |
4MHz, 500mA Synchronous Step-Down DC-DC Converters in SOT and TDFN
|
MAXIM - Dallas Semiconductor
|
LTC3417 |
Dual Synchronous 1.4A/800mA 4MHz Step-Down DC/DC Regulator
|
Linear Technology Corporation
|
MP1498 MP1498DJ |
High-Efficiency, 2A, 16V, 1.4MHz Synchronous, Step-Down Converter
|
Monolithic Power Systems
|
LTC3412AIUFTRPBF LTC3412AEFETRPBF LTC3412AEUFPBF |
2.5A, 4MHz, Monolithic Synchronous Step-Down Regulator; Package: QFN; No of Pins: 16; Temperature Range: -40°C to 85°C 6 A SWITCHING REGULATOR, 4000 kHz SWITCHING FREQ-MAX, PQCC16 2.5A, 4MHz, Monolithic Synchronous Step-Down Regulator; Package: TSSOP; No of Pins: 16; Temperature Range: -40°C to 125°C 6 A SWITCHING REGULATOR, 4000 kHz SWITCHING FREQ-MAX, PDSO16 2.5A, 4MHz, Monolithic Synchronous Step-Down Regulator; Package: QFN; No of Pins: 16; Temperature Range: -40°C to 125°C
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|