PART |
Description |
Maker |
LTC2249 LTC2221 LTC2224 LTC2229 LTC2220 LTC2222 LT |
14-Bit, 80Msps Low Power 3V ADC 14位、80Msps 低功率 3V ADC
|
LINER[Linear Technology]
|
LTC2249IUHPBF |
14-Bit, 80Msps Low Power 3V ADC; Package: QFN; No of Pins: 32; Temperature Range: -40°C to 85°C 1-CH 14-BIT PROPRIETARY METHOD ADC, PARALLEL ACCESS, PQCC32
|
Linear Technology, Corp.
|
MAX1208 |
12-Bit, 80Msps, 3.3V ADC
|
Maxim
|
LTC2272CUJPBF LTC2272IUJTRPBF LTC2273CUJTRPBF LTC2 |
LTC2272 - 16-Bit, 65Msps Serial Output ADC (JESD204); Package: QFN; Number of Pins: 40; Temperature Range: 0°C to 70°C 1-CH 16-BIT PROPRIETARY METHOD ADC, SERIAL ACCESS, PQCC40 LTC2272 - 16-Bit, 65Msps Serial Output ADC (JESD204); Package: QFN; Number of Pins: 40; Temperature Range: –40°C to 85°C 1-CH 16-BIT PROPRIETARY METHOD ADC, SERIAL ACCESS, PQCC40 LTC2273 - 16-Bit, 80Msps Serial Output ADC (JESD204); Package: QFN; Number of Pins: 40; Temperature Range: 0°C to 70°C 1-CH 16-BIT PROPRIETARY METHOD ADC, SERIAL ACCESS, PQCC40 LTC2273 - 16-Bit, 80Msps Serial Output ADC (JESD204); Package: QFN; Number of Pins: 40; Temperature Range: –40°C to 85°C 1-CH 16-BIT PROPRIETARY METHOD ADC, SERIAL ACCESS, PQCC40
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
LTC2272 LTC2272CUJ LTC2272CUJ-PBF LTC2272CUJ-TR LT |
16-Bit, 80Msps/65Msps Serial Output ADC
|
Linear Technology
|
LTC2294 |
Dual 12-Bit, 80Msps Low Power 3V ADC
|
Linear Technology
|
LTC2299 |
Dual 14-Bit, 80Msps Low Power 3V ADC
|
Linear Technology
|
LTC2164IUKPBF LTC2165IUKTRPBF LTC2165 |
16-Bit, 125/105/80Msps Low Power ADCs 1-CH 16-BIT PROPRIETARY METHOD ADC, PARALLEL ACCESS, PQCC48
|
LINEAR TECHNOLOGY CORP
|
MAX1448EHJ MAX1448 |
10-Bit, 80Msps, Single 3.0V, Low-Power ADC with Internal Reference
|
MAXIM[Maxim Integrated Products]
|
MAX1427ETN |
15-Bit, 80Msps ADC with -79.3dBFS Noise Floor for Baseband Applications
|
MAXIM - Dallas Semiconductor
|
CDK8307AILP64 CDK8307AITQ80 CDK8307BILP64 CDK8307B |
12/13-bit, 20/40/50/65/80MSPS, Eight Channel, Ultra Low Power ADC with LVDS
|
Cadeka Microcircuits LLC.
|