PART |
Description |
Maker |
160MT100KB 160MT120K 160MT120KB 160MT160KB 130MT80 |
THREE PHASE BRIDGE 三相桥式 800V 3 Phase Bridge in a INT-A-Pak package 1400V 3 Phase Bridge in a INT-A-Pak package 1000V 3 Phase Bridge in a INT-A-Pak package 1200V 3 Phase Bridge in a INT-A-Pak package 1600V 3 Phase Bridge in a INT-A-Pak package
|
International Rectifier, Corp. IRF[International Rectifier]
|
2KBB10 2KBB100 2KBB20 2KBB80 2KBB 2KBB05 2KBB40 2K |
1.9A single phase rectifier bridge 800V Bridge in a D-37 package 600V Bridge in a D-37 package 400V Bridge in a D-37 package 1000V Bridge in a D-37 package 100V Bridge in a D-37 package 50V Bridge in a D-37 package 200V Bridge in a D-37 package 2KBB SERIES 1.9A single phase rectifier bridge From old datasheet system Silver Mica Capacitor; Capacitance:25000pF; Capacitance Tolerance: 5%; Series:CD30; Voltage Rating:300VDC; Capacitor Dielectric Material:Mica; Termination:Radial Leaded; Lead Pitch:11.1mm; Leaded Process Compatible:Yes RoHS Compliant: Yes 1.9A单相整流 Silver Mica Capacitor; Capacitance:25000pF; Capacitance Tolerance: /- 2%; Series:CD30; Voltage Rating:300VDC; Capacitor Dielectric Material:Mica; Termination:Radial Leaded; Lead Pitch:11.1mm; Leaded Process Compatible:Yes RoHS Compliant: Yes 1.9A单相整流
|
IRF[International Rectifier] International Rectifier, Corp.
|
DBF150 DBF150C DBF150G |
Silicon Diffused Junction Type 15A Single-Phase Bridge Rectifier Single-Phase Bridge Rectifying Diodes
|
SANYO[Sanyo Semicon Device]
|
EHS6B1-S |
Single Phase Bridge; Package: SEE_FACTORY; IO/ Leg (A): 12; VR / Leg (V): 600; IFSM / Leg (A): 250; SILICON, BRIDGE RECTIFIER DIODE
|
Microsemi, Corp.
|
X37120B1B1 X37120B1N1-S |
Single Phase Bridge; Package: SEE_FACTORY; IO/ Leg (A): 80; VR / Leg (V): 1200; IFSM / Leg (A): 1500; SILICON, BRIDGE RECTIFIER DIODE
|
Microsemi, Corp.
|
1106A 1106FA 1106UFA 1102FA 1102A 1102UFA 1110A 11 |
200 V - 1,000 V Single Phase Bridge 1.4 A - 1.5 A Forward Current 70 ns - 3000 ns Recovery Time 200 V - 1000 V Single Phase Bridge
|
VMI[Voltage Multipliers Inc.] ETC[ETC]
|
MP1510 MP1505 MP1507 MP1503 MP154 MP158 MP151 MP15 |
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 15 Amperes) 单相玻璃钝化硅桥式整流器(电压范50000伏特,电流十五安培) (MP1505 - MP1510) SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER (MP151 - MP1510) SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER
|
RECTRON[Rectron Semiconductor]
|
70MT160PB 100MT160PA 100MT160PB 40MT160PA 40MT160P |
1600V 3 Phase Bridge in a MTP package with flat pins 1600V 3 Phase Bridge in a MTP package with round pins. THREE PHASE BRIDGE
|
IRF[International Rectifier]
|
GBPC3512W GBPC2512A GBPC2512W GBPC3512 GBPC3512A G |
GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER SINGLE PHASE BRIDGE
|
General Semiconductor IRF[International Rectifier]
|
PSB71F-06 PSB71F04 PSB71F06 |
Single Phase Rectifier Bridge Single Phase Rectifier Bridge with fast Recovery Epitaxial Diode (FRED)
|
Powersem GmbH
|
EHS6B1 EHS6B1-S EHS6Z1 EHS2B1-S EHS12B1-S EHS8B1-S |
Light-to-Digital I2C Sensor; Temperature Range: -40°C to 85°C; Package: 8-DFN 单相 Light-to-Digital Output Sensor with Address Selection, High Sensitivity, Gain Selection, Interrupt Function and I2C Interface; Temperature Range: -40°C to 85°C; Package: 8-ODFN T&R Center Tap 3 Phase Bridge Single Phase Bridge
|
Microsemi, Corp.
|
VHFD16-14IO1 VHFD16-16IO1 VHFD16 VHFD16-08IO1 VHFD |
VOLTAGE TESTER NONCONTACT; 15 A, 1400 V, SCR Half Controlled Single Phase Rectifier Bridge Power Modules/Rectifier Bridge Modules: Single Phase Half-control Bridges / Single Phase, Full-control Rectifier Bridges
|
IXYS, Corp. IXYS[IXYS Corporation]
|