PART |
Description |
Maker |
3AP8-R 3AG1-R 3AG200-R 3AG2.5-R 3AG1.25-R AG400-R |
Fuses, RoHS 8A 250V FAST GLASS FAST BLOW ELECTRIC FUSE, 8A, 250VAC, 200A (IR), THROUGH HOLE Fuses, RoHS 1A 250V FAST GLASS FAST BLOW ELECTRIC FUSE, 1A, 250VAC, 200A (IR), INLINE/HOLDER Fuses, RoHS 200mA 250V FAST GLASS FAST BLOW ELECTRIC FUSE, 0.2A, 250VAC, 200A (IR), INLINE/HOLDER Fuses, RoHS 2.5A 250V FAST GLASS Fuses, RoHS 1.25A 250V FAST GLASS Fast Blow Fuse Series FAST BLOW ELECTRIC FUSE, 0.4A, 250VAC, 200A (IR), INLINE/HOLDER
|
Bel Fuse, Inc. Bel Fuse Inc.
|
BK/PCB-2-1/2-R BK/PCC-3-R BK/PCB-3-R TR/PCD-5-R |
FUSE 2-1/2A 250V FAST PCTRON LNG FAST BLOW ELECTRIC FUSE, 2.5A, 250VAC, 450VDC, 50A (IR), THROUGH HOLE FUSE 3.00A 250V FAST PCTRON SHRT FAST BLOW ELECTRIC FUSE, 3A, 250VAC, 350VDC, 50A (IR), THROUGH HOLE FUSE 3.00A 250V FAST PCTRON LONG FAST BLOW ELECTRIC FUSE, 3A, 250VAC, 350VDC, 50A (IR), THROUGH HOLE Fuse; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes RoHS Compliant: Yes FAST BLOW ELECTRIC FUSE, 5A, 125VAC, 250VDC, 10000A (IR), THROUGH HOLE
|
Cooper Bussmann, Inc.
|
STD4NA40 STD4NA40-T4 STD4NA40-1 |
N - CHANNEL ENHANCEMENT MODE FAST POWER MOS TRANSISTOR Leaded Cartridge Fuse; Current Rating:500mA; Voltage Rating:250V; Fuse Terminals:Axial Lead; Fuse Type:Time Delay; Voltage Rating:250V; Body Material:Glass; Diameter:4.7mm; Fuse Size/Group:5 x 15 mm; Leaded Process Compatible:Yes RoHS Compliant: Yes TRANSISTOR | MOSFET | N-CHANNEL | 400V V(BR)DSS | 3.3A I(D) | TO-251
|
SGS Thomson Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导
|
5SFP8-R 5SF8-R 5SF10-R 5SF1.6-R 5SFP630-R BELFUSEI |
Fuses, RoHS 8A 250V F IEC GLASS LEAD FAST BLOW ELECTRIC FUSE, 8A, 250VAC, 35A (IR), THROUGH HOLE Fuses, RoHS 8A 250V F IEC GLASS 5X20 FAST BLOW ELECTRIC FUSE, 8A, 250VAC, 35A (IR), INLINE/HOLDER Fuses, RoHS 10A 250V F IEC GLASS 5X20 FAST BLOW ELECTRIC FUSE, 10A, 250VAC, 35A (IR), INLINE/HOLDER Fuses, RoHS 1.6A 250V F IEC GLASS 5X20 FAST BLOW ELECTRIC FUSE, 1.6A, 250VAC, 35A (IR), INLINE/HOLDER Fuses, RoHS 630mA 250V F IEC GLASS LEAD
|
Bel Fuse, Inc. BEL FUSE INC
|
3SBP3 3SBP5 3SB8 3SBP375 3SB500 3SB200 3SB4 3SBP80 |
Fuses, 3A 250V SB GLASS LEADED SLOW BLOW ELECTRIC FUSE, 3A, 250VAC, 100A (IR), THROUGH HOLE Fuses, 5A 250V SB GLASS LEADED SLOW BLOW ELECTRIC FUSE, 5A, 250VAC, 200A (IR), THROUGH HOLE Fuses, 8A 250V SB GLASS SLOW BLOW ELECTRIC FUSE, 8A, 250VAC, 200A (IR), INLINE/HOLDER Fuses, 375mA 250V SB GLASS LEADED SLOW BLOW ELECTRIC FUSE, 0.38A, 250VAC, 35A (IR), THROUGH HOLE Fuses, 500mA 250V SB GLASS SLOW BLOW ELECTRIC FUSE, 0.5A, 250VAC, 35A (IR), INLINE/HOLDER Fuses, 200mA 250V SB GLASS SLOW BLOW ELECTRIC FUSE, 0.2A, 250VAC, 35A (IR), INLINE/HOLDER Fuses, 4A 250V SB GLASS SLOW BLOW ELECTRIC FUSE, 4A, 250VAC, 200A (IR), INLINE/HOLDER Fuses, 80mA 250V SB GLASS LEADED
|
Bel Fuse, Inc. BEL FUSE INC
|
STD4 STD2 |
:Glass; Diameter:4.7mm; Fuse Size/Group:5 x 15 mm; Leaded Process Compatible:Yes RoHS Compliant: Yes ELECTRIC FUSE, 2A, 240VAC, 33000A (IR), INLINE/HOLDER Leaded Cartridge Fuse; Current Rating:2.5A; Voltage Rating:250V; Fuse Terminals:Axial Lead; Fuse Type:Time Delay; Voltage Rating:250V; Body Material:Glass; Diameter:4.7mm; Fuse Size/Group:5 x 15 mm; Leaded Process Compatible:Yes RoHS Compliant: Yes
|
COOPER INDUSTRIES
|
LA120X1-1 LA120X1_2-1 LA120X10-1 LA120X15-1 LA120X |
Fuses, 5A 250V F IEC GLASS LEAD LA120X半导体保险丝 Fuses, 3.15A 250V F IEC GLASS 5X20 LA120X Semiconductor Fuses
|
Littelfuse, Inc. LITTELFUSE[Littelfuse]
|
AP/EFF-3.15 |
FAST BLOW ELECTRIC FUSE, 3.15A, 250VAC, THROUGH HOLE ROHS COMPLIANT
|
Cooper Bussmann, Inc.
|
3413.0221.11 |
VERY FAST BLOW ELECTRIC FUSE, 3.15A, 32VAC, 63VDC, 63A (IR), SURFACE MOUNT
|
SCHURTER INC
|
GSA GSA1-R GSA700-R GSA500-R GSA3-R GSA7-R GSA8-R |
Slow Blow Fuse Series Fuses, RoHS 4A 250V SB UL CERAMIC SLOW BLOW ELECTRIC FUSE, 4A, 125VAC, 10000A (IR), INLINE/HOLDER Fuses, RoHS 160mA 250V SB UL CERM LEAD
|
Bel Fuse Inc. Bel Fuse, Inc.
|
|