PART |
Description |
Maker |
BAP1321-03 |
Silicon PIN diode BAP1321-03<SOD323 (SOD323)|<<http://www.nxp.com/packages/SOD323.html<1<week 31, 2003,;
|
NXP Semiconductors N.V.
|
CDST-16-G12 CDST-16-G |
Switching Diodes Array, V-RRM=75V, V-R=75V, P-D=225mW, I-F=200mA Small Signal Switching Diodes
|
Comchip Technology
|
DL4151-TP |
DIODE SWITCH SW 75V .5A MINIMELF 0.15 A, 75 V, SILICON, SIGNAL DIODE
|
Micro Commercial Components, Corp.
|
ZHCS400 |
SOD323 SILICON HIGH CURRENT SCHOTTKY BARRIER DIODE
|
Diodes Incorporated
|
TTB200T TTB200S TTB150T TTB150D |
SINGLE BIDIRECTIONAL BREAKOVER DIODE|285V V(BO) MAX|200MA I(S)|TO-220AC SINGLE BIDIRECTIONAL BREAKOVER DIODE|285V V(BO) MAX|200MA I(S)|DO-214AB SINGLE BIDIRECTIONAL BREAKOVER DIODE|235V V(BO) MAX|200MA I(S)|TO-220AC SINGLE BIDIRECTIONAL BREAKOVER DIODE|235V V(BO) MAX|200MA I(S)|DO-15 单双向击穿二极管| 235V五(公报)最大| 200mA的我(县)|的DO - 15
|
ITT, Corp.
|
SB02-09CP |
90V, 200mA Rectifier Shottky Barrier Diode Small signal(single type) 90V/ 200mA Rectifier
|
Sanyo Semiconductor SANYO[Sanyo Semicon Device] Sanyo Electric Co.,Ltd.
|
MBRX02520 MBRX0252008 MBRX02530 MBRX02540 MBRX0256 |
0.25 Amp Schottky Barrier Rectifier 20 to 60 Volts DIODE SCHOTTKY 20V 250MA SOD323
|
Micro Commercial Components
|
56P36-01-2-05N 56P36-01-2-05S 56D30-01-1-AJN 56D30 |
0.5 in Diameter, 200mA Single Deck Rotary Switch ROTARY SWITCH-5POSITIONS, DP5T, LATCHED, 0.2A, 30VDC, THROUGH HOLE-STRAIGHT ROTARY SWITCH-5POSITIONS, DP5T, LATCHED, 0.2A, 30VDC, THROUGH HOLE-STRAIGHT ROHS COMPLIANT 0.5 in Diameter, 200mA Single Deck Rotary Switch ROTARY SWITCH-12POSITIONS, SP12T, LATCHED, 0.2A, 30VDC, PANEL MOUNT-THREADED 0.5 in Diameter, 200mA Single Deck Rotary Switch ROTARY SWITCH-6POSITIONS, DP6T, LATCHED, 0.2A, 30VDC, PANEL MOUNT-THREADED ROTARY SWITCH-12POSITIONS, SP12T, LATCHED, 0.2A, 30VDC, THROUGH HOLE-STRAIGHT ROTARY SWITCH-10POSITIONS, SP10T, LATCHED, 0.2A, 30VDC, PANEL MOUNT-THREADED ROTARY SWITCH-5POSITIONS, DP5T, LATCHED, 0.2A, 30VDC, PANEL MOUNT-THREADED
|
Grayhill, Inc. GRAYHILL INC
|
BAS40-04-TP |
DIODE SCHOTTKY 40V 200MA SOT23 0.2 A, 40 V, 2 ELEMENT, SILICON, SIGNAL DIODE
|
Micro Commercial Components, Corp.
|
CDSW4148-G |
Small Signal Switching Diodes, V-RRM=75V, V-R=75V, P-D=400mW, I-F=150mA
|
Comchip Technology
|
CDSW4448-G CDSW4448-G12 |
Small Signal Switching Diodes, V-RRM=75V, V-R=75V, P-D=400mW, I-F=500mA
|
Comchip Technology
|
|