PART |
Description |
Maker |
ADM208EARUZ-REEL ADM208EARS-REEL ADM208EARSZ ADM20 |
EMI/EMC Compliant, ±15kV Protected, RS-232 230kBPS Transceiver with 4 Drivers & 4 Receivers; Package: TSSOP; No of Pins: 24; Temperature Range: Industrial QUAD LINE TRANSCEIVER, PDSO24 EMI/EMC Compliant, ±15kV Protected, RS-232 230kBPS Transceiver with 4 Drivers & 4 Receivers; Package: SSOP; No of Pins: 24; Temperature Range: Industrial QUAD LINE TRANSCEIVER, PDSO24 EMI/EMC-Compliant, ±15 kV ESDProtected, RS-232 Line Drivers/Receivers QUAD LINE TRANSCEIVER, PDSO28 EMI/EMC-Compliant, ±15 kV ESDProtected, RS-232 Line Drivers/Receivers
|
Analog Devices, Inc. ANALOG DEVICES INC
|
ADM1181AARWZ ADM1181AARWZ-REEL ADM1181AARW-REEL AD |
EMI/EMC-Compliant, -15 kV, ESD-Protected RS-232 Line Drivers/Receivers
|
Analog Devices, Inc. ANALOG DEVICES INC
|
ADM1496E |
EMI/EMC Compliant, + 15 kV ESD Protected, RS-232 Line Drivers/Receivers
|
Analog Devices
|
MAX3186 MAX3186CAP MAX3186CWP MAX3186EAP MAX3186EW |
±15kV ESD-Protected, EMC Compliant, 230kbps RS-232 Serial Port for Modems 【15kV ESD-Protected, EMC-Compliant, 230kbps RS-232 Serial Port for Modems ±15kV ESD-Protected, EMC-Compliant, 230kbps RS-232 Serial Port for Modems 15kV ESD-Protected / EMC-Compliant / 230kbps RS-232 Serial Port for Modems 2.5-V/3.3-V Oscillator Gain Stage/Buffer with Enable 8-WSON -40 to 85 5kV ESD-Protected, EMC-Compliant, 230kbps RS-232 Serial Port for Modems LINE TRANSCEIVER, PDSO20 ??5kV ESD-Protected, EMC-Compliant, 230kbps RS-232 Serial Port for Modems
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maixm Maxim Integrated Products, Inc. MAXIM INTEGRATED PRODUCTS INC
|
B84143G0220R110 B84143G0036R110 B84143G0066R110 B8 |
EMC filters 300 V, 50/60 HZ, THREE PHASE EMI FILTER
|
EPCOS AG
|
9703 32-2-7225111 47-63-847500 9750 41-41-7994040 |
3M?EMI/EMC Electronic Materials 3M?EMI/EMC Electronic Materials
|
3M Electronics
|
ADM483E ADM483EAN ADM483EAR |
-15 kV ESD Protected, EMC Compliant Slew Rate Limited, EIA RS-485 Transceiver
|
AD[Analog Devices]
|
SS28H-08350-CH SS28H-25045-CH |
250 V, 50 HZ, SINGLE PHASE EMI FILTER ROHS COMPLIANT PACKAGE-4
|
Pericom Semiconductor, Corp.
|
PFD1617 PFD1617NP-B102 PFD1617NP-B123 PFD1617NP-B1 |
50/60 HZ, SINGLE PHASE EMI FILTER ROHS COMPLIANT PACKAGE-4 AC COMMON MODE COIL
|
Sumida, Corp. Sumida Corporation
|
SI3402-C |
FULLY-INTEGRATED IEEE 802.3-COMPLIANT POE PD INTERFACE AND LOW-EMI SWITCHING REGULATOR
|
Silicon Laboratories
|
MG75Q2YS51 E002416 |
24-Port Wireless Switch; Approval Categories:UL, EN & IEC: 60950-I; EMC FCC Part 15 Class B, EN 300386; Data Rate:54Mbps; External Depth:15.5"; External Height:1.7"; External Width:17.3" RoHS Compliant: Yes N通道IGBT的(大功率开关,马达控制应用 24-Port Wireless Switch; Approval Categories:UL, EN & IEC: 60950-I; EMC FCC Part 15 Class B, EN 300386; Data Rate:54Mbps; External Depth:15.5 HIGH POWER SWITCHING APPLICATIONS MOTOR CONTROL APPLICATIONS From old datasheet system N CHANNEL IGBT (HIGH POWER SWITCHING, MOTOR CONTROL APPLICATIONS)
|
Toshiba, Corp. Toshiba Corporation Toshiba Semiconductor
|