PART |
Description |
Maker |
AFCC100215LKW2S AFCC190218W6W9N AFCC160222VMW1N AF |
1 FUNCTIONS, 350 V, 15 A, FEED THROUGH CAPACITOR 1 FUNCTIONS, 63 A, FEED THROUGH CAPACITOR 1 FUNCTIONS, 250 V, 16 A, FEED THROUGH CAPACITOR 1 FUNCTIONS, 630 V, 15 A, FEED THROUGH CAPACITOR
|
|
CX1206MKX7R0BB223 CX1206MKX7R7BB394 CX0603MRX5R5BB |
1 FUNCTIONS, 100 V, FEED THROUGH CAPACITOR 1 FUNCTIONS, 16 V, FEED THROUGH CAPACITOR 1 FUNCTIONS, 6.3 V, FEED THROUGH CAPACITOR 1 FUNCTIONS, 10 V, FEED THROUGH CAPACITOR 1 FUNCTIONS, 50 V, FEED THROUGH CAPACITOR
|
YAGEO CORP
|
W2F15C4728AT1F W2F15C4738AT1F W3F11A2218AT1A W3F11 |
Ceramic Multilayer Capacitor; Capacitance:4700pF; Capacitance Tolerance: 50, -20 %; Working Voltage, DC:50V; Dielectric Characteristic:X7R; Package/Case:0805; Series:W2F; Leaded Process Compatible:Yes 1 FUNCTIONS, 50 V, 0.3 A, FEED THROUGH CAPACITOR Ceramic Multilayer Capacitor; Capacitance:47000pF; Capacitance Tolerance: 50, -20 %; Working Voltage, DC:50V; Dielectric Characteristic:X7R; Package/Case:0805; Series:W2F; Leaded Process Compatible:Yes 1 FUNCTIONS, 50 V, 0.3 A, FEED THROUGH CAPACITOR CAP 220PF 100V 50-20% NP0(C0G) SMD-1206 SN100 TR-7-PL FEED-THRU 1 FUNCTIONS, 100 V, 0.3 A, FEED THROUGH CAPACITOR CAP 470PF 100V 50-20% NP0(C0G) SMD-1206 SN100 TR-7-PL FEED-THRU 1 FUNCTIONS, 100 V, 0.3 A, FEED THROUGH CAPACITOR Ceramic Multilayer Capacitor; Capacitance:100pF; Capacitance Tolerance: 50, -20 %; Working Voltage, DC:100V; Dielectric Characteristic:NP0; Package/Case:0805; Series:W2F; Leaded Process Compatible:Yes 1 FUNCTIONS, 100 V, 0.3 A, FEED THROUGH CAPACITOR CAP 0.022UF 50V 50-20% X7R SMD-1206 SN100 TR-7-PL FEED-THRU 1 FUNCTIONS, 50 V, 0.3 A, FEED THROUGH CAPACITOR CAP 0.01UF 50V 50-20% X7R SMD-0805 SN100 TR-13-PL FEED-THRU 1 FUNCTIONS, 50 V, 0.3 A, FEED THROUGH CAPACITOR Feedthru 0805/1206 Capacitors
|
AVX, Corp. AVX Corporation
|
NFM40R02C101B1 NFM4516R13C102RB1 |
1 FUNCTIONS, 25 V, 0.3 A, FEED THROUGH CAPACITOR 1 FUNCTIONS, 100 V, 0.3 A, FEED THROUGH CAPACITOR
|
MURATA MANUFACTURING CO LTD
|
1206J0500103ZXBE01 1206J0500103ZXTE01 1206J0500103 |
1 FUNCTIONS, 50 V, 0.3 A, FEED THROUGH CAPACITOR 1 FUNCTIONS, 100 V, 0.3 A, FEED THROUGH CAPACITOR
|
SYFER TECHNOLOGY LTD
|
DSS6NC52A271T41B DSN6NC51H330Q56B DSN6NC51H222Q56B |
1 FUNCTIONS, 100 V, 6 A, DATA LINE FILTER 1 FUNCTIONS, 50 V, 6 A, FEED THROUGH CAPACITOR FILTER NETWORK 100V 270PF 20%
|
MURATA MANUFACTURING CO LTD
|
DWB04512013KVP500PF/-10R42 DWB04515016KVP500PF/-10 |
1 FUNCTIONS, 13000 V, 25 A, FEED THROUGH CAPACITOR CERAMIC PACKAGE-2 1 FUNCTIONS, 16000 V, 25 A, FEED THROUGH CAPACITOR CERAMIC PACKAGE-2
|
Vishay Intertechnology, Inc. Vishay Beyschlag
|
2450-039-X5R0-471M |
DISCOIDAL FEED-THRU CAPACITOR Solder Mount 1 FUNCTIONS, 500 V, FEED THROUGH CAPACITOR
|
TUSONIX, Inc. TUSONIX INC
|
2463-002-X7U0-152P |
Feed-Thru Capacitor Solder Mount 1 FUNCTIONS, 100 V, FEED THROUGH CAPACITOR
|
TUSONIX, Inc.
|
54-102-006 |
1 FUNCTIONS, 50 V, FEED THROUGH CAPACITOR
|
SPECTRUM CONTROL INC
|
CKD510JB1H471ST CKD310JB0J226SB CKD610JB0J105SB CK |
1 FUNCTIONS, 50 V, 0.4 A, FEED THROUGH CAPACITOR 1 FUNCTIONS, 6.3 V, 4 A, FEED THROUGH CAPACITOR 1 FUNCTIONS, 6.3 V, 2 A, FEED THROUGH CAPACITOR 1 FUNCTIONS, 25 V, 0.2 A, FEED THROUGH CAPACITOR 1 FUNCTIONS, 25 V, 0.5 A, FEED THROUGH CAPACITOR 1 FUNCTIONS, 25 V, 1 A, FEED THROUGH CAPACITOR
|
|
|