PART |
Description |
Maker |
87333-4020 87333-3020 87333-4420 |
Header; No. of Contacts:40; Pitch Spacing:2mm; No. of Rows:2; Series:Mill-Grid; Connector Body Material:Nylon; Mounting Type:PC Board; Terminal Type:Right Angle Pin 40 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER Header Connector,PCB Mnt,RECEPT,30 Contacts,PIN,0.079 Pitch,R ANGLE PC TAIL Terminal 30 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER Header; No. of Contacts:44; Pitch Spacing:2mm; No. of Rows:2; Series:Mill-Grid; Connector Body Material:Nylon; Mounting Type:PC Board; Terminal Type:Right Angle Pin 44 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER
|
Molex, Inc.
|
35021-1201 SD-35021-001 0350211201 |
Board-In Right Angle Crimp Terminal
|
Molex Electronics Ltd.
|
TP203CS43BUTR03 TP203CS28CNTR03 |
6x6 mm Right Angle Type with Supporting Terminal & Tab Available
|
GREATECS
|
SHTSHR-2 |
.079 cl Shrouded Terminal Strip Header Right Angle
|
Major League Electronics
|
TSHCR-7-S |
.0394 cl Dual Row - Right Angle Terminal Strip Header
|
Major League Electronics
|
TSHCR-7-D |
.0394 cl Dual Row - Right Angle Terminal Strip Header
|
Major League Electronics
|
90121-0132 90121-0145 90121-0123 90121-0960 90121- |
Header; Number of Contacts:12; Pitch Spacing:2.54mm; Number of Rows:1; Series:C-Grid III; Connector Body Material:Polyester; Mounting Type:PC Board; Terminal Type:Right Angle Pin 12 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER C-Grid SR RA Pn 6.75/2.90mm Tn-A 25Ckt 25 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER CONN HEADER 3POS .100 R/A TIN 3 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER C-Grid SR RA Pn 6.75/2.90mm Au-F 40Ckt 40 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER Header; Number of Contacts:5; Pitch Spacing:2.54mm; Number of Rows:1; Series:C-Grid III; Connector Body Material:Polyester; Mounting Type:PC Board; Terminal Type:Right Angle Pin 5 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER C-Grid SR RA Pn 6.75/2.90mm Au-F 8Ckt 8 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER C-Grid SR RA Pn 6.75/2.90mm Au-F 15Ckt 15 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER C-Grid SR RA Pn 6.75/2.90mm Au-F 4Ckt 4 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER Header; Number of Contacts:10; Pitch Spacing:2.54mm; Number of Rows:1; Series:C-Grid III; Connector Body Material:Polyester; Mounting Type:PC Board; Terminal Type:Right Angle Pin
|
Molex, Inc. MOLEX INC
|
TSHCR-2-D |
.079cl Dual Row - Custom Terminal Strip Headers - Right Angle
|
Major League Electronics
|
PT493FE0000F |
Opaque Resin, Medium Directivity Angle, Long Terminal Darlington Phototransistor
|
Sharp Electrionic Components
|
TSHCRSM-2-SM |
.079 cl Single Row - Surface Mount Terminal Strip Headers - Right Angle - Custom
|
Major League Electronics
|
LTSHCR-1-T |
.100 cl Triple Row - Right Angle Low Profile Terminal Strip Header - Custom
|
Major League Electronics
|
|