PART |
Description |
Maker |
SMR1D07 |
High Precision Bulk Metal垄莽 Foil Molded Surface Mount Resistor High Precision Bulk Metal? Foil Molded Surface Mount Resistor
|
Vishay Siliconix
|
VHP100T80K250AB VHP100T80K250BB VHP100T80K250CB VH |
Ultra-High Precision Hermetically Sealed Bulk Metal? Foil Technology Resistor with Zero TCR and 0.005 % Tolerance Ultra-High Precision Hermetically Sealed Bulk Metal庐 Foil Technology Resistor with Zero TCR and 0.005 % Tolerance Ultra-High Precision Hermetically Sealed Bulk Metal㈢ Foil Technology Resistor with Zero TCR and 0.005 % Tolerance
|
Vishay Siliconix
|
VSH Y090312K7560A0B Y090312K7560A9B Y090312K7560B0 |
Bulk Metal㈢ Foil Technology Low Profile Conformally Coated High Precision Resistor with Tight Tolerance from 【 0.01 % and Load Life Bulk Metal? Foil Technology Low Profile Conformally Coated High Precision Resistor with Tight Tolerance from ± 0.01 % and Load Life Bulk Metal庐 Foil Technology Low Profile Conformally Coated High Precision Resistor with Tight Tolerance from 卤 0.01 % and Load Life Bulk Metal垄莽 Foil Technology Low Profile Conformally Coated High Precision Resistor with Tight Tolerance from 隆戮 0.01 % and Load Life
|
Vishay Siliconix
|
Y1636397R000T0W Y1636392R000T0R Y1636397R000T0R Y1 |
RESISTOR, METAL FOIL, 0.1 W, 0.01 %, 0.2 ppm, 392 ohm, SURFACE MOUNT, 0603 CHIP, ROHS COMPLIANT RESISTOR, METAL FOIL, 0.1 W, 0.01 %, 0.2 ppm, 397 ohm, SURFACE MOUNT, 0603 CHIP, ROHS COMPLIANT Ultra High Precision Foil Wraparound Surface Mount Chip Resistor
|
Vishay Intertechnology, Inc. Vishay Siliconix
|
VRM Y007345K4540B0L Y007345K4540T0L Y007345R4540A0 |
Bulk Metal㈢ Foil Technology Industrial Miniature Precision Resistor with TCR of 【 4 ppm/∑C and Tolerance to 【 0.01 % Bulk Metal? Foil Technology Industrial Miniature Precision Resistor with TCR of ± 4 ppm/°C and Tolerance to ± 0.01 % Bulk Metal庐 Foil Technology Industrial Miniature Precision Resistor with TCR of 卤 4 ppm/掳C and Tolerance to 卤 0.01 % Bulk Metal垄莽 Foil Technology Industrial Miniature Precision Resistor with TCR of 隆戮 4 ppm/隆?C and Tolerance to 隆戮 0.01 %
|
Vishay Siliconix
|
Y2123420R220F0L Y2123420R220A0L Y2123420R220A9L Y2 |
Ultra High Precision Z-Foil Surface Mount Power Resistor in TO-220 Configuration with TCR of ± 0.05 ppm/°C, Ultra High Precision Z-Foil Surface Mount Power Resistor in TO-220 Configuration with TCR of 卤 0.05 ppm/掳C, Ultra High Precision Z-Foil Surface Mount Power Resistor in TO-220 Configuration with TCR of 隆戮 0.05 ppm/隆?C, Ultra High Precision Z-Foil Surface Mount Power Resistor in TO-220 Configuration with TCR of 【 0.05 ppm/∑C,
|
Vishay Siliconix
|
300198Z 300193Z 300194Z 300190Z 300195Z 300192Z 30 |
Ultra High Precision Z-Foil Voltage Divider and Network Resistor with TCR Tracking to 0.1 ppm/隆?C and Resistance Match to 隆戮 0.005% (50 ppm) Ultra High Precision Z-Foil Voltage Divider and Network Resistor with TCR Tracking to 0.1 ppm/°C and Resistance Match to ± 0.005% (50 ppm)
|
Vishay Siliconix
|
UHPC2512 UHPC2010 |
Foil Precision Chip Resistor
|
Riedon Powertron
|
Y1485V0052QT9R Y1485V0065QT9R Y1485V0066QT9R Y1485 |
High Precision Bulk Metal㈢ Foil Surface Mount Voltage Divider High Precision Bulk Metal? Foil Surface Mount Voltage Divider High Precision Bulk Metal庐 Foil Surface Mount Voltage Divider High Precision Bulk Metal垄莽 Foil Surface Mount Voltage Divider
|
http:// Vishay Siliconix
|
VISHAYSFERNICE-RMK22N50KF RMK22N10K97F RMK22N113KB |
RMK 22N Wirebondable High Precision Single Value Thin Film Chip Resistors Film/Foil Resistor, RES,SMT,THIN FILM,113K OHMS,100WV,.1% /-TOL,-5,5PPM TC,0202 CASE
|
Vishay Sfernice
|