PART |
Description |
Maker |
10N70-Q |
N-CHANNEL POWER MOSFE
|
Unisonic Technologies
|
STB80NE03L-06 5472 -STB80NE03L-06 |
N-Channel 30V-0.005惟-80A- D2PAK STripFETTM Power MOSFET(N???MOSFET) N-Channel 30V-0.005Ω-80A- D2PAK STripFETTM Power MOSFET(N功率MOSFET) From old datasheet system N - CHANNEL 30V - 0.005 - 80A - D 2 PAK STripFET TM POWER MOSFET
|
意法半导 STMicro
|
FDD13AN06A0 FDD13AN06A0NL |
RECTIFIER SCHOTTKY SINGLE 3A 40V 80A-ifsm 0.5V-vf 0.5mA-ir DO-201AD 500/BULK 9.9 A, 60 V, 0.0135 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-252AA N-Channel PowerTrench MOSFET, 60V, 50A, 0.0135
|
FAIRCHILD SEMICONDUCTOR CORP Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
STB80NE03L-06 STB80NE03L-06-1 STB80NE03L-06T4 |
N-CHANNEL 30V - 0.005ohm - 80A D2PAK / I2PAK STripFET?/a> POWER MOSFET N-CHANNEL 30V - 0.005 OHM - 80A D2PAK/I2PAK STRIPFET POWER MOSFET N-CHANNEL 30V - 0.005 OHM - 80A D2PAK/I2PAK STRIPFET POWER MOSFET N-CHANNEL 30V - 0.005ohm - 80A D2PAK / I2PAK STripFET POWER MOSFET N-CHANNEL 30V - 0.005ohm - 80A D2PAK / I2PAK STripFET⑩ POWER MOSFET Circular Connector; MIL SPEC:MIL-C-26482, Series I, Solder; Body Material:Aluminum; Series:PC01; No. of Contacts:6; Connector Shell Size:10; Connecting Termination:Solder; Circular Shell Style:Cable Receptacle; Body Style:Straight
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导
|
STW80NF55-08 8007 |
N-CHANNEL 55V - 0.0065ohm - 80A TO-247 STripFETPOWER MOSFET N-CHANNEL 55V - 0.0065ohm - 80A TO-247 STripFET POWER MOSFET N-CHANNEL 55V - 0.0065 OHM - 80A TO-247 STRIPFET POWER MOSFET From old datasheet system N-CHANNEL 55V - 0.0065ohm - 80A TO-247 STripFET⑩ POWER MOSFET N-CHANNEL 55V - 0.0065 OHM - 80A TO-247 STRIPFET POWER MOSFET
|
意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
STB80NF55-06-1 |
晶体管| MOSFET的| N沟道| 55V的五(巴西)直| 80A条(丁)|62AA TRANSISTOR | MOSFET | N-CHANNEL | 55V V(BR)DSS | 80A I(D) | TO-262AA N-CHANNEL 55V 0.005 OHM 80A TO-220/TO-220FP/I2PAK STRIPFET II POWER MOSFET
|
SGS Thomson Microelectronics
|
STB80NF55L-06 STB80NF55L-06T4 |
TRANSISTOR | MOSFET | N-CHANNEL | 55V V(BR)DSS | 80A I(D) | TO-263AB N - CHANNEL 55V - 0.005 ohm - 80A D2PAK STripFET POWER MOSFET
|
意法半导 STMICROELECTRONICS[STMicroelectronics]
|
STB75NF75T4 STB75NF75 STP75NF75 STP75NF75FP |
N-channel 75V - 0.0095Ω - 80A - TO-220 - TO-220FP - D2PAK STripFET II Power MOSFET N-CHANNEL 75V - 0.0095 ohm - 80A TO-220/TO-220FP/D2PAK STripFET II POWER MOSFET N-channel 75V - 0.0095ヘ - 80A - TO-220 - TO-220FP - D2PAK STripFET⑩ II Power MOSFET
|
STMicroelectronics
|
STB75NF75 STP75NF75 P75NF STP75NF75F STBB75NF75 ST |
N-CHANNEL 75V - 0.0095 ohm - 80A TO-220/TO-220FP/D?PAK STripFETII POWER MOSFET N-CHANNEL MOSFET N-CHANNEL 75V - 0.0095 ohm - 80A TO-220/TO-220FP/D??AK STripFET??II POWER MOSFET N-CHANNEL 75V - 0.0095 ohm - 80A TO-220 / TO-220 FP/D PAK StripFET II POWER MOSFET N-CHANNEL 75V - 0.0095 ohm - 80A TO-220/TO-220FP/D?PAK STripFET⑩ II POWER MOSFET N-CHANNEL 75V - 0.0095 ohm - 80A TO-220/TO-220FP/DPAK STripFET II POWER MOSFET N-CHANNEL 75V - 0.0095 OHM - 80A TO-220/TO-220FP/D2PAK STRIPFET II POWER MOSFET
|
意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics ??????浣?
|
FDMA1032CZ FDMA1032CZ08 |
20V Complementary PowerTrench? MOSFE 20V Complementary PowerTrench㈢ MOSFE
|
Fairchild Semiconductor
|
STP70NS04ZC |
N-channel clamped 8mΩ - 80A TO-220 Fully protected SAFeFET Power MOSFET N-channel clamped 8mヘ - 80A TO-220 Fully protected SAFeFET⑩ Power MOSFET
|
STMicroelectronics
|