PART |
Description |
Maker |
FT312D FT312D-32L1C FT312D-32Q1C FT312D-32Q1C-R FT |
The FT312D is a USB 2.0 Full Speed host IC specifically targeted at providing access to peripheral hardware from an Android platform with a USB device port. USB Android Host IC
|
Future Technology Devic...
|
USB3300-EZK USB3300 |
HI SPEED USB HOST OR DEVICE PHY WITH ULPI LOW PIN INTERFACE
|
STANDARD MICROSYSTEMS CORP SMSC Corporation
|
USB330006 USB3300-EZK USB3300 |
Hi-Speed USB Host, Device or OTG PHY with ULPI Low Pin Interface
|
SMSC[SMSC Corporation]
|
AT76C711 |
The Atmel AT76C711, based on Atmels proprietary 8-bit AVR-enhanced RISC architecture, is a USB device designed to provide a high-speed USB interface to devices that need to communicate with a host through fast serial links like UARTs and
|
Atmel
|
TX25 |
High-Speed USB 2.0 OTG, Full-Speed USB 2.0 Host
|
List of Unclassifed Man...
|
UIC4102CP |
extension cable between USB device and host
|
ETC
|
ISP1564HL |
Hi-Speed USB PCI host controller
|
http://
|
LPC4072FBD80 LPC4072FET80 LPC4074FBD144 LPC4074FBD |
32-bit ARM Cortex-M4 MCU; up to 512 kB flash, 96 kB SRAM; USB Device/Host/OTG; Ethernet; EMC; SPIFI 32-bit ARM Cortex-M4 MCU; up to 512 kB flash, 96 kB SRAM; USB Device/Host/OTG; Ethernet; LCD; EMC; SPIFI
|
NXP Semiconductors
|
CY7C68001-56LTXC CY7C6800109 CY7C68001-56LFC CY7C6 |
EZ-USB SX2 High Speed USB Interface Device
|
Cypress Semiconductor
|
CY7C67300-100AXA CY7C67300-100AXAT CY7C67300-100AX |
EZ-Host Programmable Embedded USB Host and Peripheral Controller with Automotive AEC Grade Support
|
Cypress Semiconductor http://
|