PART |
Description |
Maker |
S1723-05 S1722-02 |
Si PIN photodiode Large area, high-speed PIN photodiodes for UV to near IR photometry
|
Hamamatsu Photonics
|
S5377-05 S4276-02 S4276-03 S5377 S5377-02 S5377-03 |
Large area Si PIN photodiode for direct detection
|
HAMAMATSU[Hamamatsu Corporation]
|
S3204-05 S3204-06 S3204-08 S3204-09 S3584-05 S3584 |
Si PIN photodiode Large area sensors for scintillation detection
|
Hamamatsu Corporation
|
S6337-01 |
Large area photodiode for UV to IR, precision photometry
|
Hamamatsu Corporation
|
S9295-01 S9295 |
Large area photodiode integrated with op amp and TE-cooler
|
Hamamatsu Corporation
|
CLD171 |
Large Active Area Silicon Planar photodiode
|
Clairex Technologies, Inc
|
S2744 S2744-08 S2744-09 S3588-08 S3588-09 |
MOSFET, Switching; VDSS (V): 150; ID (A): 17; Pch : -; RDS (ON) typ. (ohm) @10V: 0.089; RDS (ON) typ. (ohm) @4V[4.5V]: -; RDS (ON) typ. (ohm) @2.5V Si PIN photodiode Large area sensors for scintillation detection 硅PIN光电二极管的大面积闪烁探测传感器
|
Hamamatsu Photonics K.K.
|
G7151-16 G7150 G7150-16 |
InGaAs PIN photodiode array Active area: 0.45x1mm; spectral response range:0.9-1.7um; reverse voltage:5V; InGaAs PIN photodiode array: 16-element array. For near infrared (NIR) spectrophotometer
|
HAMAMATSU[Hamamatsu Corporation]
|
SMP400G-BD |
PIN. Photodiode(Low Noise,Wide Spectral Response,Excellent Linearity)(PIN. 光电二极低噪声,宽谱响应,极好的线性特性)) P.I.N. PHOTODIODE
|
Semelab(Magnatec) Seme LAB
|
SMP600G-FJ |
PIN. Photodiode(Excellent Linearity,Low Noise,Wide Spectral Response)(PIN. 光电二极极好线性特性,低噪声,宽谱响应 P.I.N. PHOTODIODE
|
Semelab(Magnatec) Seme LAB
|
SMP525G-FM |
P.I.N. PHOTODIODE PIN. Photodiode(Low Noise,Wide Spectral Response)(PIN. 光电二极平衡接收角,低噪声,宽谱响应
|
Seme LAB
|