PART |
Description |
Maker |
74LVX16374 74LVX16374TTR |
LOW VOLTAGE CMOS 16-BIT D-TYPE FLIP FLOP (3-STATE) WITH 5V TOLERANT INPUT LOW VOLTAGE CMOS 16-BIT D-TYPE FLIP FLOP (3-STATE) WITH 5V TOLERANT INPUTS
|
ST Microelectronics STMicroelectronics
|
RHRXH162374K01Q RHRXH162374K01V RHRXH162374K02Q RH |
LOW VOLTAGE CMOS 16-BIT D-TYPE FLIP-FLOP (3-STATE) WITH 3.6V TOLERANT INPUTS AND OUTPUTS
|
ST Microelectronics
|
74ALVCH162374TTR |
LOW VOLTAGE CMOS 16-BIT D-TYPE FLIP FLOP (3-STATE) WITH 3.6V TOLERANT INPUTS AND OUTPUTS
|
ST Microelectronics
|
MC74LCX16374-D |
Low-Voltage CMOS 16-Bit D-Type Flip-Flop With 5 V-Tolerant Inputs and Outputs (3-State, Non-Inverting)
|
ON Semiconductor
|
74ALVC16373/D 74ALVC16373-D |
Low-Voltage 1.8/2.5/3.3 V 16-Bit Buffer With 3.6 V-Tolerant Inputs and Outputs (3-State, Inverting) Low-Voltage 1.8/2.5/3.3 V 16-Bit D-TYpe Flip-Flop
|
ON Semiconductor
|
74LCX16373 74LCX1637303 74LCX16373TTR |
LOW VOLTAGE 16-BIT D-TYPE LATCH 3-STATE WITH 5V TOLERANT INPUTS AND OUTPUTS LOW VOLTAGE CMOS 16-BIT D-TYPE LATCH (3-STATE) WITH 5V TOLERANT INPUTS AND OUTPUTS
|
ST Microelectronics STMicroelectronics
|
BXB100-48S05FLT BXB100-48S15FLT BXB100 BXB100-24S1 |
Low voltage octal bus buffer with 3 state outputs (non inverted) Quad exclusive OR gate Quad bilateral switch Low voltage octal bus buffer with 3 state outputs (inverted) Low voltage CMOS octal D-type latch with 3 state outputs non inverting Low voltage CMOS quad 2-input OR gate Octal D-type flip flop with clear 66-100W Wide Input DC/DC Converters
|
ARTESYN[Artesyn Technologies]
|
E0C6S37 |
Advanced Single-Chip CMOS、Super Low Voltage 4-Bit Microcomputer Consisting of the E0C6200A 4-Bit CMOS Core CPU,SVD Circuit/Comparator,High Quality Display LCD Driver(4位高级的、CMOS、单片微型计算机(含4位E0C62000A中央处理器核SVD电路/比较高质量的LCD驱动器))
|
爱普生(中国)有限公
|
TMP91PW12F |
Low-Voltage/Low Power CMOS 16-Bit Micro-controller 16-Bit Microcontroller TLCS-900 Family
|
Toshiba
|
IDT74ALVCH16374 74ALVCH16374_DS_29280 IDT74ALVC74H |
3.3V CMOS 16-BIT EDGETRIGGERED D-TYPE LATCH WITH 3-STATE OUTPUTS AND BUS-HOLD From old datasheet system 3.3V CMOS 16-BIT EDGE- TRIGGERED D-TYPE
|
Integrated Device Technology, Inc. IDT[Integrated Device Technology]
|
74LCX162374 74LCX162374GX 74LCX162374MEA 74LCX1623 |
Low Voltage 16-Bit D-Type Flip-Flop with 5V Tolerant Inputs and Outputs and 26з Series Resistors LVC/LCX/Z SERIES, DUAL 8-BIT DRIVER, TRUE OUTPUT, PDSO48 16-Bit D-Type Flip-Flop LVC/LCX/Z SERIES, DUAL 8-BIT DRIVER, TRUE OUTPUT, PDSO48 Low Voltage 16-Bit D-Type Flip-Flop with 5V Tolerant Inputs and Outputs and 26 Series Resistors From old datasheet system Low Voltage 16-Bit D-Type Flip-Flop with 5V Tolerant Inputs and Outputs and 26-Ohm Series Resistors Low Voltage 16-Bit D-Type Flip-Flop with 5V Tolerant Inputs and Outputs and 26 Ohm Series Resistor
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
74LCX16374MTD 74LCX16374 74LCX16374G 74LCX16374MEA |
Low Voltage 16-Bit D-Type Flip-Flop with 5V Tolerant Inputs and Outputs 低电6位D类触发器V容限输入和输出拖 Low Voltage 16-Bit D-Type Flip-Flop with 5V Tolerant Inputs and Outputs LVC/LCX/Z SERIES, DUAL 8-BIT DRIVER, TRUE OUTPUT, PDSO48 Low Voltage 16-Bit D-Type Flip-Flop with 5V Tolerant Inputs and Outputs; Package: TSSOP; No of Pins: 48; Container: Tape & Reel LVC/LCX/Z SERIES, DUAL 8-BIT DRIVER, TRUE OUTPUT, PDSO48
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|