PART |
Description |
Maker |
LTC1046 LTC1046C LTC1046CN8 LTC1046CS8 LTC1046I LT |
“Inductorless?5V to 5V Converter “Inductorless 5V to 5V Converter “Inductorless” 5V to 5V Converter Programmable Logic Controller; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No RoHS Compliant: No “Inductorless5V to 5V Converter “Inductorless?/a> 5V to 5V Converter
|
LINER[Linear Technology] Linear Technology Corporation
|
MAX160-MX7574 MX7574 MAX7574TD MAX7574SQ MAX7574AQ |
Microprocessor compatible 8-bit A/D converter. Fast conversion time 15microsec. Error -3/4 LSB. Hex Schmitt-trigger Inverters 14-CFP -55 to 125 μP Compatible 8 Bit A/D Converter ヌP COMPATIBLE 8 BIT A/D CONVERTER 10 AMP MINIATURE POWER RELAY レP Compatible 8 Bit A/D Converter 1-CH 8-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, UUC18 ?? Compatible 8 Bit A/D Converter
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc. Maxim Integrated Produc...
|
REC10-2415DRWL REC10-6812DRWL REC10-6812DRWLZ REC1 |
10W DC/DC converter with 9V input, 15/670mA output 10W DC/DC converter with 9V input, 5/2000mA output 10W DC/DC converter with 69V input, -12/ -416mA output 10W DC/DC converter with 69V input, 5/2000mA output 10W DC/DC converter with 69V input, 15/670mA output 10W DC/DC converter with 69V input, -5/ -1000mA output ECONOLINE - DC/DC - CONVERTER 10W DC/DC converter with 68V input, -12/ -416mA output 10W DC/DC converter with 69V input, -15/ -333mA output 10W DC/DC converter with 69V input, 24/416mA output 10W DC/DC converter with 10V input, 5/2000mA output 10W DC/DC converter with 9V input, 12/830mA output
|
Recom International Power
|
ICL7126 ICL7126CPL 1355 ICL7126CQH 7126CPL ICL7126 |
Low power, 3 1/2 digit A/D converter Low Power, 3Digit A/D Converter 低功耗,3?位的A / D转换 Low Power/ 3 Digit A/D Converter Low Power, 3? Digit A/D Converter From old datasheet system Low Power, 3 Digit A/D Converter Low Power, 3? Digit A/D Converter
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] Maixm MAXIM - Dallas Semiconductor
|
TC96205 TC962MJA TC1047_06 TC962COE TC962CPA TC962 |
Precision Temperature-to-Voltage Converter High Current Charge Pump DC-to-DC Converter
|
MICROCHIP[Microchip Technology]
|
AFL5005DY/HB AFL5005DZ/HB AFL5015DW/HB AFL5015DY/H |
Hi-Rel DC-DC Standard Dual Converter in a AFL package DC to DC Converter DC至DC转换
|
International Rectifier, Corp.
|
BH2220FVM |
Video LSIs > For DVC > Tuning D/A converter 8bit 3ch D/A converter
|
Rohm
|
5962-8866905XX 5962-8866905ZX 5962-8866901XX 5962- |
12-Bit A/D Converter with 3-State Binary Outputs 3 1/2 Digit A/D Converter x9 Asynchronous FIFO X9热卖异步FIFO
|
Avago Technologies, Ltd.
|
NJU7660 NJU7660D NJU7660M NJU7660V NJU7660MTE1 |
SWITCHED CAPACITOR CONVERTER, 5 kHz SWITCHING FREQ-MAX, PDSO8 VOLTAGE CONVERTER
|
NJRC[New Japan Radio]
|
TVL05-1220 TVL05-1225 TVL05-1516 TVL05-1520 TYL05- |
DC/DC Converter Multiconductor Cable; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes RoHS Compliant: Yes SERVSWITCH USER CABLE FOR PS2 STYLE 50 FT Input voltage range:4.75-6V, output voltage /-12V ( /-200mA) DC/DC converter Input voltage range:4.75-6V, output voltage /-12V ( /-250/125mA) DC/DC converter Input voltage range:4.75-6V, output voltage /-15V ( /-165mA) DC/DC converter Input voltage range:4.75-6V, output voltage /-15V ( /-200/100mA) DC/DC converter
|
TRACOPOWER[TRACO Electronic AG] TRACO ELECTRONIC AG.
|
UPC6012 UPC6012C |
Converter IC 12 Bit High Speed Multiplying D/A Converter
|
NEC
|
HI2302 |
A/D Converter, 8-Bit, 50MSPS, Converter with Clamp Function
|
Intersil
|