PART |
Description |
Maker |
LT6600-2.5 LT6600-15 LT6600-10 LT6600-20 LTC6400-2 |
2.4GHz Low Noise, Low Distortion Differential ADC Driver for 300MHz IF
|
Linear Technology
|
LTC6400CUD-20-PBF LTC6400CUD-20-TRPBF LTC6400IUD-2 |
2.4GHz Low Noise, Low Distortion Differential ADC Driver for 300MHz IF; Package: QFN; No of Pins: 16; Temperature Range: -40°C to 85°C 1-CH 16-BIT PROPRIETARY METHOD ADC, PARALLEL ACCESS, PQCC16 1.8GHz Low Noise, Low Distortion Differential ADC Driver for 300MHz IF
|
Linear Technology, Corp.
|
R3005300L |
Si Reverse, low current, 5 - 300MHz, 30.0dB typ. Gain @ 300MHz, 160mA max. @ 24VDC
|
PDI[PREMIER DEVICES, INC.]
|
LT5560EDDPBF LT5560EDDTRPBF |
0.01MHz to 4GHz Low Power Active Mixer; Package: DFN; No of Pins: 8; Temperature Range: -40°C to 125°C
|
LINEAR TECHNOLOGY CORP
|
A1405 SA0805 A0805 A1410 05T-200NS-B A0805-750NS-B |
ACTIVE (DIGITAL) DELAY LINES ACTIVE DELAY LINE, PDIP8 ACTIVE DELAY LINE, PSIP8 ACTIVE DELAY LINE, PDIP14 ACTIVE DELAY LINE, CDIP14
|
List of Unclassifed Manufacturers ETC[ETC] Electronic Theatre Controls, Inc. RCD COMPONENTS INC
|
LTC5509 LTC5509ESC6 |
300MHz to 3GHz RF Power Detector in SC70 Package 300MHz to 3GHz 300MHz RF Power Detector in SC70 Package
|
Linear Technology
|
MMSZ5255B MMSZ5244B |
3.08V uP Supervisory Circuit with Active High and Active Low Complementary outputs, Pb-Free Device; Package: Micro8™; No of Pins: 8; Container 5% TOLERANCE
|
Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
LTC5508 LTC5508ESC6 LTC5508ESC6TRM LTC5508ESC6TRMP |
300MHz to 7GHz RF Power Detector with Buffered Output in SC70 Package; Package: SC70; No of Pins: 6; Temperature Range: -40°C to 125°C 300 MHz - 7000 MHz RF/MICROWAVE LINEAR DETECTOR, 12 dBm INPUT POWER-MAX 300MHz to 7GHz RF Power Detector in SC70
|
Linear Technology, Corp.
|
EPA445-95-LF EPA445-10 EPA445-100 EPA445-100-LF EP |
ACTIVE DELAY LINE, TRUE OUTPUT, PDIP6 8 Pin DIP Dual TTL Compatible Active Delay Lines
|
PCA ELECTRONICS INC.
|
EPA280-90 EPA280-250 EPA280-5 EPA28010 EPA280-150 |
SMD 14-Pin Triple TTL Compatible Active Delay Lines ACTIVE DELAY LINE, TRUE OUTPUT, DSO8
|
PCA ELECTRONICS INC.
|
EPA3507G-75 EPA3507G-50 EPA3507G-440 EPA3507G-40 E |
ACTIVE DELAY LINE, INVERTED OUTPUT, DIP8 14 Pin DIP and SMD 5 Tap Both Edges Controlled Fast Logic TTL Compatible Active Delay Lines
|
PCA ELECTRONICS INC.
|
LTM9013 |
300MHz Wideband Receiver
|
Linear Technology
|