PART |
Description |
Maker |
ILC6380 ILC6380AP-25 ILC6380AP-33 ILC6380AP-50 ILC |
SOT-89 STEP-UP DUAL-MODE SWITCHER WITH SHUTDOWN Rectangular Industrial Connector Housing; Series:C-146; No. of Contacts:24; Gender:Female; Body Material:Aluminum Alloy; Connecting Termination:Screw; Features:Spring Cover; For Use With:C146 Rectangular Circular Connectors RoHS Compliant: Yes
|
Impala Linear Corporati... IMPALA[Impala Linear Corporation] http://
|
YC358TJK-074K7L |
All thick film types of chip resistors have a rectangular ceramic body.
|
List of Unclassifed Manufacturers
|
MDR200A50 MDR200A40 MDR200A30 MDF200A50 MDF200A40 |
BNC (M) TO F (F) ADAPTER BNC (F) TO TNC (M) ADAPTER RF/Coaxial Connector; RF Coax Type:QMA; Contact Termination:Press-Fit; Impedance:50ohm; Body Style:Straight Jack; Body Material:Brass; Body Plating:White Bronze Over Nickel; Connector Mounting:PC Board RoHS Compliant: Yes DIODE MODULE From old datasheet system DIODE(NON-ISOLATED TYPE) Diode with flat mounting base which is designed for use in various rectifier applications, 200A, 500V
|
SANREX[SanRex Corporation]
|
DF4-9PA-2R28 DF4-02P-2R26 DF4-02PA-2R26 DF4-03P-2R |
Circular Connector; MIL SPEC:MIL-C-26482, Series I, Solder; Body Material:Aluminum; Series:PT06; No. of Contacts:8; Connector Shell Size:16; Connecting Termination:Solder; Circular Shell Style:Straight Plug; Body Style:Straight 2毫米间距连接器直接安装在董事 CORD 18AWG 3COND SJT GRAY 2毫米间距连接器直接安装在董事 2mm Pitch Connector Directly Mounted on Board 2毫米间距连接器直接安装在董事 Circular Connector; MIL SPEC:MIL-C-5015 E/F/R; Body Material:Aluminum Alloy; Series:SG3106; Number of Contacts:19; Connector Shell Size:24; Connecting Termination:Solder; Circular Shell Style:Straight Plug; Body Style:Straight 2毫米间距连接器直接安装在董事 Circular Connector; MIL SPEC:MIL-C-26482, Series I, Solder; Body Material:Aluminum; Series:PT06; No. of Contacts:6; Connector Shell Size:10; Connecting Termination:Solder; Circular Shell Style:Straight Plug; Body Style:Straight Circular Connector; No. of Contacts:26; Series:; Body Material:Aluminum; Connector Shell Size:16; Circular Contact Gender:Pin; Circular Shell Style:Box Mount Receptacle; Insert Arrangement:16-26 SIGN, SAFETY HELMETS MUST BE WORN, SAV; RoHS Compliant: NA SIGN, HAND PROTECT MUST BE WORN, RP; RoHS Compliant: NA RES 6.81K-OHM 0.1% 0.125W 25PPM THIN-FILM SMD-0805 TR-7-PA ROHS
|
HIROSE ELECTRIC Co., Ltd. Hirose Electric USA, INC. HIROSE[Hirose Electric]
|
ABR2510 ABR2508 ABR2506 ABR2500 ABR2501 ABR2504 AB |
AVALANCHE BRIDGE RECTIFIERS Circular Connector; MIL SPEC:MIL-C-5015; Body Material:Metal; Series:GTS; No. of Contacts:2; Connector Shell Size:24; Connecting Termination:Solder; Body Style:Right Angle; Circular Contact Gender:Pin; Gender:Male
|
EIC discrete Semiconduc... EIC[EIC discrete Semiconductors] Electronics Industry Public Company Limited
|
CY7C008V-2 CY7C009V CY7C009V-15AC CY7C009V-20AC CY |
Memory : Dual-Ports RF/Coaxial Connector; RF Coax Type:7/16; Contact Termination:Blunt Post; Body Style:Panel Flanged Receptacle RoHS Compliant: Yes TNC Coaxial Connector; Body Style:Straight Terminator RoHS Compliant: Yes Circular Connector; MIL SPEC:MIL-DTL-38999 Series III; Body Material:Metal; Series:TVPS00; No. of Contacts:55; Connector Shell Size:23; Connecting Termination:Crimp; Circular Shell Style:Wall Mount Receptacle; Body Style:Straight 3.3V 64K/128K x 8/9 Dual-Port Static RAM 128K X 9 DUAL-PORT SRAM, 15 ns, PQFP100 TNC CAP AND CHAIN 128K X 8 DUAL-PORT SRAM, 25 ns, PQFP100
|
CYPRESS[Cypress Semiconductor] Cypress Semiconductor Corp. Cypress Semiconductor, Corp.
|
489D155X035C46V 499D 489D 489D104X035A46V 489D104X |
From old datasheet system Circular Connector; MIL SPEC:MIL-C-26482, Series I, Solder; Body Material:Aluminum; Series:PT06; Number of Contacts:3; Connector Shell Size:8; Connecting Termination:Solder; Circular Shell Style:Straight Plug; Body Style:Straight Circular Connector; Body Material:Aluminum; Series:PT07; Number of Contacts:34; Connector Shell Size:22; Connecting Termination:Solder; Circular Shell Style:Jam Nut Receptacle; Circular Contact Gender:Pin; Insert Arrangement:22-34 Circular Connector; MIL SPEC:MIL-DTL-38999 Series III; Body Material:Metal; Series:TV01; No. of Contacts:6; Connector Shell Size:11; Connecting Termination:Crimp; Circular Shell Style:Straight Receptacle; Body Style:Straight Circular Connector; MIL SPEC:MIL-C-26482, Series I, Solder; Body Material:Aluminum; Series:PT06; Number of Contacts:5; Connector Shell Size:18; Connecting Termination:Solder; Circular Shell Style:Straight Plug; Body Style:Straight TV 22C 22#22D PIN RECP OSC 5V SMT 7X5 CMOS PROGRM Resin-Coated, Radial-Lead Solid Tantalum Capacitors 树脂涂层,径向引线固体钽电解电容 Circular Connector; MIL SPEC:MIL-DTL-38999 Series III; Body Material:Metal; Series:TV01; Number of Contacts:22; Connector Shell Size:13; Connecting Termination:Crimp; Circular Shell Style:Straight Receptacle; Body Style:Straight 树脂涂层,径向引线固体钽电解电容
|
VISAY[Vishay Siliconix] Vishay Intertechnology,Inc. Vishay Intertechnology, Inc. Infineon Technologies AG
|
HSP43220JC-15 |
Circular Connector; MIL SPEC:MIL-C-5015; Body Material:Metal; Series:GT; No. of Contacts:4; Connector Shell Size:24; Connecting Termination:Solder; Circular Shell Style:Box Mount Receptacle; Body Style:Straight 16-BIT, DSP-DIGITAL FILTER, PQCC84
|
Intersil, Corp.
|
6203 6252 |
Connector; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes RoHS Compliant: Yes INTERCONNECTION DEVICE Test Lead Coupler Set; Approval Categories:IEC1010-2-031 Compliant; Body Length:2.1"; Connector Body Material:Brass; Features:1 Black/1 Red; Polypropylene Insulated RoHS Compliant: Yes
|
Pomona Electronics
|
MB84VD21081-85-PBS MB84VD21091-85-PBS MB84VD21081- |
16M (x8/x16) FLASH MEMORY & 2M (x8/x16) STATIC RAM Circular Connector; MIL SPEC:MIL-DTL-38999 Series III; Body Material:Metal; Series:TVS06; No. of Contacts:19; Connector Shell Size:25; Connecting Termination:Crimp; Circular Shell Style:Straight Plug; Body Style:Straight Circular Connector; MIL SPEC:MIL-DTL-38999 Series III; Body Material:Metal; Series:TV06; Number of Contacts:53; Connector Shell Size:23; Connecting Termination:Crimp; Circular Shell Style:Straight Plug; Body Style:Straight Circular Connector; No. of Contacts:56; Series:TVS06; Body Material:Metal; Connecting Termination:Crimp; Connector Shell Size:25; Circular Contact Gender:Socket; Circular Shell Style:Straight Plug; Insert Arrangement:25-4 Circular Connector; MIL SPEC:MIL-DTL-38999 Series III; Body Material:Metal; Series:TV06; No. of Contacts:53; Connector Shell Size:23; Connecting Termination:Crimp; Circular Shell Style:Straight Plug; Body Style:Straight Circular Connector; MIL SPEC:MIL-DTL-38999 Series III; Body Material:Metal; Series:TV06; No. of Contacts:128; Connector Shell Size:25; Connecting Termination:Crimp; Circular Shell Style:Straight Plug; Body Style:Straight RF/Coaxial Connector; RF Coax Type:N; Contact Termination:Crimp; Impedance:50ohm; Body Style:Straight Plug; RG Cable Type:59, 62, 140, 210, Belden 8241, 8263, 8279, 9209 RoHS Compliant: Yes TV 26C 26MIX SKT PLUG RECP SPECIALTY MEMORY CIRCUIT, PBGA61 16M (x8/x16) FLASH MEMORY & 2M (x8/x16) STATIC RAM
|
FUJITSU LTD Fujitsu Component Limited. Fujitsu Limited Fujitsu, Ltd.
|
ATTL7583AAJ-DT ATTL7583DAJ-D ATTL7583DF |
Line Card Access Switch Circular Connector; MIL SPEC:MIL-C-5015; Body Material:Metal; Series:GT; No. of Contacts:16; Connector Shell Size:24; Connecting Termination:Solder; Circular Shell Style:Square Flange Receptacle; Body Style:Straight GT 19C 19#16 SKT RECP WALL RM
|
http:// Agere Systems
|