PART |
Description |
Maker |
AS5045 |
12 BIT PROGRAMMABLE MAGNETIC ROTARY ENCODER
|
austriamicrosystems AG
|
AS5035 |
8-bit (64 PPR) INCREMENTAL MAGNETIC ROTARY ENCODER
|
AMSCO[austriamicrosystems AG]
|
AS5030 |
8-BIT PROGRAMMABLE HIGH SPEED ABSOLUTE MAGNETIC ROTARY ENCODER
|
austriamicrosystems AG
|
AS5134 |
360 Step Programmable High Speed Magnetic Rotary Encoder
|
austriamicrosystems AG
|
AS5132 |
360 Step (8.5 bit) Programmable High Speed Magnetic Rotary Encoder
|
austriamicrosystems
|
EM14R1D-R25-L032S EM14R1D-R20-L032S EM14A0A-B28-L0 |
ROTARY OPTICAL ENCODER - 14MM SINGLE, 2 CHANNELS, ROTARY OPTICAL POSITION ENCODER 14 mm Rotary Optical Encoder w/Switch SINGLE, 2 CHANNELS, ROTARY OPTICAL POSITION ENCODER Optical Encoder; Encoder Type:Optical; Encoder Resolution:16CPR; No. of Channels:2; Shaft Diameter:6mm; Series:EM14; Rotation Speed:120rpm; Rotational Life Revolutions:1000000; Torque Max:1.5in-oz RoHS Compliant: Yes ENCODER, ROTARY, OPTICAL, W/SW, 14MM; Resolution, PPR:32; Current rating:25mA; Series:EM14A0D-C24-L032S; Depth, behind panel:10.03mm; Speed, rotational:120rpm; Temperature, operating range:-40(degree C) to 70(degree C); Current, RoHS Compliant: Yes Optical Encoder; Encoder Type:Optical; Encoder Resolution:8CPR; No. of Channels:2; Shaft Diameter:6.35mm; Series:EM14; Rotation Speed:120rpm; Rotational Life Revolutions:1000000; Torque Max:1.5in-oz RoHS Compliant: Yes
|
Bourns, Inc. BOURNS INC
|
PEC16-4220F-S0012 PEC16-4215F-S0012 |
ENCODER SINGLE, 2 CHANNELS, ROTARY OPTICAL POSITION ENCODER
|
Bourns, Inc. BOURNS INC
|
62P22-N4S 62P22-L4S 62P22-N0S |
SINGLE, 2 CHANNELS, ROTARY OPTICAL POSITION ENCODER COMPACT PACKAGE-6 PC Mount Optical Encoder SINGLE, 2 CHANNELS, ROTARY OPTICAL POSITION ENCODER
|
Grayhill, Inc.
|
AS5245HQFT |
Programmable 360o Magnetic Angle Encoder with Absolute SSI and PWM Output Programmable 360篓卢 Magnetic Angle Encoder with Absolute SSI and PWM Output
|
ams AG austriamicrosystems AG
|
AS5147 |
14-Bit On-Axis Magnetic Rotary Position Sensor
|
ams
|