PART |
Description |
Maker |
5ST125-R 5STP400-R 5STP160-R 5ST5-R 5STP3.15-R 5ST |
Fuses, RoHS 125mA 250V T IEC GLASS 5X20 TIME LAG BLOW ELECTRIC FUSE, 0.125A, 250VAC, 35A (IR), INLINE/HOLDER Fuses, RoHS 400mA 250V T IEC GLASS LEAD TIME LAG BLOW ELECTRIC FUSE, 0.4A, 250VAC, 35A (IR), THROUGH HOLE Fuses, RoHS 160mA 250V T IEC GLASS LEAD TIME LAG BLOW ELECTRIC FUSE, 0.16A, 250VAC, 35A (IR), THROUGH HOLE Fuses, RoHS 5A 250V T IEC GLASS 5X20 Fuses, RoHS 3.15A 250V T IEC GLASS LEAD Fuses, RoHS 125mA 250V T IEC GLASS LEAD Fuses, RoHS 63mA 250V T IEC GLASS LEAD Fuses, RoHS 630mA 250V T IEC GLASS LEAD Fuses, RoHS 5A 250V T IEC GLASS LEAD Fuses, RoHS 800mA 250V T IEC GLASS 5X20
|
Bel Fuse, Inc. BEL FUSE INC
|
B-4025 B-4025SR B-4025E B-4025Y |
LIGHT BAR Miniature PCB Fuse; Low breaking capacity; directly solderable; Voltage Rating: 250V; Current Rating: 3.15A; Characteristic: Time Lag
|
Electronic Theatre Controls, Inc.
|
2020.0002 |
Miniature Telecom fuse; Voltage Rating: 250V; Current Rating: 0.63A; Characteristic: TIME LAG BLOW ELECTRIC FUSE, 0.63A, 250VAC, 1500A (IR), INLINE/HOLDER
|
SCHURTER AG
|
0683-0630-01 |
TYPE UMTS,250V UMF SQUARE CEREMIC SURFACE MOUNT TIME LAG FUSE
|
Bel Fuse Inc.
|
Z8681AB1YN |
Leaded Cartridge Fuse; Current Rating:2A; Voltage Rating:250V; Fuse Terminals:Axial Lead; Fuse Type:Fast Acting; Voltage Rating:250V; Body Material:Ceramic; Diameter:6.985mm; Fuse Size/Group:1/4 x 1-1/4 " RoHS Compliant: Yes 8位微控制
|
东电?中国)投资有限公司
|
BK/PCB-2-1/2-R BK/PCC-3-R BK/PCB-3-R TR/PCD-5-R |
FUSE 2-1/2A 250V FAST PCTRON LNG FAST BLOW ELECTRIC FUSE, 2.5A, 250VAC, 450VDC, 50A (IR), THROUGH HOLE FUSE 3.00A 250V FAST PCTRON SHRT FAST BLOW ELECTRIC FUSE, 3A, 250VAC, 350VDC, 50A (IR), THROUGH HOLE FUSE 3.00A 250V FAST PCTRON LONG FAST BLOW ELECTRIC FUSE, 3A, 250VAC, 350VDC, 50A (IR), THROUGH HOLE Fuse; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes RoHS Compliant: Yes FAST BLOW ELECTRIC FUSE, 5A, 125VAC, 250VDC, 10000A (IR), THROUGH HOLE
|
Cooper Bussmann, Inc.
|
UMTS250 UMTS3.15 UMTS315 UMTS200 UMTS1 UMTS1.25 UM |
Square Ceramic Surface Mount Time Lag Fuse TIME LAG BLOW ELECTRIC FUSE, 5A, 350VAC, 100A (IR), SURFACE MOUNT Square Ceramic Surface Mount Time Lag Fuse
|
Bel Fuse Inc.
|
0219200XAP 0219250XAP 0219125XAP 0219800XAP 021900 |
5 x 20 mm Time Lag Fuse (SIo-Blo) Fuse
|
LITTELFUSE[Littelfuse]
|
215630 215500 215800 |
5 x 20 mm Time Lag Fuse (Slo-Blo Fuse)
|
Littelfuse, Inc.
|
215630P |
5 x 20 mm Time Lag Fuse (Slo-Blo Fuse)
|
Littelfuse, Inc.
|
0213800P 0213001 0213002 0213004 0213005 0213016P |
5 x 20 mm Time Lag Fuse (Slo-Blo) Fuse
|
LITTELFUSE[Littelfuse]
|
|