PART |
Description |
Maker |
2SD414 2SD415 2SB548 2SB549 2SD414Q 2SD414Q-AZ |
800 mA, 80 V, NPN, Si, SMALL SIGNAL TRANSISTOR PNP/NPN SILICON EPITAXIAL TRANSISTOR FOR LOW-FREQUENCY POWER AMPLIFIERS (2SB548) PNP/NPN Silicon Epitaxial Transistor
|
NEC[NEC]
|
2SD1692 2SD1692L 2SD1692K |
NPN SILICON DARLINGTON TRANSISTOR From old datasheet system NPN SILICON POWER TRANSISTOR Low-Power, Single/Dual-Level Battery Monitors with Hysteresis TRANSISTOR | BJT | DARLINGTON | NPN | 100V V(BR)CEO | 3A I(C) | TO-126 晶体管|晶体管|达林顿|叩| 100V的五(巴西)总裁| 3A条一(c)|26
|
NEC Corp. NEC, Corp.
|
2SC4517 2SC4517A 2SC3832 |
Silicon NPN Triple Diffused Planar Transistor(High Voltage Switching Transistor)(硅NPN三倍扩散平面晶体管(高压开关晶体管 3 A, 550 V, NPN, Si, POWER TRANSISTOR, TO-220AB Silicon NPN Triple Diffused Planar Transistor(Switching Regulator and General Purpose)
|
Sanken Electric Co., Ltd. SANKEN[Sanken electric]
|
KSC1623LMTF KSC1623GMTFNL KSC1623O |
NPN Epitaxial Silicon Transistor; Package: SOT-23; No of Pins: 3; Container: Tape & Reel 100 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR NPN Epitaxial Silicon Transistor 100 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR Low Frequency Amplifier & High Frequency OSC. 100 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
Fairchild Semiconductor, Corp.
|
2SD2494 |
Silicon NPN Triple Diffused Planar Transistor(Darlington)(硅NPN三倍扩散平面达林顿晶体 6 A, 110 V, NPN, Si, POWER TRANSISTOR Silicon NPN Triple Diffused Planar Transistor(Audio, Series Regulator and General Purpose)
|
Sanken Electric Co., Ltd. SANKEN[Sanken electric]
|
BD159 BD157 BD158 BD157STU BD158STU BD159STU |
Low Power Fast Switching Output Stages NPN Epitxial Silicon Transistor NPN Epitaxial Silicon Transistor
|
Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
BDP947 BDP949 |
Silicon NPN Transistor General Purpose Transistors - NPN Silicon AF Power Transistor for AF driver and output stages
|
Infineon Technologies A... INFINEON[Infineon Technologies AG]
|
BU406-X-T3P-T BU406-X-TA3-T BU406-X-TF3-T BU406-A- |
SILICON NPN SWITCHING TRANSISTOR 7 A, 200 V, NPN, Si, POWER TRANSISTOR, TO-220AB SILICON NPN SWITCHING TRANSISTOR 硅NPN开关晶体管
|
UNISONIC TECHNOLOGIES CO LTD UTC[Unisonic Technologies] 友顺科技股份有限公司 Unisonic Technologies Co., Ltd. ??『绉???′唤??????
|
2SD1616A 2SD1616 D1616 2SD1616AU 2SD1616-L |
1000 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 NPN SILICON TRANSISTORS NPN硅三极管 TRANSISTOR | BJT | NPN | 60V V(BR)CEO | 1A I(C) | TO-92
|
NEC, Corp. NEC Corp. NEC[NEC]
|
BC639L34Z BC639D74Z |
NPN Epitaxial Silicon Transistor 1000 mA, 80 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 NPN Epitaxial Silicon Transistor; Package: TO-92; No of Pins: 3; Container: Ammo 1000 mA, 80 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
Fairchild Semiconductor, Corp.
|
BFP25 BFP22 Q62702-F721 Q62702-F621 Q62702-F201 Q6 |
NPN Silicon Transistor with high Reve... From old datasheet system NPN Silicon Transistors with High Reverse Voltage Isolation- UL94V-0 Package Material- Power Sharing on Output- Efficiency to 84% NPN Silicon RF Transisrors NPN Silicon Transistors (High breakdown voltage l Low collector-emitter saturation voltage) NPN硅晶体管(高耐压l低集电极发射极饱和电压)
|
SIEMENS[Siemens Semiconductor Group] Infineon SIEMENS AG
|
MJE1300906 MJE13009G MJE13009 |
SWITCHMODE Series NPN Silicon Power Transistors(开关模式系列NPN硅功率晶体管) 12 A, 400 V, NPN, Si, POWER TRANSISTOR, TO-220AB 12 AMPERE NPN SILICON POWER TRANSISTOR 400 VOLTS − 100 WATTS
|
ONSEMI[ON Semiconductor]
|