PART |
Description |
Maker |
P8SG-247R2EM P8SG-0505EM P8SG-1205EM P8SG-1212EM P |
Input voltage:24V, output voltage 7.2V (200mA), 1KV isolated 1.5W regulated single output 1 KV ISOLATED 1.5 W REGULATED SINGLE OUTPUT DIP24 1千伏隔震1.5糯稳压单输出DIP24
|
PEAK[PEAK electronics GmbH]
|
PZ8GG-1515EH30 PZ8GG-0505EH30 PZ8GG-0512EH30 PZ8GG |
Input voltage:15V, output voltage 12V (125mA), 3KV isolated 1.5W regulated single output Input voltage:12V, output voltage 15V (100mA), 3KV isolated 1.5W regulated single output Input voltage:12V, output voltage 12V (125mA), 3KV isolated 1.5W regulated single output Input voltage:12V, output voltage 5V (300mA), 3KV isolated 1.5W regulated single output Input voltage:5V, output voltage 15V (100mA), 3KV isolated 1.5W regulated single output Input voltage:5V, output voltage 12V (125mA), 3KV isolated 1.5W regulated single output Input voltage:5V, output voltage 5V (300mA), 3KV isolated 1.5W regulated single output Input voltage:15V, output voltage 5V (300mA), 3KV isolated 1.5W regulated single output PZ8GgxxxxEH30 3 KV ISOLATED 1.5 W REGULATED SINGLE OUTPUT SIP12 PZ8GgxxxxEH30 3 KV ISOLATED 1.5 W REGULATED SINGLE OUTPUT SIP12
|
PEAK[PEAK electronics GmbH]
|
DCM3623X50M06A8YZZ DCM3623X50M06A8YZZ-17 |
Isolated, Regulated DC Converter
|
Vicor Corporation
|
DCM3623T50M31C2T00 |
Isolated, Regulated DC Converter
|
Vicor Corporation
|
DCM3414V50M13C2T01 DCM3414B50M13C2C01 DCM3414B50M1 |
Isolated, Regulated DC Converter
|
Vicor Corporation
|
MDCM28P280M320A50 |
Isolated, Regulated DC Converter
|
Vicor Corporation
|
DCM3623T50M31C2T70 |
Isolated, Regulated DC Converter
|
Vicor Corporation
|
DCM3623T50M04A2T70 |
Isolated, Regulated DC Converter
|
Vicor Corporation
|
DCM3714BDH226D7C00 DCM3714BDH226D7C70 DCM3714BDH22 |
Isolated, Regulated DC-DC Converter Modules
|
Vicor Corporation
|
FEC40-48S3P3 FEC40-24S3P3 FEC40-24S05 FEC40 FEC40- |
Isolated and Regulated 40 WATT Modular DC/DC Converters
|
Astrodyne Corporation
|