PART |
Description |
Maker |
IS61VPS12836A-250B3I |
128K x 32, 128K x 36, 256K x 18 4 Mb SYNCHRONOUS PIPELINED, SINGLE CYCLE DESELECT STATIC RAM 128K X 36 CACHE SRAM, 2.6 ns, PBGA165
|
Integrated Silicon Solution, Inc.
|
LH532000B-1 |
CMOS 2M (256K x 8/128K x 16) MROM
|
SHARP[Sharp Electrionic Components]
|
AS29F200 AS29F200B-120SC AS29F200T-90TI AS29F200B- |
5V 256K X 8/128K X 8 CMOS FLASH EEPROM
|
ALSC[Alliance Semiconductor Corporation]
|
IDT71V2558SA133BG IDT71V2558SA133BGI IDT71V2558SA1 |
3.3V 128Kx36 ZBT Synchronous PipeLined SRAM with 2.5V I/O 3.3V 256K x 18 ZBT Synchronous PipeLined SRAM w/2.5V I/O 128K x 36, 256K x 18 3.3V Synchronous ZBT SRAMs 2.5V I/O, Burst Counter Pipelined Outputs 128K X 36 ZBT SRAM, 3.2 ns, PBGA165 128K x 36, 256K x 18 3.3V Synchronous ZBT SRAMs 2.5V I/O, Burst Counter Pipelined Outputs 256K X 18 ZBT SRAM, 5 ns, PBGA165 128K x 36, 256K x 18 3.3V Synchronous ZBT SRAMs 2.5V I/O, Burst Counter Pipelined Outputs 128K的3656 × 18 3.3同步ZBT SRAM.5VI / O的脉冲计数器输出流水 128K x 36, 256K x 18 3.3V Synchronous ZBT SRAMs 2.5V I/O, Burst Counter Pipelined Outputs 128K X 36 ZBT SRAM, 4.2 ns, PBGA165 SPLICE,TERM,BUTT,INSUL,UNION,16-22AWG
|
IDT Integrated Device Technology, Inc.
|
MX28F2100BTC-90 MX28F2100BMC-70 MX28F2100BTC-70 MX |
2M-BIT [256K x 8/128K x 16] CMOS FLASH MEMORY
|
PROM
|
A29002V-100 A29002-70 A29002L-70 A29002V-70 A29002 |
110ns 20mA 256K x 8bit CMOS 5.0V-only 70ns 20mA 256K x 8bit CMOS 5.0V-only 100ns 20mA 256K x 8bit CMOS 5.0V-only 120ns 20mA 256K x 8bit CMOS 5.0V-only 150ns 20mA 256K x 8bit CMOS 5.0V-only 90ns 20mA 256K x 8bit CMOS 5.0V-only 55ns 20mA 256K x 8bit CMOS 5.0V-only
|
AMIC Technology
|
BR93L66RFVM-WTR CAT28C64BGI-12T CAT25C32Y14I CAT25 |
EEPROM SRL 256X16 BIT The CAT24FC02 is a 2-kb Serial CMOS EEPROM internally organized as 256 words of 8 bits each 该CAT24FC02是一2 KB的EEPROM的国256位每字举办的串行CMOS EEPROM (4kx8) 32K 2.5-6.0 EEPROM (4kx8) 32K 1.8-6.0 EEPROM (1024x8) 8K EEPROM 256K X 8 200ns EEPROM I2C BUS; 4.5 to 5.5V 16Kbit; -40 to 85 C EEPROM (256x8) 2K 1.8-6.0 EEPROM (512x8) 4k 1.8-6.0 EEPROM 128K X 8 150ns EEPROM (8kx8) 64K 1.8-6.0 EEPROM (2048x8)(1024x16)16K EEPROM U 804-29EE0107CWH EEPROM 64K X 8 70ns EEPROM (256x8) 2K 2.5-6.0 EEPROM (8kx8) 64K 2.5-6.0 SPI Serial CMOS EEPROM (Motorola Compatible), 32K, 2-bit Block Protection, WPEN Bit, SOIC SPI Serial CMOS EEPROM (Motorola Compatible), 32K, 2-bit Block Protection, WPEN Bit, TSSOP EEPROM (384x8) 128k 16 EEPROM SPI 1KBIT EEPROM SPI 4096X8 BIT EEPROM SRL 64X16 BIT EEPROM (256x8) (128x16) 2K 8-Kb I<sup>2</sup>C CMOS Serial EEPROM, SOIC EEPROM (128x8) 1k 2.5-6.0 EEPROM (8kx8) 64K 5V 90ns EEPROM (32kx8) 256K 5V 150 EEPROM (32kx8) 256K 5V 120 EEPROM 2kb 1.7-5.5V Ind I2C EEPROM 512K-Bit CMOS PARA EEPROM EEPROM (32kx8) 256K 3V 250 EEPROM 64K X 8 512K 5V 150 EEPROM 256K (32KX8)
|
Omron Electronics, LLC Atmel, Corp. MITSUMI ELECTRIC CO., LTD. Intersil, Corp. Cypress Semiconductor, Corp. TE Connectivity, Ltd. Silicon Storage Technology, Inc. BCD Semiconductor Manufacturing, Ltd. Belden, Inc. Rohm Co., Ltd. Bourns, Inc. NXP Semiconductors N.V. Lattice Semiconductor, Corp. Rectron Semiconductor SIEMENS AG Maxim Integrated Products, Inc. Rochester Electronics, LLC RF Solutions, Ltd. Fujitsu, Ltd.
|
IS61NF25618-10BI IS61NF25618-8.5TQ IS61NF25618-8.5 |
128K x 32, 128K x 36 and 256K x 18 FLOW-THROUGH NO WAIT STATE BUS SRAM
|
Integrated Silicon Solution, Inc Integrated Silicon Solu...
|
IS61LF12832A IS61LF12832A-6.5B2 IS61LF12832A-6.5B3 |
128K X 32, 128K X 36, 256K X 18 4 MB SYNCHRONOUS FLOW-THROUGH STATIC RAM
|
ISSI[Integrated Silicon Solution, Inc]
|
GS840E18AB-150 GS840E18AB-150I GS840E18AGT-150I GS |
256K x 18, 128K x 32, 128K x 36 4Mb Sync Burst SRAMs
|
GSI[GSI Technology]
|