PART |
Description |
Maker |
BUS98 BUS98A ON0252 |
SITCHMODE Series NPN Silicon Power Transistors From old datasheet system 30 AMPERES NPN SILICON POWER TRANSISTORS(SWITCHMODE SERIES)
|
Motorola Inc Motorola, Inc. ONSEMI[ON Semiconductor] MOTOROLA[Motorola, Inc] http://
|
MJ10016 ON1971 MJ10015 |
NPN SILICON POWER DARLINGTON TRANSISTORS 50 AMPERE NPN SILICON POWER DARLINGTON TRANSISTORS 400 AND 500 VOLTS 250 WATTS From old datasheet system
|
MOTOROLA[Motorola, Inc] ONSEMI[ON Semiconductor]
|
2SC2344 2SA1011 |
NPN Epitaxial Planar Silicon Transistors High-Voltage Switching, AF Power Amp, 100W Output Predriver Applications PNP/NPN Epitaxial Planar Silicon Transistors
|
Sanyo
|
BD135 BD139 ON0184 BD137 |
Plastic Medium Power Silicon NPN Transistor 1.5 A, 45 V, NPN, Si, POWER TRANSISTOR, TO-225AA POWER TRANSISTORS NPN SILICON CASE 77-09 TO-225AA TYPE From old datasheet system
|
Motorola Mobility Holdings, Inc. ON Semiconductor MOTOROLA[Motorola Inc] MOTOROLA[Motorola, Inc]
|
BUX48A BUV48A BUV48AFI BUX48 |
HIGH POWER NPN SILICON TRANSISTORS RP Series - Econoline Unregulated DC-DC Converters; Input Voltage (Vdc): 24V; Output Voltage (Vdc): 24V; Power: 1W; Pot-Core Transformer - separated HIGH POWER NPN SILICON TRANSISTORS
|
意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
2SA2044 2SC5710 2SA2044FA 2SC5710TP-FA |
Low-Power, Single/Dual-Voltage µP Reset Circuits with Capacitor-Adjustable Reset Timeout Delay TRANSISTOR | BJT | PNP | 30V V(BR)CEO | 9A I(C) | TO-252VAR DC / DC Converter Applications PNP/NPN Epitaxial Planar Silicon Transistors PNP / NPN Epitaxial Planar Silicon Transistors PNP Epitaxial Planar Silicon Transistors DC/DC Converter Applications
|
SANYO[Sanyo Semicon Device] Matsshita / Panasonic
|
2SB1121 2SD1621 2SD1621U 2SB1121R |
NPN Epitaxial Planar Silicon Transistors High-Current Driver Applications PNP/NPN Epitaxial Planar Silicon Transistors Low-Power, Single/Dual-Level Battery Monitors with Hysteresis 5-Pin µP Supervisory Circuits with Watchdog and Manual Reset 5个引amp;#181;带看门狗和手动复位的P监控电路
|
Sanyo Hitachi,Ltd.
|
2N6497 2N6498 ON0098 |
POWER TRANSISTORS NPN SILICON 5 AMPERE POWER TRANSISTORS From old datasheet system
|
ONSEMI[ON Semiconductor]
|
TIP105 TIP100 TIP106 TIP101 TIP102 TIP107 ON2977 |
DARLINGTON 8 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 8 A, 60 V, NPN, Si, POWER TRANSISTOR, TO-220AB From old datasheet system DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS
|
Motorola Mobility Holdings, Inc. MOTOROLA[Motorola, Inc] ONSEMI[ON Semiconductor]
|
BDV65B BDV65A BDV65C |
Silicon NPN Power Transistors Silicon NPN Darlington Power Transistor
|
Inchange Semiconductor Company Limited
|
2SA2040 2SC5707 C5707 2SA2040TP 2SA2040TP-FA 2SC57 |
PNP Epitaxial Planar Silicon Transistors High Current Switching Applications PNP / NPN Epitaxial Planar Silicon Transistors PNP/NPN Epitaxial Planar Silicon Transistors TRANSISTOR | BJT | PNP | 50V V(BR)CEO | 8A I(C) | TO-251VAR 5-Pin µP Supervisory Circuits with Watchdog and Manual Reset TRANSISTOR | BJT | NPN | 50V V(BR)CEO | 8A I(C) | TO-252VAR Low-Power, Single/Dual-Voltage µP Reset Circuits with Capacitor-Adjustable Reset Timeout Delay
|
SANYO[Sanyo Semicon Device] Matsshita / Panasonic
|