PART |
Description |
Maker |
NTF6P02T3 NTF6P02T3-D NTF6P02T3G NTF6P02T3/D |
Receptacle With A Wire Wrap Tail NTF6P02T3 Power MOSFET -6.0 Amps, -20 Volts P?Channel SOT23(-6.0A,-20V,P通道,SOT-23封装的功率MOSFET) 10 A, 20 V, 0.05 ohm, P-CHANNEL, Si, POWER, MOSFET, TO-261AA Power MOSFET -6.0 Amps, -20 Volts P??annel SOT?23 Power MOSFET -6.0 Amps, -20 Volts P-Channel SOT-223 20V P-ch HD3e SOT223
|
ONSEMI ON Semiconductor
|
NTD32N06-1 NTD32N06-1G NTD32N06T4G NTD32N06 NTD32N |
Power MOSFET 32 Amps, 60 Volts 32 Amps, 60 Volts, N−Channel DPAK
|
ONSEMI[ON Semiconductor]
|
NTB45N06G NTB45N06T4G NTP45N06G |
Power MOSFET 45 Amps, 60 Volts; Package: D2PAK 3 LEAD; No of Pins: 3; Container: Rail; Qty per Container: 50 45 A, 60 V, 0.026 ohm, N-CHANNEL, Si, POWER, MOSFET Power MOSFET 45 Amps, 60 Volts; Package: D2PAK 3 LEAD; No of Pins: 3; Container: Tape and Reel; Qty per Container: 800 45 A, 60 V, 0.026 ohm, N-CHANNEL, Si, POWER, MOSFET Power MOSFET 45 Amps, 60 Volts; Package: TO-220 3 LEAD STANDARD; No of Pins: 3; Container: Rail; Qty per Container: 50 45 A, 60 V, 0.026 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB Power MOSFET 45 Amps, 60 Volts N?Channel TO?20 and D2PAK
|
ON Semiconductor
|
NTMD2P01R2 NTMD2P01R2-D |
Power MOSFET -2.3 Amps, -16 Volts Dual SO-8 Package Power MOSFET -2.3 Amps, -16 Volts Dual SO Package(-2.3A16V,双通道SO-8封装的功率MOSFET) 2.3 A, 16 V, 0.1 ohm, 2 CHANNEL, P-CHANNEL, Si, POWER, MOSFET
|
ON Semiconductor
|
NTF3055-100 NTF3055-100T3G |
Power MOSFET 3.0 Amps, 60 Volts N-Channel SOT-223(3A,60V逻辑电平,N通道 SOT-223 封装的功率MOSFET) Power MOSFET 3.0 Amps 60 Volts N−Channel
|
ON Semiconductor
|
NTP75N03-06-D NTP75N03-06/D |
Power MOSFET 75 Amps30 Volts Power MOSFET 75 Amps, 30 Volts N-Channel TO-220 and D2PAK
|
ON Semiconductor
|
NTD3055-150-D NTD3055-150/D |
Power MOSFET 9.0 Amps60 Volts Power MOSFET 9.0 Amps, 60 Volts N-Channel DPAK
|
ON Semiconductor
|
NTD23N03R NTD23N03R-1 NTD23N03R-1G NTD23N03RG NTD2 |
Power MOSFET 23A, 25V, N-Channel DPAK 23 Amps / 25 Volts / N-Channel DPAK 23 Amps, 25 Volts, N−Channel DPAK 23 Amps, 25 Volts, N-Channel DPAK
|
ONSEMI[ON Semiconductor]
|
NTP22N06L NTB22N06L NTP22N06L-D |
Power MOSFET 22 Amps, 60 Volts, Logic Level N-Channel TO-220 and D 2 PAK Power MOSFET 22Amps, 60 Volts,Logic Level N-Channel TO-220(22A, 60 V,逻辑电平,N通道,TO-220封装的功率MOSFET) 22 A, 60 V, 0.065 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB
|
ON Semiconductor
|
NTMS5P02R206 NTMS5P02R2G NTMS5P02R2 |
Power MOSFET -5.4 Amps, -20 Volts 3950 mA, 20 V, P-CHANNEL, Si, SMALL SIGNAL, MOSFET
|
ONSEMI[ON Semiconductor]
|
NTTD1P02R2G NTTD1P02R206 NTTD1P02R2 |
Power MOSFET -1.45 Amps, -20 Volts
|
ONSEMI[ON Semiconductor]
|
NVF3055-100T1G |
Power MOSFET 3.0 Amps, 60 Volts
|
ON Semiconductor
|
|