PART |
Description |
Maker |
NTB90N02 NTB90N02T4 NTP90N02 |
Power MOSFET 90 Amps / 24 Volts TV 18C 14#22D 4#8(TWINAX) PIN 90 A, 24 V, 0.0058 ohm, N-CHANNEL, Si, POWER, MOSFET Power MOSFET 90 Amps, 24 Volts Power MOSFET 90 Amps 24 Volts
|
ONSEMI[ON Semiconductor]
|
MTD4N20E-D |
Power MOSFET 4 Amps, 200 Volts N-Channel DPAK
|
ON Semiconductor
|
MTP6P20E-D |
Power MOSFET 6 Amps, 200 Volts P-Channel TO-220
|
ON Semiconductor
|
SFF50N20B |
50 AMPS 200 VOLTS 0.050 OHM N-Channel POWER MOSFET
|
SSDI[Solid States Devices, Inc]
|
NTF6P02T3 NTF6P02T3-D NTF6P02T3G NTF6P02T3/D |
Receptacle With A Wire Wrap Tail NTF6P02T3 Power MOSFET -6.0 Amps, -20 Volts P?Channel SOT23(-6.0A,-20V,P通道,SOT-23封装的功率MOSFET) 10 A, 20 V, 0.05 ohm, P-CHANNEL, Si, POWER, MOSFET, TO-261AA Power MOSFET -6.0 Amps, -20 Volts P??annel SOT?23 Power MOSFET -6.0 Amps, -20 Volts P-Channel SOT-223 20V P-ch HD3e SOT223
|
ONSEMI ON Semiconductor
|
SFF50N20Z |
50 AMPS 200 VOLTS 0.055 OHM N-Channel POWER MOSFET 50 A, 200 V, 0.055 ohm, N-CHANNEL, Si, POWER, MOSFET
|
Solid State Devices, Inc.
|
ARF466FL ARF466FL10 |
RF MOSFET for 100-300 Volt Operation; P(out) (W): 300; fO (MHz): 45; VDD (V): 200; BVDSS (V): 1000; RqJC (ºC/Watt): 0.27; Case Style: T2; COO: A-E VHF BAND, Si, N-CHANNEL, RF POWER, MOSFET RF POWER MOSFETs N-CHANNEL ENHANCEMENT MODE
|
Microsemi, Corp. Microsemi Corporation
|
NTMS4P01R2 NTMS4P01R2/D NTMS4P01R2-D |
Power MOSFET -4.5 Amps, -12 Volts P-Channel Enhancement-Mode Single SO-8 Package Receptacle With A Standard Tail Power MOSFET -4.5 Amps-12 Volts
|
ON Semiconductor
|
IXFT74N20 IXFR90N20 IXFE24N100 |
HIPERFET POWER MOSFETs 74 A, 200 V, 0.3 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-268 90 A, 200 V, 0.022 ohm, N-CHANNEL, Si, POWER, MOSFET ISOPLUS247, 3 PIN Single MOSFET Die 22 A, 1000 V, 0.39 ohm, N-CHANNEL, Si, POWER, MOSFET
|
IXYS, Corp.
|
NTB45N06G NTB45N06T4G NTP45N06G |
Power MOSFET 45 Amps, 60 Volts; Package: D2PAK 3 LEAD; No of Pins: 3; Container: Rail; Qty per Container: 50 45 A, 60 V, 0.026 ohm, N-CHANNEL, Si, POWER, MOSFET Power MOSFET 45 Amps, 60 Volts; Package: D2PAK 3 LEAD; No of Pins: 3; Container: Tape and Reel; Qty per Container: 800 45 A, 60 V, 0.026 ohm, N-CHANNEL, Si, POWER, MOSFET Power MOSFET 45 Amps, 60 Volts; Package: TO-220 3 LEAD STANDARD; No of Pins: 3; Container: Rail; Qty per Container: 50 45 A, 60 V, 0.026 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB Power MOSFET 45 Amps, 60 Volts N?Channel TO?20 and D2PAK
|
ON Semiconductor
|
NTMD2P01R2 NTMD2P01R2-D |
Power MOSFET -2.3 Amps, -16 Volts Dual SO-8 Package Power MOSFET -2.3 Amps, -16 Volts Dual SO Package(-2.3A16V,双通道SO-8封装的功率MOSFET) 2.3 A, 16 V, 0.1 ohm, 2 CHANNEL, P-CHANNEL, Si, POWER, MOSFET
|
ON Semiconductor
|
BR-301AY |
BR-301AY 3PST N.O., 200 Amps, 115/200 VAC, 400 Hz
|
Tyco Electronics
|
|