PART |
Description |
Maker |
S3P72K8 S3C72K8 |
singl-chip CMOS microcontroller
|
SAMSUNG[Samsung semiconductor]
|
E0C63P366 |
CMOS 4-Bit Low Voltage Singl Single Chip Microcomputer Composed of 4-Bit E0C63000 Core CPU,RAM,Rewritable ROM,Segment LCD Driver,On-Board Writing
|
爱普生(中国)有限公
|
IRLZ24N-006 IRL530N-015PBF IRL530N-031PBF IRL2505- |
18 A, 55 V, 0.06 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 15 A, 100 V, 0.1 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 104 A, 55 V, 0.008 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 120 A, 30 V, 0.006 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 48 A, 100 V, 0.026 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 39 A, 20 V, 0.02 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 61 A, 20 V, 0.013 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 56 A, 30 V, 0.014 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 85 A, 20 V, 0.01 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 100 A, 30 V, 0.007 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 24 A, 30 V, 0.04 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 27 A, 55 V, 0.035 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 41 A, 55 V, 0.022 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 48 A, 20 V, 0.016 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 77 A, 55 V, 0.01 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB
|
Bourns, Inc. Vishay Intertechnology, Inc.
|
IRLL024NQ IRLL024NQTRPBF |
3.1 A, 55 V, 0.065 ohm, N-CHANNEL, Si, POWER, MOSFET HEXFET? Power MOSFET HEXFET㈢ Power MOSFET 55V Single N-Channel HEXFET Power MOSFET in a SOT-223 package
|
International Rectifier
|
IRFZ44NL IRFZ44NS IRFZ44NSTRR IRFZ44NLPBF IRFZ44NS |
55V Single N-Channel HEXFET Power MOSFET in a D2-Pak package 55V Single N-Channel HEXFET Power MOSFET in a TO-262 package HEXFET? Power MOSFET Power MOSFET(Vdss=55V, Rds(on)=0.0175ohm, Id=49A) (IRFZ44NL / IRFZ44NS) Power MOSFET TRANSISTOR | MOSFET | N-CHANNEL | 55V V(BR)DSS | 49A I(D) | TO-263AB 晶体管| MOSFET的| N沟道| 55V的五(巴西)直| 49A条(丁)|63AB
|
IRF[International Rectifier] International Rectifier, Corp.
|
AUIRF3710ZSTRL AUIRF3710ZSTRR AUIRF3710Z AUIRF3710 |
HEXFET垄莽 Power MOSFET HEXFET? Power MOSFET 59 A, 100 V, 0.018 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB
|
International Rectifier
|
SPM4M024-100 SPC8M075-006 SPC8M045-010 SPC8M030-02 |
6 A, 1000 V, 2 ohm, 6 CHANNEL, N-CHANNEL, Si, POWER, MOSFET Standard Industrial Grade MOSFET Power Modules 130 A, 60 V, 0.006 ohm, 4 CHANNEL, N-CHANNEL, Si, POWER, MOSFET Standard Industrial Grade MOSFET Power Modules 120 A, 300 V, 0.035 ohm, 2 CHANNEL, N-CHANNEL, Si, POWER, MOSFET Standard Industrial Grade MOSFET Power Modules 40 A, 600 V, 0.18 ohm, 4 CHANNEL, N-CHANNEL, Si, POWER, MOSFET Standard Industrial Grade MOSFET Power Modules 350 A, 60 V, 0.003 ohm, N-CHANNEL, Si, POWER, MOSFET Standard Industrial Grade MOSFET Power Modules 30 A, 200 V, 0.075 ohm, 6 CHANNEL, N-CHANNEL, Si, POWER, MOSFET Standard Industrial Grade MOSFET Power Modules 45 A, 100 V, 0.03 ohm, 4 CHANNEL, N-CHANNEL, Si, POWER, MOSFET Standard Industrial Grade MOSFET Power Modules 30 A, 200 V, 0.075 ohm, 4 CHANNEL, N-CHANNEL, Si, POWER, MOSFET Standard Industrial Grade MOSFET Power Modules 300 A, 100 V, 0.005 ohm, N-CHANNEL, Si, POWER, MOSFET
|
Sensitron Semiconductor http://
|
IRFI634G ORFO634G |
POWER MOSFET 功率MOSFET Power MOSFET(Vdss=250V / Rds(on)=0.45ohm / Id=5.6A) 250V Single N-Channel HEXFET Power MOSFET in a TO-220 FullPak (Iso) package
|
International Rectifier, Corp. IRF[International Rectifier]
|
IXTH36N50P IXTT36N50P IXTV36N50P IXTV36N50PS IXTQ3 |
MOSFET N-CH 500V 36A TO-247 36 A, 500 V, 0.17 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-247AD PolarHV Power MOSFET
|
IXYS, Corp. IXYS Corporation
|
IXFT74N20 IXFR90N20 IXFE24N100 |
HIPERFET POWER MOSFETs 74 A, 200 V, 0.3 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-268 90 A, 200 V, 0.022 ohm, N-CHANNEL, Si, POWER, MOSFET ISOPLUS247, 3 PIN Single MOSFET Die 22 A, 1000 V, 0.39 ohm, N-CHANNEL, Si, POWER, MOSFET
|
IXYS, Corp.
|
IRLU8743PBF IRLR8743PBF |
160 A, 30 V, 0.0031 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-251AA HEXFET㈢Power MOSFET HEXFET?Power MOSFET
|
International Rectifier
|
NTD18N06LT4G NTD18N06 NTD18N06L NTD18N06L-1 NTD18N |
Power MOSFET 18 A, 60 V, 0.065 ohm, N-CHANNEL, Si, POWER, MOSFET Power MOSFET 18 Amps, 60 Volts, Logic Level N-Channel DPAK
|
ONSEMI[ON Semiconductor]
|
|