PART |
Description |
Maker |
DRA8G-RC DTN12E-RA DTN12G-YB |
12.56 A, SCR, TO-220 TO-220, 3 PIN 400 V, 12 A, TRIAC, TO-220 600 V, 12 A, TRIAC, TO-220
|
Allied Components International
|
KSE13005H1A |
4 A, 400 V, NPN, Si, POWER TRANSISTOR, TO-220 TO-220, 3 PIN
|
Fairchild Semiconductor, Corp.
|
KSC5021Y |
5 A, 500 V, NPN, Si, POWER TRANSISTOR, TO-220 TO-220, 3 PIN
|
Fairchild Semiconductor, Corp.
|
SGP6N60UFTU |
6 A, 600 V, N-CHANNEL IGBT, TO-220 TO-220, 3 PIN
|
Fairchild Semiconductor, Corp.
|
KSA473OJ69Z |
3 A, 30 V, PNP, Si, POWER TRANSISTOR, TO-220 TO-220, 3 PIN
|
Fairchild Semiconductor, Corp.
|
KSC5039H2TU KSC5039H1 |
5 A, 400 V, NPN, Si, POWER TRANSISTOR, TO-220 TO-220, 3 PIN NPN Silicon Transistor; Package: TO-220; No of Pins: 3; Container: Bulk 5 A, 400 V, NPN, Si, POWER TRANSISTOR, TO-220AB
|
Fairchild Semiconductor, Corp.
|
STP100NF03L-03 STB100NF03L-03 STB100NF03L-03-01 ST |
N-CHANNEL 30V - 0.0026 W -100A D??AK/I??AK/TO-220 STripFET??II POWER MOSFET N-CHANNEL 30V - 0.0026 OHM -100A D2PAK/I2PAK/TO-220 STRIPFET II POWER MOSFET N-CHANNEL 30V - 0.0026 OHM -100A D2PAK/I2PAK/TO-220 STRIPFET II POWER MOSFET N-CHANNEL 30V - 0.0026 W -100A D?PAK/I?PAK/TO-220 STripFET⑩ II POWER MOSFET N-CHANNEL 30V - 0.0026 W -100A DPAK/IPAK/TO-220 STripFET II POWER MOSFET N-CHANNEL 30V - 0.0026 W -100A D2PAK/I2PAK/TO-220 STripFET II POWER MOSFET N-CHANNEL 30V - 0.0026 W -100A D?PAK/I?PAK/TO-220 STripFETII POWER MOSFET N沟道30V 0.0026欧姆- 100号A D2PAK/I2PAK/TO-220 STRIPFET二功率MOSFET N沟道30V 0.0026的W - 100号A?巴基斯我?PAK/TO-220 STripFET⑩二功率MOSFET
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导
|
STGP7NC60HD STGB7NC60HD STGB7NC60HDT4 STGF7NC60HD |
N-CHANNEL 14A - 600V - TO-220/TO-220FP/DPAK Very Fast PowerMESH IGBT N沟道14A - 600V TO-220/TO-220FP/DPAK非常IGBT的快速PowerMESH
|
STMicroelectronics N.V. STMICROELECTRONICS[STMicroelectronics]
|
STP8NS25FP STP8NS25 |
N-CHANNEL 250V 0.38 OHM 8A TO-220/TO-220FP MESH OVERLAY MOSFET N-CHANNEL 250V - 0.38ohm - 8A TO-220/TO-220FP MESH OVERLAYMOSFET N沟道250V - 0.38ohm - 8A条TO-220/TO-220FP⑩MOSFET的网格密 N-CHANNEL 250V 0.38 OHM 8A TO-220/TO-220FP MESH OVERLAY MOSFET N-CHANNEL 250V - 0.38ohm - 8A TO-220/TO-220FP MESH OVERLAY⑩ MOSFET N-CHANNEL 250V - 0.38ohm - 8A TO-220/TO-220FP MESH OVERLAY MOSFET
|
ST Microelectronics STMicroelectronics N.V. 意法半导 STMICROELECTRONICS[STMicroelectronics]
|
STP16NE06 STP16NE06FP 5315 P16NE |
11 A, 60 V, 0.1 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB N-Channel 60V-0.08Ω-16A- TO-220/TO-220FP STripFETTM Power MOSFET(N沟道功率MOSFET) N沟道60V0.08Ω- 16A条,TO-220/TO-220FP STripFETTM功率MOSFET(不适用沟道功率MOSFET的) N-CHANNEL Power MOSFET From old datasheet system N - CHANNEL 60V - 0.08 - 16A - TO-220/TO-220FP STripFET? POWER MOSFET N - CHANNEL 60V - 0.08 ohm - 16A - TO-220/TO-220FP STripFET POWER MOSFET N-CHANNEL ENHANCEMENT MODE SINGLE FEATURE SIZE POWER MOSFET
|
STMicroelectronics N.V. STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
KSB707OJ69Z KSB708OJ69Z |
7 A, 60 V, PNP, Si, POWER TRANSISTOR, TO-220 TO-220, 3 PIN 7 A, 80 V, PNP, Si, POWER TRANSISTOR, TO-220 TO-220, 3 PIN
|
Fairchild Semiconductor, Corp.
|
|