PART |
Description |
Maker |
415322-2 |
F Series and G Series; SURFACE MOUNT JACK, F SERIES ( AMP )
|
Tyco Electronics
|
BQ29449DRBR BQ29449DRBT BQ2944L9DRBT BQ2944L9DRBR |
<font color=red>[Old version datasheet]</font> Voltage Protection for 2-Series, 3-Series, or 4-Series Cell Li-Ion Batteries (Second-Level Protection)
|
TI store
|
LN248WALU LN248WAL |
5.0 mm × 2.0 mm Series 5.0 mm 】 2.0 mm Series FILTER, SAW, 315MHZ; Attenuation:1.9dB; Case style:QCC8B; Depth, external:1.5mm; Insertion loss:1.9dB; Length / Height, external:3.8mm; Temp, op. max 5.0 mm 2.0 mm Series
|
PANASONIC[Panasonic Semiconductor] Panasonic Corporation
|
74ABT2241 74ABT2241D 74ABT2241DB 74ABT2241N 74ABT2 |
Power Supply ABT SERIES, DUAL 4-BIT DRIVER, TRUE OUTPUT, PDSO20 Octal buffer with 30 series termination From old datasheet system Octal buffer with 30ohm series termination resistors; 3-State Octal buffer with 30 Ohm series termination resistors (3-State)
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
BAS70 BAS4 BAS40 BAS70-05 BSA40 BAS70-04 BAS70-06 |
RESISTOR,SMD1206,160K,1/4W,5% Schottky Rectifier SCHOTTKY arraySERIES 0.2 A, 70 V, SILICON, SIGNAL DIODE SCHOTTKY array⑩ SERIES SCHOTTKY ARRAY⒙ SERIES SCHOTTKY array SERIES SCHOTTKY array?/a> SERIES Aluminum Electrolytic Capacitor; Capacitor Type:General Purpose; Voltage Rating:50VDC; Capacitor Dielectric Material:Aluminum Electrolytic; Operating Temperature Range:-40 C to C; Capacitance:16000uF RoHS Compliant: Yes CSCA-A Series Hall-effect based, open-loop current sensor, Gallant connector, 50 A rms nominal, ±150 A range SCHOTTKYarray SERIES 0.2 A, 40 V, 2 ELEMENT, SILICON, SIGNAL DIODE SILICON, MIXER DIODE
|
Microsemi, Corp. MICROSEMI[Microsemi Corporation] MICROSEMI CORP-LAWRENCE
|
102-073-012 102-073-016 102-073-004 102-073-024 10 |
Dacron Tubular Braid (Black) for Series 72 & 74 Tubing and Series 75 Conduit
|
Glenair, Inc.
|
KU10N16 |
TSS KU Series Sidac / Uni-directional Thyristor (G1V Series)
|
http:// Shindengen Electric Mfg.Co.Ltd Shindengen America
|
AN1172 |
THE NEW ACS SERIES: SERIES A BREAKTHROUGH IN RUGGEDNESS & DRIVE FOR HOME APPLIANCES
|
SGS Thomson Microelectronics
|
HD74LVC2G53 |
Standard IC>General-Purpose Logics>Uni-Logic 74LVC 1G/2G/3G Series>74LVC2G Series
|
Renesas
|
P3002ACMCLXX P3602ACMCLXX P6002ACMCLXX P4202ACMCLX |
The series provides a robust single port solution that enables equipment MC Series - Modified TO-220
|
Littelfuse
|
HD74ALVC1G00 |
Standard IC>General-Purpose Logics>Uni-Logic 74ALVC 1G/2G Series>74ALVC1G Series
|
Renesas
|
SSCSNBN001BDAA3 |
TruStability? HSC Series and SSC Series Board Mount Pressure Sensors, Analog Output
|
Honeywell Solid State Electronics Center
|