PART |
Description |
Maker |
LTC1438 LTC1439 LTC1439IG LTC1439IGW LTC1438IG-ADJ |
From old datasheet system Dual High Efficiency/ Low Noise/ Synchronous Step-Down Switching Regulators Dual High Efficiency, Low Noise, Synchronous Step-Down Switching Regulators
|
LINER[Linear Technology]
|
LTC1538-AUX LTC1539CGW 15389F LTC1538CG-AUX LTC153 |
Dual High Efficiency, Low Noise, Synchronous Step-Down Switching Regulators Dual High Efficiency/ Low Noise/ Synchronous Step-Down Switching Regulators From old datasheet system
|
Linear Technology
|
LTC1143L-ADJ LTC1143LCS-ADJ |
Dual High Efficiency SO-16 Step-Down Switching Regulator Controllers RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS
|
Linear Technology Corporation
|
ISL8088 ISL8088IRZ ISL8088IRZ-T |
Dual 800mA Low Quiescent Current 2.25MHz High Efficiency Synchronous Buck Regulator
|
Intersil Corporation
|
ISL808810 |
Dual 800mA Low Quiescent Current 2.25MHz High Efficiency Synchronous Buck Regulator
|
Intersil Corporation
|
AM2147-35PCB AM2147-70DC AM2147-70PC AM2147-70LC A |
Dual Low Noise, Picoampere Bias Current, JFET Input Op Amp; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C 500mA Negative Low Dropout Micropower Regulator; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C x1 SRAM 500mA Negative Low Dropout Micropower Regulator; Package: DD PAK; No of Pins: 5; Temperature Range: 0°C to 70°C 100kHz, 5A, 2.5A and 1.25A High Efficiency Switching Regulators; Package: DD PAK; No of Pins: 5; Temperature Range: 0°C to 70°C 100kHz, 5A, 2.5A and 1.25A High Efficiency Switching Regulators; Package: PDIP; No of Pins: 8; Temperature Range: -40°C to 85°C Dual and Quad 25MHz, 600V/µs Op Amps; Package: PDIP; No of Pins: 14; Temperature Range: 0°C to 70°C Dual and Quad 50MHz, 800V/µs Op Amps; Package: SO; No of Pins: 16; Temperature Range: 0°C to 70°C 500kHz High Efficiency 6A Switching Regulator; Package: TO-220; No of Pins: 7; Temperature Range: -40°C to 85°C Dual and Quad 70MHz, 1000V/µs Op Amps; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C Dual and Quad Precision Rail-to-Rail Input and Output Op Amps; Package: SO; No of Pins: 14; Temperature Range: 0°C to 70°C Dual Low Noise, Picoampere Bias Current, JFET Input Op Amp; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C Micropower DC/DC Converter Adjustable and Fixed 5V, 12V; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C 500kHz and 1MHz High Efficiency 1.5A Switching Regulators; Package: SO; No of Pins: 8; Temperature Range: -40?°C to 85?°C 500kHz and 1MHz High Efficiency 1.5A Switching Regulators; Package: SO; No of Pins: 8; Temperature Range: -40?°C to 85?°C 射频放大 500mA Negative Low Dropout Micropower Regulator; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C x1的SRAM
|
Advanced Micro Devices, Inc. Rochester Electronics, LLC Molex, Inc.
|
NCP153211 |
Dual Output Step-Down Converter 2.25 MHz High-Efficiency, Out of Phase Operation, Low Quiescent Current, Source up to 1.6 A
|
ON Semiconductor
|
RPM6937-V4 RPM6938-V4 |
Lead Frame Remote Control Receiver Modules (5V with superior anti-nois characteristics Type)
|
ROHM
|
MIC2845A-SCYMT MIC2845A-MFYMT MIC2845A-PGYMT MIC28 |
High Efficiency 6 Channel Linear WLED Driver with DAM? Ultra Fast PWM Control and Dual Low IQ LDOs High Efficiency 6 Channel Linear WLED Driver with DAM? Ultra Fast PWM?/a> Control and Dual Low IQ LDOs
|
Micrel Semiconductor
|
WP59BL_EGW WP59BL/EGW WP59BL/EYW WP59BL-EGW WP59BL |
T-1 3/4 (5mm) BI-COLOR RIGHT ANGLE LED INDICATOR T-1 3/4 DUAL COLOR LED, HIGH EFFICIENCY RED/YELLOW, 5 mm T-1 3/4 DUAL COLOR LED, HIGH EFFICIENCY RED/GREEN, 5 mm ROHS COMPLIANT PACKAGE-3
|
Kingbright Corporation. Kingbright, Corp.
|