PART |
Description |
Maker |
MC74HC04 MC74HC04A MC74HC04AD MC74HC04ADR2 MC74HC0 |
Hex Inverter Hex Inverter High-Performance Silicon-Gate CMOS CERAMIC CHIP/MIL-PRF-55681 HC/UH SERIES, HEX 1-INPUT INVERT GATE, PDIP14
|
ONSEMI[ON Semiconductor]
|
74AC14 74AC14B 74AC14M 74AC14MTR 5040 74AC14TTR |
HEX SCHMITT INVERTER From old datasheet system HEX INVERTER
|
STMICROELECTRONICS[STMicroelectronics]
|
MC54F04 MC54F04J MC74F04N MC54_74F04 ON1228 |
HEX INVERTER FAST SCHOTTKY TTL HEX INVERTER FASTE SCHOTTKY TTL From old datasheet system
|
Motorola, Inc ON Semi
|
74LS06 HD74LS06 HD74LS06FPSMD HD74LS06PDIP HD74LS0 |
LS SERIES, HEX 1-INPUT INVERT GATE, PDIP14 Hex Inverters Buffers/Drivers with Open Collector High-Voltage output HEX INVERTER BUFFERS/DRIVERS WITH OPEN-COLLECTOR HIGH-VOLTAGE OUTPUTS LOGIC GATE|HEX INVERTER|LS-TTL|SOP|14PIN|PLASTIC LOGIC GATE|HEX INVERTER|LS-TTL|DIP|14PIN|PLASTIC Circular Connector; MIL SPEC:MIL-C-26482, Series I, Solder; Body Material:Aluminum; Series:PT06; Number of Contacts:8; Connector Shell Size:16; Connecting Termination:Solder; Circular Shell Style:Straight Plug; Body Style:Straight
|
HITACHI[Hitachi Semiconductor] Hitachi,Ltd.
|
74LCX04SJ 74LCX04SJX 74LCX04 74LCX04BQX 74LCX04M 7 |
Low Voltage Hex Inverter with 5V Tolerant Inputs LVC/LCX/Z SERIES, HEX 1-INPUT INVERT GATE, PDSO14
|
Fairchild Semiconductor, Corp. Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
74ABT04 74ABT04PWDH 74ABT04D 74ABT04DB 74ABT04N 74 |
Hex inverter 六反相器 CERAMIC CHIP/MIL-PRF-55681 ABT SERIES, HEX 1-INPUT INVERT GATE, PDSO14
|
PHILIPS[Philips Semiconductors] NXP Semiconductors N.V.
|
MC74LCX14-D MC74LCX14M MC74LCX14MEL |
Low Voltage CMOS Hex Schmitt Inverter With 5 V-Tolerant Inputs LVC/LCX/Z SERIES, HEX 1-INPUT INVERT GATE, PDSO14
|
Rectron Semiconductor
|
HCC40107BDG HCC4017BDG HCC4017BDT HCC4027BDG HCC40 |
Rad-hard dual 2-input NAND buffer/driver Rad-hard decade counter/divider Rad-hard dual J-K master-slave Flip-Flop Rad-hard triple 3-input NAND gate Rad-hard 4-bit magnitude comparator Rad-hard triple 3-input AND gate Rad-hard hex buffer 3-state non-inverter Rad-hard hex schmitt trigger Rad-hard hex inverting buffer/converter Rad-hard hex inverter
|
ST Microelectronics
|
MM74HCT04MTCX |
Hex Inverter; Package: TSSOP; No of Pins: 14; Container: Tape & Reel HCT SERIES, HEX 1-INPUT INVERT GATE, PDSO14
|
Fairchild Semiconductor, Corp.
|
CD4069UBC CD4069UBC_02 CD4069UBCM CD4069UBCN CD406 |
LOGIC GATE|HEX INVERTER|CMOS|SOP|14PIN|PLASTIC 逻辑门|六角逆变器|的CMOS |专科| 14PIN |塑料 Inverter Circuits
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
HCS05DMSR FN3557 HCS05MS HCS05D HCS05HMSR HCS05K H |
Inverter, Hex, Open Drain, Rad-Hard, High-Speed, CMOS, Logic From old datasheet system JFET-N-CHANNEL SWITCH Radiation Hardened Hex Inverter with Open Drain HC/UH SERIES, HEX 1-INPUT INVERT GATE, UUC14 JFET; Transistor Polarity:N Channel; Breakdown Voltage, V(br)gss:-30V; Zero Gate Voltage Drain Current Min, Idss:50mA; Gate-Source Cutoff Voltage Max, Vgs(off):-10V; Current Rating:50mA; Voltage Rating:30V
|
INTERSIL[Intersil Corporation] Intersil, Corp. HARRIS SEMICONDUCTOR
|