PART |
Description |
Maker |
ADP1111ANZ-5 ADP1111ARZ-5-REEL ADP1111ARZ-12-REEL |
Micropower Step Up/Down Switching Regulator; Adjustable and Fixed 3.3 V, 5 V, 12 V; Package: PDIP; No of Pins: 8; Temperature Range: Commercial 1.5 A SWITCHING REGULATOR, 88 kHz SWITCHING FREQ-MAX, PDIP8 Micropower Step Up/Down Switching Regulator; Adjustable and Fixed 3.3 V, 5 V, 12 V; Package: SOIC; No of Pins: 8; Temperature Range: Commercial Micropower, Step-Up/Step-Down SW Regulator; Adjustable and Fixed 3.3 V, 5 V, 12 V Micropower, Step-Up/Step-Down SW lator; Adjustable and Fixed 3.3 V, 5 V, 12 V
|
Analog Devices, Inc. ANALOG DEVICES INC
|
EL7513IWTZ-T7A EL7513IY EL7513IWT-T7 EL7513 EL7513 |
White LED Step-Up Regulator 0.5 A SWITCHING REGULATOR, 1200 kHz SWITCHING FREQ-MAX, PDSO8 Regulator, Step up, Constant Current Boost for 12 White LEDs, VIN =2.6/13.2V, VOUT =18V Max, 1MHz
|
Intersil, Corp. 稳压 Intersil Corporation
|
LM2575-5 LM2575-D |
1.0 A, Adjustable Output Voltage, Step-Down Switching Regulator Easy Switchertm 1.0 a Step-down Voltage Regulator
|
ON Semiconductor ONSEMI
|
ADP3000AR-5-REEL ADP3000AR-3.3-REEL ADP3000AR-12-R |
SWITCHING REGULATOR, 400 kHz SWITCHING FREQ-MAX, PDSO8 High Efficiency, Step-Up/Step-Down Switching Regulator
|
ANALOG DEVICES INC
|
ADP3000AN ADP3000AN-12 ADP3000AN-33 ADP3000AN-5 AD |
Micropower Step-Up/Step-Down Fixed 3.3 V, 5 V, 12 V and Adjustable High Frequency Switching Regulator
|
AD[Analog Devices]
|
BD8962MUV |
Low Noise Step-down High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
|
Rohm
|
MAX711ESE-T MAX711ESET |
3.3V/5V or Adjustable, Step-Up Step-Down DC-DC Converters 0.7 A SWITCHING REGULATOR, PDSO16
|
Maxim Integrated Products, Inc.
|
ADP3000ARU-REEL ADP3000AR-REEL ADP3000AR-5-REEL AD |
High Efficiency Step-Up/Step-Down Switching Regulator
|
Analog Devices
|
LT1374 LT1374C LT1374CR LT1374CR-5 LT1374CR-5SYNC |
4.5A/ 500kHz Step-Down Switching Regulator From old datasheet system 4.5A 500kHz Step-Down Switching Regulator 4.5A, 500kHz Step-Down Switching Regulator
|
LINER[Linear Technology]
|
LT3503 LT3505EMS8E LT3505EMS8E-PBF LT3505EMS8E-TR |
1A, 2.2MHz Step-Down Switching Regulator in 2mm × 3mm DFN 1.2A, Step-Down Switching Regulator in 3mm × 3mm DFN 1A, 2.2MHz Step-Down Switching Regulator in 2mm ? 3mm DFN 36V, 2A, 2.4MHz Step-Down Switching Regulator 1.2A, Step-Down Switching Regulator in 3mm 隆驴 3mm DFN 1A, 2.2MHz Step-Down Switching Regulator in 2mm 隆驴 3mm DFN
|
Linear Technology
|
LT1616 LT1616ES6 LT1616ES6TR LT1616ES6TRPBF LT1616 |
600mA, 1.4MHz Step-Down Switching Regulator in SOT-23 0.85 A SWITCHING REGULATOR, 1800 kHz SWITCHING FREQ-MAX, PDSO6 600mA, 1.4MHz Step-Down Switching Regulator in SOT-23; Package: SOT; No of Pins: 6; Temperature Range: -40°C to 125°C 0.85 A SWITCHING REGULATOR, 1800 kHz SWITCHING FREQ-MAX, PDSO6 1.4MHz, 600mA Step-Down Switching Regulator in SOT-23
|
Linear Technology, Corp.
|
LT1578 LT1578-2.5 LT1578C LT1578CS8 LT1578CS8-2.5 |
1.5A/ 200kHz Step-Down Switching Regulator 1.5A, 200kHz Step-DownSwitching Regulator 1.5A, 200kHz Step-Down Switching Regulator
|
LINER[Linear Technology]
|