PART |
Description |
Maker |
STP60NE06L-16 6012 |
N-Channel 60V-0.014Ω-60A-D2PAK “SINGLE FEATURE SIZETMPower MOSFET(N沟道功率MOSFET) From old datasheet system N - CHANNEL 60V - 0.014 - 60A - D 2 PAK ”SINGLE FEATURE SIZE]” POWER MOSFET
|
意法半导 STMicro
|
FDMS5360LF085 |
N-Channel Power TrenchMOSFET 60V, 60A, 8.5m
|
Fairchild Semiconductor
|
ENN8055 |
Power MOSFET, 60V, 60A, 22mOhm, single, N-Channel, D2PAK
|
ON Semiconductor
|
STV60NE06-16 |
N-CHANNEL 60V - 0.013 OHM - 60A POWERSO-10 STRIPFET POWER MOSFET
|
ST Microelectronics
|
STD60NF06 STD60NF06T4 |
N-CHANNEL 60 V - 0.014 OHM - 60 A DPAK STRIPFET II POWER MOSFET N-CHANNEL 60 V - 0.014 OHM - 60 A DPAK STRIPFET II POWER MOSFET N-CHANNEL 60V - 0.014ohm - 60A DPAK STripFET II POWER MOSFET N-CHANNEL 60V - 0.014ohm - 60A DPAK STripFET⑩ II POWER MOSFET
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
STB60NE06L-16 |
N-Channel 60V-0.014Ω-60A-D2PAK “SINGLE FEATURE SIZETMPower MOSFET(N沟道功率MOSFET)
|
意法半导
|
ULN-2075B ULS-2068H-883 ULN-2065B ULN-2064B |
3 to 8 line decoder N-channel 60V - 0.014 O - 60A D²PAK STripFET™ II Power MOSFET 四外设驱 13 input NAND gate 四外设驱 Dual retriggerable monostable multivibrator
|
Allegro MicroSystems, Inc. STMicroelectronics N.V.
|
FDMA1032CZ FDMA1032CZ08 |
20V Complementary PowerTrench? MOSFE 20V Complementary PowerTrench㈢ MOSFE
|
Fairchild Semiconductor
|
STD60NF55L-1 STD60NF55LT4 STD60NF55L06 STD60NF55L |
N-channel 55V - 0.012Ω - 60A - DPAK/IPAK STripFET II Power MOSFET N-channel 55V - 0.012ヘ - 60A - DPAK/IPAK STripFET⑩ II Power MOSFET
|
STMICROELECTRONICS[STMicroelectronics]
|
STD12NE06L STD12NE06L-1 |
TRANSISTOR | MOSFET | N-CHANNEL | 60V V(BR)DSS | 12A I(D) | TO-251AA 晶体管| MOSFET的| N沟道| 60V的五(巴西)直| 12A条(丁)|51AA N - CHANNEL 60V - 0.09ohm- 12A TO-251/TO-252 STripFET POWER MOSFET N-CHANNEL POWER MOSFET
|
California Eastern Laboratories, Inc. STMicroelectronics ST Microelectronics
|
RFP60P03 RF1S60P03SM FN3951 RFG60P03 |
60A/ 30V/ 0.027 Ohm/ P-Channel Power MOSFETs 60A 30V 0.027 Ohm P-Channel Power MOSFETs From old datasheet system 60A, 30V, 0.027 Ohm, P-Channel Power MOSFETs
|
INTERSIL[Intersil Corporation]
|
STD90N02L07 STD90N02L STD90N02L-1 |
N-channel 25V - 0.0052Ω - 60A - DPAK - IPAK STripFET?/a> III Power MOSFET N-channel 25V - 0.0052ヘ - 60A - DPAK - IPAK STripFET⑩ III Power MOSFET
|
STMicroelectronics
|