PART |
Description |
Maker |
IDT7280 IDT7280L IDT7280L12 IDT7280L12PA IDT7280L1 |
CMOS DUAL ASYNCHRONOUS FIFO DUAL 256 x 9 DUAL 512 x 9DUAL 1024 x 9 DUAL 2048 x 9DUAL 4096 x 9 DUAL 8192 x 9 CMOS DUAL ASYNCHRONOUS FIFO DUAL 256 x 9 DUAL 512 x 9 DUAL 1024 x 9 CMOS DUAL ASYNCHRONOUS FIFO DUAL 256 x 9, DUAL 512 x 9,DUAL 1,024 x 9, DUAL 2,048 x 9,DUAL 4,096 x 9, DUAL 8,192 x 9 CMOS DUAL ASYNCHRONOUS FIFO DUAL 256 x 9, DUAL 512 x 9, DUAL 1024 x 9
|
IDT[Integrated Device Technology]
|
CY7C09289 CY7C09289-9AI CY7C09289-9AC CY7C09389-9A |
32K/64K X 16/18 Synchronous Dual Port Static RAM 32K X 18 DUAL-PORT SRAM, 25 ns, PQFP100 32K/64K X 16/18 Synchronous Dual Port Static RAM 32K X 16 DUAL-PORT SRAM, 20 ns, PQFP100 32K/64K X 16/18 Synchronous Dual Port Static RAM 64K X 16 DUAL-PORT SRAM, 25 ns, PQFP100 32K/64K X 16/18 Synchronous Dual Port Static RAM 32K X 16 DUAL-PORT SRAM, 15 ns, PQFP100 32K/64K X 16/18 Synchronous Dual Port Static RAM 64K X 18 DUAL-PORT SRAM, 20 ns, PQFP100 32K/64K X 16/18 Synchronous Dual Port Static RAM 64K X 16 DUAL-PORT SRAM, 18 ns, PQFP100 DIODE SCHOTTKY SINGLE 75V 200mW 0.45V-vf 150mA-IFM 10mA-IF 5uA-IR SOD-123 3K/REEL 32K X 18 DUAL-PORT SRAM, 18 ns, PQFP100 0.1UF 50V 10% 0805 X7R CERAMIC CAPACITOR 32K X 18 DUAL-PORT SRAM, 20 ns, PQFP100 32K/64K X 16/18 Synchronous Dual Port Static RAM 32K X 16 DUAL-PORT SRAM, 18 ns, PQFP100 (CY7C09279 - CY7C09289) 32K/64K X 16/18 Synchronous Dual Port Static RAM True dual-ported memory cells which allow simultaneous access of the same memory location
|
Cypress Semiconductor, Corp. Cypress Semiconductor Corp. CYPRESS[Cypress Semiconductor]
|
HIP6019B HIP6019BCB |
Dual PWM Dual Linear, Micro Core/I-O/Clock/GTL, TTL 5-Bit VID DAC, Reg Core %/I-O %/Linear .5% Advanced Dual PWM and Dual Linear Power Control
|
Intersil Corporation
|
AD7237AACHIPS AD7247AACHIPS AD7237ATQ AD7237A-15 |
LC MOS Dual 12-Bit DACPORTs Dual 12-Bit Complete DAC with Double Buffered Byte Loading Dual 12-Bit DACPORT with Parallel Load 0.001UF(1000PF) 20% 1KV Y5V RAD DUAL, PARALLEL, 8 BITS INPUT LOADING, 5 us SETTLING TIME, 12-BIT DAC, CDIP24
|
Analog Devices, Inc.
|
LTC4221-15 |
Dual Hot Swap Controller/ Power Sequencer with Dual Speed, Dual Level Fault Protection
|
Linear Technology
|
IDT72V845L15PF IDT72V845L20PF IDT72V805L15PFI IDT7 |
15MBaud CMOS logic optocoupler. Dual channel SOIC-8; Package: SOIC-W; No of Pins: 8; Container: Box 15MBaud CMOS logic optocoupler. Dual channel SOIC-8; Package: SOIC-W; No of Pins: 8; Container: Tape & Reel 8 Input, 6 Output Video Switch Matrix with Output Drivers; Package: TSSOP; No of Pins: 24; Container: Rail 3.3 VOLT CMOS DUAL SyncFIFO DUAL 256 x 18, DUAL 512 x 18, DUAL 1,024 x 18, DUAL 2,048 x 18 3.3伏CMOS双SyncFIFO56 × 18,双512 × 18,双1,024 × 18,双2,048 × 18
|
Integrated Device Technology, Inc.
|
A3962 3962 A3962SLB |
DUAL FULL-BRIDGE PWM MOTOR DRIVER From old datasheet system DIODE SWITCHING DUAL-DUAL COMMON-CATHODE 70V 250mA-Io 200mW 4ns-trr SOT-363 3K/REEL
|
ALLEGRO[Allegro MicroSystems] Allegro MicroSystems, Inc.
|
NCV2904DR2 LM358DMR2 LM358D LM2904ADMR2 LM2904D LM |
Single Supply Dual Operational Amplifiers DUAL DIFFERENTIAL INPUT OPERATIONAL AMPLIFIERS DUAL OP-AMP, 7000 uV OFFSET-MAX, PDSO8
|
ONSEMI[ON Semiconductor]
|
TC395CL TC390 TC390AL TC390CL TC391 TC391AL TC391C |
DUAL INTERFACE BUFFERS / DUAL 2-INPUT NAND/AND/OR/NOR / DUAL 4-INPUT AND/NAND WITH EXPANDER High Noise Immunity Logic
|
Electronic Theatre Controls, Inc. List of Unclassifed Manufacturers ETC[ETC] Microsemi
|
NL27WZ14DFT2 NL27WZ14DTT1 NL27WZ14 |
Dual Inverter, Schmitt Dual Schmitt-Trigger Inverter 27WZ SERIES, DUAL 1-INPUT INVERT GATE, PDSO6
|
ONSEMI[ON Semiconductor]
|
TS272MP TS272IN TS272MN TS272MD TS272ID TS272M TS2 |
DUAL OP-AMP, 6500 uV OFFSET-MAX, 3.5 MHz BAND WIDTH, PDIP8 HIGH PERFORMANCE CMOS DUAL OP-AMPS HIGH PERFORMANCE CMOS DUAL OPERATIONAL AMPLIFIERS HIGH SPEED CMOS DUAL OPERATIONAL AMPLIFIERS 高速CMOS双运算放大器
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导 STMicroelectronics N.V.
|