PART |
Description |
Maker |
14PT616A/78 14PT414A/78 14PT316A/78 14PT314A 20PT4 |
Service Manual 服务手册 (14PTxxxA/78) Service Manual (20PTxxxA/78) Service Manual (21PTxxxA/78) Service Manual
|
NXP Semiconductors N.V. Philips Semiconductors
|
ADM6823TYRJZ-RL7 ADM6823WYRJZ-RL7 ADM6823TYRJ-R7 A |
Low Voltage Supervisory Circuit with Watchdog, Manual Reset and Active-Low, Push-Pull Reset Output; Package: SOT-23; No of Pins: 5; Temperature Range: Industrial 1-CHANNEL POWER SUPPLY MANAGEMENT CKT, PDSO5 Low Voltage Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT- Low Voltage Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-23
|
Analog Devices
|
CRCW060310R0JNEA 232270296001L 82-000226-01 TSSH-1 |
ADSP-BF506F EZ-KIT Lite垄莽 Evaluation System Manual ADSP-BF506F EZ-KIT Lite庐 Evaluation System Manual ADSP-BF506F EZ-KIT Lite? Evaluation System Manual ADSP-BF506F EZ-KIT Lite? Evaluation System Manual
|
Analog Devices http://
|
12LCT 63LET 355LMT 50LET 35LET 315LMT |
4-Pin SC70 Microprocessor Reset Circuits with Manual Reset Input Microprocessor Supervisory Reset Circuits with Edge-Triggered, One-Shot Manual Reset Fuse 保险
|
TE Connectivity, Ltd.
|
IE-784937-NS-EM1 |
IE-784937-NS-EM1 User's Manual | User's Manual[05/2003] IE浏览 784937 -纳秒- EMI的用户手册|用户手册[05/2003]
|
NEC TOKIN, Corp.
|
G692 G692H G693L G693 G692H293TC G692H263TC G692H3 |
4.38 V, 5.5 mA, voltage monitor with manual reset input 4.63 V, 5.5 mA, voltage monitor with manual reset input 3.08 V, 5.0 mA, voltage monitor with manual reset input 4-Pin UP Voltage Monitors with Manual Reset Input 2.93 V, 5.0 mA, voltage monitor with manual reset input 2.63 V, 5.0 mA, voltage monitor with manual reset input 4.00 V, 5.5 mA, voltage monitor with manual reset input
|
http:// List of Unclassifed Manufacturers ETC[ETC] Global Mixed-mode Technology
|
IE-75300-R-EM |
IE-75300-R-EM User's Manual | User's Manual[07/1997] IE浏览 75300 - R的,电磁用户手册|用户手册[07/1997]
|
Marktech Optoelectronics
|
M68000 MC68HC000EI20 MC68HC000RC12 MC68000UM MC680 |
8-/16-/32-Bit Microprocessors User隆炉s Manual 8-/16-/32-Bit Microprocessors User’s Manual 8-/16-/32-Bit Microprocessors User Manual
|
Freescale Semiconductor, In... Freescale Semiconductor, Inc
|
AD5228BUJZ10-RL7 AD5228BUJZ50-R2 AD5228BUJZ10-R2 A |
CF CARD HEADER TYPE II SMD Memory Card Socket; Number of Contacts:50; Pitch Spacing:0.635mm; Contact Termination:PCB SMT; Contact Material:Copper Alloy; Contact Plating:Gold Over Nickel; Gender:Male; Number of Rows:2 32工位手册下控制电位器 32-Position Manual Up/Down Control Potentiometer 100K DIGITAL POTENTIOMETER, PUSH-BUTTON CONTROL INTERFACE, 32 POSITIONS, PDSO8 32-Position Manual Up/Down Control Potentiometer 50K DIGITAL POTENTIOMETER, PUSH-BUTTON CONTROL INTERFACE, 32 POSITIONS, PDSO8 32-Position Manual Up/Down Control Potentiometer 32工位手册下控制电位器
|
Analog Devices, Inc.
|
2N7293R1 2N7293D1 2N7293D2 2N7293D3 2N7293H3 2N729 |
5-Pin µP Supervisory Circuits with Watchdog and Manual Reset 5-Pin µP Supervisory Circuits with Watchdog and Manual Reset 5个引amp;#181;带看门狗和手动复位的P监控电路 TRANSISTOR | MOSFET | N-CHANNEL | 200V V(BR)DSS | 27A I(D) | TO-204AE 晶体管| MOSFET的| N沟道| 200伏五(巴西)直| 27A条(丁)|04AE
|
ITT, Corp. Electronic Theatre Controls, Inc.
|
5B24D 12B24D 24B24D 12B12D 5B12D 5B5S 5B9S 5B5D 5B |
µP Supervisory Circuits with Windowed (Min/Max) Watchdog and Manual Reset Transmit Line Interface Low-RON, Dual-SPST/Single-SPDT Clickless Switches with Negative Rail Capability Dual/Triple Ultra-Low-Voltage SOT23 µP Supervisory Circuits 5-Pin µP Supervisory Circuits with Watchdog and Manual Reset Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers Receive Line Interface T1 Transceiver Analog IC 模拟IC µP Supervisory Circuits with Windowed (Min/Max) Watchdog and Manual Reset 模拟IC
|
Electronic Theatre Controls, Inc. ITT, Corp. Glenair, Inc.
|