PART |
Description |
Maker |
GENE-8310 TF-GENE-8310-A12 TF-GENE-8310-A12-01 TF- |
Onboard Intel? ULV Celeron? M 1.5 GHz/ 1.3 GHz Or Intel? Celeron? M 600 MHz & 1 GHz Processors
|
AAEON Technology
|
FMPA2151 |
2.4 - 2.5 GHz and 4.9-5.9 GHz Dual Band Linear Power 2.4-2.5 GHz and 4.9-5.9 GHz Dual Band Linear Power Amplifier Module (Preliminary)
|
Fairchild Semiconductor
|
ARE1303 ARE1303Z ARE1306 ARE1309 ARE1312 ARE1312Z |
RE-relay. 2.6 GHz 75 ohm relays for broadcasting industry. Standard PC board terminal. Nominal voltage 4.5 V DC. 2.6 GHZ 75з RELAYS FOR BROADCASTING INDUSTRY 2.6 GHz 75 RELAYS FOR BROADCASTING INDUSTRY 2.6 GHz 75?/a> RELAYS FOR BROADCASTING INDUSTRY
|
Matsushita Electric Works(Nais) NAIS[Nais(Matsushita Electric Works)]
|
PE-W90TF006-12 |
WR-90 Flexible Waveguide Twist With a CPR-90G Flange Operating From 8.2 GHz to 12.4 GHz
|
Pasternack Enterprises,...
|
AD9512-PCB |
1.2 GHz Clock Distribution IC, 1.6 GHz Inputs, Dividers, Delay Adjust, Five Outputs
|
Analog Devices
|
PE71S2017 |
SMA SPDT PIN Diode Switch Operating From 2 GHz to 26.5 GHz Up To 30 dBm
|
Pasternack Enterprises,...
|
PE-W90SF005-24 |
WR-90 Seamless Flexible Waveguide, UG-39/U Square Cover Flange Operating From 8.2 GHz to 12.4 GHz
|
Pasternack Enterprises,...
|
RMPA2550 |
2.4-2.5 GHz and 5.15-5.85 GHz Dual Band InGaP HBT Linear Power Amplifier
|
FAIRCHILD[Fairchild Semiconductor] FAIRCHILD [Fairchild Semiconductor]
|
AGR21030EF |
30 W, 2.110 GHz-2.170 GHz, N-Channel E-Mode, Lateral MOSFET
|
TriQuint Semiconductor
|
UPG2162T5N UPG2162T5N-E2-A |
DPDT SWITCH FOR 2.4 GHz AND 6 GHz DUAL-BAND WIRELESS LAN
|
California Eastern Labs
|
AGR21045EF |
45 W, 2.110 GHz-2.170 GHz, N-Channel E-Mode, Lateral MOSFET
|
TriQuint Semiconductor
|