PART |
Description |
Maker |
ISPLSI2064VL-100LB100 ISPLSI2064VL-100LJ44 ISPLSI2 |
2.5V In-System Programmable SuperFAST?High Density PLD 2.5V In-System Programmable SuperFAST?/a> High Density PLD 2.5V In-System Programmable SuperFAST⑩ High Density PLD 2.5V In-System Programmable SuperFAST High Density PLD Turns Counting Dial; Number of Turns:10; Knob/Dial Style:Round Skirted With Indicator Line; Body Material:Aluminum; Shaft Size:1/4; Color:Satin RoHS Compliant: Yes EE PLD, 10 ns, PQFP100 2.5V In-System Programmable SuperFASTHigh Density PLD EE PLD, 10 ns, PQFP100 2.5VIn-SystemProgrammableSuperFASTHighDensityPLD
|
LATTICE[Lattice Semiconductor] Lattice Semiconductor Corporation Lattice Semiconductor, Corp.
|
ISPLSI2192VE-135LT128 ISPLSI2192VE-180-L-T128 ISPL |
3.3V In-System Programmable SuperFAST High Density PLD 3.3V In-System Programmable SuperFAST⑩ High Density PLD 3.3VIn-SystemProgrammableSuperFASTHighDensityPLD RELAY SSR 110A 240VAC AC INPUT 3.3V In-System Programmable SuperFASTHigh Density PLD
|
LATTICE[Lattice Semiconductor] LatticeSemiconductor Lattice Semiconductor Corporation
|
SCFS12000 SCFS10000 SCFS2000 SCFS4000 SCFS6000 SCF |
1.5 A, 4000 V, SILICON, RECTIFIER DIODE FAST RECOVERY HIGH VOLTAGE RECTIFIER ASSEMBLY High Voltage,High Density Fast Recovery Rectifier(反向电压4000V,温55℃时平均整流电流1.5A,高压,高密度,快速恢复整流器) High Voltage,High Density Fast Recovery Rectifier(反向电压6000V,温5℃时平均整流电流1.5A,高压,高密度,快速恢复整流器) High Voltage,High Density Fast Recovery Rectifier(反向电压12000V,温5℃时平均整流电流1.5A,高压,高密度,快速恢复整流器) High Voltage,High Density Fast Recovery Rectifier(反向电压2000V,温5℃时平均整流电流1.5A,高压,高密度,快速恢复整流器) High Voltage,High Density Fast Recovery Rectifier(反向电压10000V,温5℃时平均整流电流1.5A,高压,高密度,快速恢复整流器) High Voltage,High Density Fast Recovery Rectifier(????靛?12000V锛?俯搴?5???骞冲??存??垫?1.5A,楂??锛??瀵?害锛?揩???澶??娴??)
|
Semtech Corporation
|
ISPLSI2128E-100LT176 ISPLSI2128E-135LT176 ISPLSI21 |
In-SystemProgrammableSuperFASTHighDensityPLD In-System Programmable SuperFASTHigh Density PLD EE PLD, 7.5 ns, PQFP176 In-System Programmable SuperFAST High Density PLD In-System Programmable SuperFAST⑩ High Density PLD In-System Programmable SuperFAST?/a> High Density PLD
|
Lattice Semiconductor, Corp. Lattice Semiconductor Corporation LATTICE[Lattice Semiconductor]
|
ISPLSI2192VL-100LB144 ISPLSI2192VL-100LT128 ISPLSI |
2.5V In-System Programmable SuperFAST High Density PLD TRIAC STANDARD 12A 400V TO-220AB 2.5V In-System Programmable SuperFASTHigh Density PLD
|
Lattice Semiconductor Corporation
|
1024-60LH_883 ISPLSI1024-60LH_883 1024 1024-60LH/8 |
60 MHz in-system prommable high density PLD In-System Programmable High Density PLD EE PLD, 25 ns, PQCC68 :4; Features:Alumunium Foil Polyester/Tinned Copper Braid; Impedance:120ohm RoHS Compliant: Yes
|
Lattice Semiconductor, Corp. Lattice Semiconductor Corporation LATTICE[Lattice Semiconductor] http://
|
ISP844X ISP824 ISP814 ISP824X ISP814X IS814 IS824 |
6V, 50mA hihg density AC input phototransistor optically coupled isolator HIGH DENSITY A.C. INPUT PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS 高密度交流输入光电晶体管的光耦合隔离 RES 18K 1/10W 5% 0805 TF
|
Electronic Theatre Controls, Inc. List of Unclassifed Manufacturers ISOCOM
|
DK50-1.0 DK50-1.0M DK44-1.0 DK44-1.0M DK60-1.0 DK6 |
1.0mm High Density FLEX (300V, 105隆?C) 1.0mm High Density FLEX (300V, 105掳C) 1.0mm High Density FLEX (300V, 105°C)
|
Yamaichi Electronics Co., Ltd. http://
|
CY14B104NA-ZSP20XCT CY14B104NA-ZSP20XIT CY14B104LA |
4 Mbit (512K x 8/256K x 16) nvSRAM; Organization: 256Kb x 16; Vcc (V): 2.7 to 3.6 V; Density: 4 Mb; Package: TSOP 256K X 16 NON-VOLATILE SRAM, 20 ns, PDSO54 4 Mbit (512K x 8/256K x 16) nvSRAM; Organization: 512Kb x 8; Vcc (V): 2.7 to 3.6 V; Density: 4 Mb; Package: FBGA 4 Mbit (512K x 8/256K x 16) nvSRAM; Organization: 256Kb x 16; Vcc (V): 2.7 to 3.6 V; Density: 4 Mb; Package: FBGA
|
Cypress Semiconductor, Corp. CYPRESS SEMICONDUCTOR CORP
|
ISPLSI5256VE-125LT100I ISPLSI5256VE-100LF256I ISPL |
In-system programmable 3.3V SuperWIDE high density PLD. fmax 80 MHz, tpd 12 ns. EE PLD, 10 ns, PBGA256 In-system programmable 3.3V SuperWIDE high density PLD. fmax 100 MHz, tpd 10 ns. In-system programmable 3.3V SuperWIDE high density PLD. fmax 125 MHz, tpd 7.5 ns. In-system programmable 3.3V SuperWIDE high density PLD. fmax 165 MHz, tpd 6.0 ns.
|
Lattice Semiconductor, Corp. LATTICE SEMICONDUCTOR CORP
|