PART |
Description |
Maker |
LTC3427 LTC3427EDC LTC3427EDCTRM |
500mA, 1.25MHz Synchronous Step-Up DC/DC Converter in 2mm x 2mm DFN Package; Package: DFN; No of Pins: 6; Temperature Range: -40°C to 125°C 0.5 A SWITCHING REGULATOR, 1500 kHz SWITCHING FREQ-MAX, PDSO6 500mA, 1.25MHz Synchronous Step-Up DC/DC Converter in 2mm × 2mm DFN Package 500mA, 1.25MHz Synchronous Step-Up DC/DC Converter in 2mm 】 2mm DFN Package
|
Linear Technology, Corp.
|
LTM8021 |
500mA Step-Down DC/DC Module
|
Linear Technology
|
AAT1120IES-0.6-T1 |
500mA Step-Down Converter
|
Skyworks Solutions Inc.
|
UC3655L-XX-AF5-R UC365511 |
500mA SYNCHRONOUS STEP-DOWN DC/DC CONVERTERS
|
Unisonic Technologies
|
SC19510 SC195ULTRT SC195EVB |
3.5MHz, 500mA Synchronous Step Down DC-DC Regulator
|
Semtech Corporation
|
XC9216 XC9215 XC9217 |
(XC9215 - XC9217) 500mA Synchronous Step-Down DC/DC Converters
|
Torex Semiconductor
|
LT3480 LT3645 LT3791 LT3990 LT3991 LT3682 LT3970 L |
36V 500mA Step-Down Regulator and 200mA LDO
|
Linear Technology
|
MAX5033AASAT |
500mA, 76V, High-Efficiency, MAXPower Step-Down DC-DC Converter
|
MAXIM - Dallas Semiconductor
|
LTC3630A-15 |
High Efficiency, 76V 500mA Synchronous Step-Down Converter
|
Linear Technology
|
MAX8640ZEXT13 |
Tiny 500mA, 4MHz/2MHz Synchronous Step-Down DC-DC Converters
|
Maxim Integrated Products, Inc.
|
LT3592 LT3592EDDB LT3592EDDB-PBF LT3592EDDB-TR LT3 |
500mA Wide Input Voltage Range Step-Down LED Driver with 10:1 Dimming
|
Linear Technology
|
MAX17501 |
60V, 500mA, Ultra-Small, High-Efficiency,Synchronous Step-Down DC-DC Converter
|
Maxim Integrated Products
|