PART |
Description |
Maker |
MAX8640ZEXT13 |
Tiny 500mA, 4MHz/2MHz Synchronous Step-Down DC-DC Converters
|
Maxim Integrated Products, Inc.
|
LTC3526BEDC-2-PBF LTC3526EDC-2-PBF LTC3526BEDC-2-T |
500mA 2MHz Synchronous Step-Up DC/DC Converters in 2mm × 2mm DFN 500mA 2MHz Synchronous Step-Up DC/DC Converters in 2mm ? 2mm DFN 500mA 2MHz Synchronous Step-Up DC/DC Converters in 2mm 隆驴 2mm DFN
|
Linear Technology
|
LT3502EDCTRMPBF LT3502AIDCTR LT3502IDC |
1.1MHz/2.2MHz, 500mA Step-Down Regulators in 2mm x 2mm DFN and MS10; Package: DFN; No of Pins: 8; Temperature Range: -40°C to 125°C 1.1 A SWITCHING REGULATOR, 1400 kHz SWITCHING FREQ-MAX, PDSO10 1.1 A SWITCHING REGULATOR, 2800 kHz SWITCHING FREQ-MAX, PDSO10
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
LTC3527-1 LTC3527EUD-1 LTC3527EUD-1-PBF LTC3527EUD |
Dual 800mA/400mA, 1.2MHz/2.2MHz Synchronous Step-Up DC/DC Converters
|
Linear Technology
|
LT1930 LT1930A |
1A, 1.2MHz/2.2MHz, Step-Up DC/DC Converters in ThinSOT
|
Linear Technology
|
AIC1631 AIC1631-3CN AIC1631-3CS AIC1631-5CN AIC163 |
2-Cell, 500mA, Step-Up DC/DC Converter 2节电池,500mA的,升压型DC / DC转换 2-Cell/ 500mA/ Step-Up DC/DC Converter
|
Analog Integrations Corporation AIC[Analog Intergrations Corporation] Analog Integrations, Corp.
|
ADP2119 ADP2120 |
2A, 1.2MHz Synchronous Step-Down DC-to-DC Regulator 1.25A, 1.2MHz Synchronous Step-Down DC-to-DC Regulator
|
Analog Devices
|
5962-8994204QA 5962-8994201XX 5962-8994203QA |
High-Speed Step-Down Controller with Accurate Current Limit for Notebook Computers 3µs, 12-Bit ADC 1A/2.7A, 1MHz, Step-Down Regulators with Synchronous Rectification and Internal Switches 多模先进先出
|
Nihon Inter Electronics, Corp.
|
LTC3527EUDTRPBF |
Dual 800mA/400mA, 1.2MHz/2.2MHz Synchronous Step-Up DC/DC Converters; Package: QFN; No of Pins: 10; Temperature Range: -40°C to 125°C 0.8 A DUAL SWITCHING CONTROLLER, 2800 kHz SWITCHING FREQ-MAX, PQCC16
|
Linear Technology, Corp.
|
AAT1123IJS-2.5-T1 |
1MHz Step-Down Converter
|
Skyworks Solutions
|
AAT115506 AAT1155IKS-3.3-T1 AAT1155IKS-1.8-T1 AAT1 |
1MHz 2.5A Step-Down DC/DC Converter
|
Advanced Analogic Technolog... Advanced Analogic Technologies
|