PART |
Description |
Maker |
LT1801IMS8 LT1802CS LT1801CS8 LT1801CMS8 LT1801IS8 |
Dual/Quad 80MHz, 25V/レs Low Power Rail-to-Rail Input and Output Precision Op Amps
|
Linear Technology
|
P412025 PS4125 P411825 P412225 P412425 |
POW-R-BLOK Single Diode Isolated Module (2500 Amperes / Up to 2400 Volts) POW - r的,单台BLOk反应腔二极管隔离模块(二五?安高达2400伏特
|
Powerex, Inc. POWEREX[Powerex Power Semiconductors]
|
SM802112UMG SM802112UMGTR |
ClockWorks 3-Output, 480MHz/80MHz, Ultra-Low Jitter LVDS/CMOS Frequency Synthesizer
|
Micrel Semiconductor
|
MAX148 MAX148ACAP MAX148ACPP MAX148AEAP MAX148AEPP |
2.7V to 5.25V / Low-Power / 8-Channel / Serial 10-Bit ADCs 2.7V to 5.25V, Low-Power, 8-Channel, Serial 10-Bit ADCs 2.7V to 5.25V Low-Power 8-Channel Serial 10-Bit ADCs From old datasheet system
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products]
|
BUK7720-55A |
CAPACITOR, 22000UF 25V CAPACITOR, 22000UF 25V; CAPACITANCE:22000UF; VOLTAGE RATING, DC:25V; CAPACITOR DIELECTRIC TYPE:ALUMINIUM ELECTROLYTIC; SERIES:LLS; TEMP, OP. MAX:85(DEGREE C); TEMP, OP. MIN:-40(DEGREE C); TOLERANCE, :20%; RoHS Compliant: Yes N-channel TrenchMOS standard level FET
|
PHILIPS[Philips Semiconductors] NXP Semiconductors
|
LM2901D LM239D LM339AD LM339N LM239AD LM239ADR2 LM |
0.022UF 10% 25V MLCC 0603 CAP,25V,X7R SMD, 0603 Quad Single Supply Comparators ORDERING INFORMATION From old datasheet system
|
ONSEMI[ON Semiconductor]
|
ZX5T869G ZX5T869GTA ZX5T869GTC |
25V NPN LOW SATURATION TRANSISTOR IN SOT223
|
Zetex Semiconductors
|
AZ432BUZTR-G1 AZ432BUZTR-E1 AJZ432BZTR-G1 AZ432BZT |
LOW VOLTAGE (1.25V) ADJUSTABLE PRECISION SHUNT REGULATOR
|
Diodes
|
APL5913-KAC-TR APL5913 APL5913-KAC-TRL APL5913-KAC |
0.8V Reference Ultra Low Dropout (0.25V@3A) Linear Regulator
|
ANPEC[Anpec Electronics Coropration]
|
2SD612K 2SD612 2SB632 2SB632K |
PNP Epitaxial Planar Silicon Transistor for 25V/35V, 2A Low-Frequency Power Amplifier Applications(用于25V/35VA低频功率放大器应用的PNP硅外延平面型晶体 PNP/NPN Epitaxial Planar Silicon Transistors PNP Epitaxial Planar Silicon Transistor 25V/35V, 2A Low-Frequency Power Amplifier Applications NPN Epitaxial Planar Silicon Transistor 25V/35V, 2A Low-Frequency Power Amplifier Applications
|
Sanyo Electric Co.,Ltd.
|
CM431655 CM431255 |
Dual SCR POW-R-BLOK?Modules 55 Amperes/1200-1600 Volts Dual SCR POW-R-BLOK Modules 55 Amperes/1200-1600 Volts Dual SCR POW-R-BLOK⑩ Modules 55 Amperes/1200-1600 Volts Dual SCR POW-R-BLOKModules 55 Amperes/1200-1600 Volts
|
Powerex Power Semicondu... POWEREX[Powerex Power Semiconductors]
|