PART |
Description |
Maker |
IS-80C32 IS80C32 |
(IS-80C32 / IS-80C52) CMOS SINGLE CHIP LOW VOLTAGE 8-BIT MICROCONTROLLER (IS80C32 / IS80C52) CMOS SINGLE CHIP LOW VOLTAGE 8-BIT MICROCONTROLLER
|
Integrated Silicon Solution
|
IS80C52 IS80C32 IS80C32-40PQI IS80C52-12PL IS80C52 |
CMOS SINGLE CHIP LOW VOLTAGE 8-BIT MICROCONTROLLER
|
ISSI[Integrated Silicon Solution, Inc]
|
KIC9316F KIC9316FA KIC9316FB |
4-Bit CMOS Single Chip Microcontroller For Digital Tuning System Capable of Making 3V Low Voltage Operation, Containing PLL Circuit and LCD Driver.(4位单片CMOS微控制器(用V 数字调谐系统,具有锁相环电路和LCD驱动器)) 4-Bit CMOS Single Chip Microcontroller For Digital Tuning System Capable of Making 3V Low Voltage Operation, Containing PLL Circuit and LCD Driver.(4浣????MOS寰???跺?锛??浜?V ?板?璋??绯荤?锛??????哥??佃矾??CD椹卞????)
|
KEC Holdings
|
M37207MF-106FP M37207MF-157SP M37207M8-XXXSP M3720 |
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER and ON-SCREEN DISPLAY CONTROLLER Single Chip 8-Bit CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER
|
Mitsubishi Electric Corporation
|
ADG758 ADG759 ADG758BCPZ |
CMOS Low Voltage, 3 ohms 4-Channel Multiplexer CMOS Low Voltage, 3 ohms 8-Channel Multiplexer 3 ohm, 4-/8-Channel Multiplexers in Chip Scale Package CMOS Low Voltage, 3 O 8-Channel Multiplexer 8-CHANNEL, SGL ENDED MULTIPLEXER, QCC20
|
Analog Devices, Inc.
|
LC66356B LC662312A LC662316A LC66P2516 LC66516B LC |
Four-Bit Single-Chip Microcontrollers with 4, 6, and 8 KB of On-Chip ROM 四位单片机与4,6微控制器 KB的片上ROM Four-Bit Single-Chip Microcontrollers with 4/ 6/ 8/ 12/ and 16 KB of On-Chip ROM 4-Bit Microcontroller Microcontroller 微控制器 Four-Bit Single-Chip Microcontrollers with 4/6/and 8 Four-Bit Single-Chip Microcontrollers with 8 12 and 16 KB of On-Chip ROM Four-Bit Single-Chip Microcontrollers with 4 6 8 12 and 16 KB of On-Chip ROM Four-Bit Single-Chip Microcontrollers with 4, 6, 8, 12, and 16 KB of On-Chip ROM Four-Bit Single-Chip Microcontrollers with 4 6 and 8 KB of On-Chip ROM Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip EPROM Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip OTP PROM 12 and 16-kbyte on-chip ROM capacities CMOS 4-bit single-chip microcontrollers
|
Sanyo Electric Co., Ltd. Eutech Microelectronics, Inc. SANYO[Sanyo Semicon Device] http://
|
M306N0FGFP M306N0FGTFP M306N0MCT-XXXFP M16C/6N M30 |
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER Single Chip 16 Bit CMOS Microcomputer M16C/6N Series Microcontrollers: For Controller Area Network Single chip 16-bit CMOS microcomputer
|
Mitsubishi Electric Semicon... Mitsubishi Electric Corporation
|
74LX1GU04STR 74LX1GU04 74LX1GU04CTR |
LOW VOLTAGE SINGLE INVERTER (SINGLE STAGE) LOW VOLTAGE CMOS SINGLE INVERTER WITH 5V TOLERANT INPUT
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导
|
M37220M3 M37220M3-010SP M37220M3-155SP M37220M3-15 |
SINGLE-CHIP 8-BIT CMOS MICROCOMPRTER FOR VOLTAGE SYNTHESIZER WITH ON-SCREEN DISPLAY CONTROLLER SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER
|
MITSUBISHI[Mitsubishi Electric Semiconductor]
|
LC72342G LC72342W LC72341 LC72341G LC72341W LC7234 |
Low-Voltage Single-Chip Microcontrollers with On- Chip PLL and LCD Driver Circuits
|
SANYO[Sanyo Semicon Device]
|