PART |
Description |
Maker |
IDT70V3589S166BC |
HIGH-SPEED 3.3V 128/64K x 36 SYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE 64K X 36 DUAL-PORT SRAM, 12 ns, PBGA256
|
Integrated Device Technology, Inc.
|
M95256 |
256/128 Kbit Serial SPI Bus EEPROM With High Speed Clock
|
STMicro
|
P80C31SFAA NXPSEMICONDUCTORS-P80C31SBPN112 P80C31S |
80C51 8-bit microcontroller family 128-256 byte RAM ROMless low voltage (2.7 V-5.5 V), low power, high speed (33 MHz)
|
NXP Semiconductors N.V.
|
80C31 80C31_80C32_1 P80C31 |
80C51 8-bit microcontroller family 128/256 byte RAM ROMless low voltage (2.7 V-5.5 V), low power, high speed (33 MHz) From old datasheet system
|
Philips
|
P4C1298-45JMB P4C1298-45PMB P4C1298-45JC P4C1298-4 |
ULTRA HIGH SPEED 64K x 4 STATIC CMOS RAM 64K X 4 STANDARD SRAM, 15 ns, CDIP28 ULTRA HIGH SPEED 64K x 4 STATIC CMOS RAM 超高4K的4静态CMOS存储
|
Pyramid Semiconductor Corporation Pyramid Semiconductor, Corp.
|
IS61LV6416 |
64K x 16 High-Speed CMOS Static RAM(3.3V,64K x 16 高速CMOS静态RAM) 64K的16高速CMOS静态RAM.3伏,64K的16高速的CMOS静态RAM)的
|
Integrated Silicon Solution, Inc.
|
AT27BV1024-12JC AT27BV1024-90VI AT27BV1024 AT27BV1 |
1 Megabit 64K x 16 Unregulated Battery-Voltage High Speed OTP CMOS EPROM 64K X 16 OTPROM, 90 ns, PDSO40
|
Atmel, Corp. Atmel Corp. ATMEL[ATMEL Corporation]
|
AS7C1026B AS7C1026B-20TIN AS7C1026B-10JC AS7C1026B |
High Speed CMOS Logic Triple 3-Input AND Gates 14-SOIC -55 to 125 64K X 16 STANDARD SRAM, 20 ns, PDSO44 5 V 64K X 16 CMOS SRAM 54K的16 CMOS SRAM 5 V 64K X 16 CMOS SRAM 64K X 16 STANDARD SRAM, 12 ns, PDSO44 5 V 64K X 16 CMOS SRAM 64K X 16 STANDARD SRAM, 20 ns, PDSO44 5 V 64K X 16 CMOS SRAM 64K X 16 STANDARD SRAM, 10 ns, PDSO44 High Speed CMOS Logic Dual Positive-Edge-Triggered J-K Flip-Flops with Set and Reset 16-PDIP -55 to 125 High Speed CMOS Logic Triple 3-Input AND Gates 14-PDIP -55 to 125 High Speed CMOS Logic Dual Positive-Edge-Triggered J-K Flip-Flops with Set and Reset 16-SOIC -55 to 125 SRAM - 5V Fast Asynchronous
|
Analog Devices, Inc. Alliance Semiconductor, Corp. ALSC[Alliance Semiconductor Corporation]
|
AT27LV512A AT27LV512A-12 AT27LV512A-12JC AT27LV512 |
High Speed CMOS Logic Quad Bilateral Switches 14-SOIC -55 to 125 64K X 8 OTPROM, 150 ns, PQCC32 High Speed CMOS Logic Quad Bilateral Switches 14-TSSOP -55 to 125 64K X 8 OTPROM, 90 ns, PQCC32 512K 64K x 8 Low Voltage OTP CMOS EPROM
|
Atmel, Corp. Atmel Corp. ATMEL[ATMEL Corporation]
|
AT29C512-9 AT29C512-90JU AT29C512-70TC AT29C512-15 |
High Speed CMOS Logic Dual Positive-Edge-Triggered D-Type Flip-Flops with Set and Reset 14-PDIP -55 to 125 64K X 8 FLASH 5V PROM, 90 ns, PDIP32 High Speed CMOS Logic Dual Negative-Edge-Triggered J-K Flip-Flops with Reset 14-SOIC -55 to 125 64K X 8 FLASH 5V PROM, 90 ns, PQCC32 High Speed CMOS Logic Quad 2-Input Exclusive-NOR Gates 14-SOIC -55 to 125 64K X 8 FLASH 5V PROM, 70 ns, PQCC32 High Speed CMOS Logic Dual Negative-Edge-Triggered J-K Flip-Flops with Reset 14-PDIP -55 to 125 64K X 8 FLASH 5V PROM, 70 ns, PQCC32 High Speed CMOS Logic Dual Negative-Edge-Triggered J-K Flip-Flops with Reset 14-SOIC -55 to 125 64K X 8 FLASH 5V PROM, 70 ns, PDIP32 High Speed CMOS Logic Dual Positive-Edge-Triggered D-Type Flip-Flops with Set and Reset 14-SOIC -55 to 125 High Speed CMOS Logic Phase-Locked Loop with VCO and Lock Detector 16-SOIC -55 to 125 512K (64K x 8) 5-volt Only Flash Memory 512K 64K x 8 5-volt Only CMOS Flash Memory
|
Atmel, Corp. Atmel Corp. ATMEL[ATMEL Corporation]
|
LPC3200 LPC3220FET296 LPC3240FET296 |
16/32-bit ARM microcontrollers ARM926EJ-S with 128 kB SRAM, USB High-speed OTG, SD/MMC, NAND flash controller ARM926EJ-S with 256 kB SRAM, USB High-speed OTG, SD/MMC, NAND flash controller, Ethernet
|
NXP Semiconductors N.V.
|